Part Number Hot Search : 
74AVC N82005MT PEB3268 CXXXW 74LS17 VW6754 C3216X5R IRG4P
Product Description
Full Text Search
 

To Download KTB1370 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1996. 11. 19 1/3 semiconductor technical data KTB1370 triple diffused pnp transistor revision no : 1 high current switching applications. power amplifier applications. features  high collector current : i c =-7a.  low collector-emitter saturation voltage. : v ce(sat) =-0.5v(max.) at i c =-4a. maximum rating (ta=25 1 ) dim millimeters 1. base 2. collector 3. emitter to-220is 10.30 max 15.30 max 2.70 y 0.30 0.85 max x 3.20 y 0.20 3.00 y 0.30 a b c d e f g 12.30 max 0.75 max h 13.60 y 0.50 3.90 max 1.20 1.30 2.54 4.50 y 0.20 6.80 2.60 y 0.20 10 ? j k l m n o p q r f o q 1 2 3 l p n b g j m d n t t h e r t v s k l u t s 0.5 5 ^ 25 ^ 2.60 y 0.15 v u d a c electrical characteristics (ta=25 1 ) note : h fe (1) classification o:70  140 , y:120  240 characteristic symbol rating unit collector-base voltage v cbo -100 v collector-emitter voltage v ceo -80 v emitter-base voltage v ebo -5 v collector current i c -7 a base current i b -1 a collector power dissipation (tc=25 1 ) p c 30 w junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-100v, i e =0 - - -5  a emitter cut-off current i ebo v eb =-5v, i c =0 - - -5  a collector-emitter breakdown voltage v (br)ceo i c =-50ma, i b =0 -80 - - v dc current gain h fe (1) (note) v ce =-1v, i c =-1a 70 - 240 h fe (2) v ce =-1v, i c =-4a 30 - - collector-emitter saturation voltage v ce(sat) i c =-4a, i b =-0.4a - -0.3 -0.5 v base-emitter saturation voltage v be(sat) i c =-4a, i b =-0.4a - -0.9 -1.4 v transition frequency f t v ce =-4v, i c =-1a - 10 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 250 - pf switching time turn-on time t on - 0.4 -  s storage time t stg - 2.5 - fall time t f - 0.5 - i b1 10 ? b1 -i cc v =-30v i b2 i b2 20 s -i =i =0.3a 1% b1 b2 output duty cycle < =
1996. 11. 19 2/3 KTB1370 revision no : 1 c collector current i (a) 0 0 collectpr-emitter voltage v (v) ce ce c i - v h - i c collector current i (a) -0.02 -1 -0.1 -10 fe dc current gain h collector-emitter voltage 0 v (v) ce 0 collector current i (a) c v - i ce c -2 -4 -6 -8 -10 -2 -4 -6 -8 -10 common emitter tc=25 c i =-20ma b -200 -180 -160 -140 -120 -100 -80 -60 -40 0 -1 -2 -3 -4 -5 -6 -7 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 common emitter tc=25 c i =-20ma b -40 -100 -200 -30 0 -400 -500 -600 -700 -2 0 0 common emitter c collector current i (a) collector-emitter voltage 0 0-1 -1.0 -1.2 -0.8 -0.4 -0.2 -0.6 v (v) ce -2 -3 -4 -5 i =-20ma b -40 -100 tc=100 c v - i ce c -6 -7 -600 -400 -500 -700 -300 -200 -30 0 collector-emitter voltage collector current i (a) -0.8 -0.4 -0.2 -0.6 ce v (v) 0 0 -1 -2 -3 -4 -5 -6 c -7 -700 -600 -500 -4 0 0 -1.0 -1.2 common emitter v - i ce i =-20ma b - 1 0 0 tc=-55 c c -150 fe c -0.3 -3 10 30 100 300 1k 50 500 common emitter v =-1v ce tc=100 c tc=25 c tc=-55 c collector current i (a) collector-emitter saturation -0.02 -0.01 -0.05 -0.03 -0.1 -0.5 -0.3 -1 tc=-55 c -0.3 -0.1 -1 -10 -3 c v =-1v common emitter tc=25 c tc=100 c v - i ce(sat) ce c v (v) ce(sat)
1996. 11. 19 3/3 KTB1370 revision no : 1 collector current i (a) 0 c 0 base-emitter voltage v (v) be be c i - v v - i c collector current i (a) -0.02 -0.1 -0.3 -0.1 be(sat) base-emitter saturation collector current i (a) -1 c -0.1 collector-emitter voltage v (v) -3 -10 -30 ce safe operating area be(sat) c voltage v (v) -1 -10 -3 -0.3 -0.5 -1 -3 -5 -10 common emitter i /i =10 c b tc=-55 c tc=25 c tc=100 c -0.8 -1.6 -2.4 -3.2 -2 -4 -6 common emitter v =-1v ce tc =1 0 0 c tc=25 c tc=-55 c -100 -200 -0.3 -0.5 -1 -3 -5 -10 -20 single nonrepetive pulsed tc=25 c curves must be derated linerly with increase in temperature. * i max.(pulsed) c i max. c (continuous) dc operatio n tc =25 c v max. ceo 1ms 10ms 100ms * * * *


▲Up To Search▲   

 
Price & Availability of KTB1370

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X