Part Number Hot Search : 
TLP202G SM280A LH1504 LH1504 D3624 40406 MUR654CT LH1504
Product Description
Full Text Search
 

To Download KA431A11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2011 fairchild semiconductor corporation www.fairchildsemi.com rev. 1.0.9 features ? programmable output voltage to 36 volts ? low dynamic output impedance 0.2 typical ? sink current capability of 1.0 to 100ma ? equivalent full-range temperature coefficient of 50ppm/ c typical ? temperature compensated for operation over full rated operating temperature range ? low output noise voltage ? fast turn-on response description the ka431/ka431a/ka431l are three-terminal adjustable regulator series with a guaranteed thermal stability over applicable temperature ranges. the output voltage may be set to any value between vref (approximately 2.5 volts) and 36 volts with two external resistors these devices have a typical dynamic output impedance of 0.2 . active output circuitry provides a very sharp turn on characteristic, making these devices excellent replacement for zener diodes in many applications. to-92 8-dip 8-sop 1. ref 2. anode 3. cathode 1 1 1 1.cathode 2.3.6.7.anode 4.5.nc 8.ref 1.cathode 2.3.4.5.7.nc 6.anode 8.ref internal block diagram 2.5 vref cathode anode reference anode(a) reference (r) cathode (k) + - ka431/ka431a/ka431l programmable shunt regulator
ka431/ka431a/ka431l 2 absolute maximum ratings (operating temperature range applies unless otherwise specified.) recommended operating conditions parameter symbol value unit cathode voltage v ka 37 v cathode current range (continuous) i ka -100 ~ +150 ma reference input current range i ref -0.05 ~ +10 ma power dissipation d, z suffix package dip package p d 770 1000 mw mw operating temperature range t opr -25 ~ +85 c junction temperature t j 150 c storage temperature range t stg -65 ~ +150 c parameter symbol min. typ. max. unit cathode voltage v ka v ref -36v cathode current i ka 1.0 - 100 ma
ka431/ka431a/ka431l 3 electrical characteristics (t a = +25 c, unless otherwise specified) ?t min = -25 c, t max = +85 c parameter symbol conditions ka431 ka431a ka431l unit min. typ. max. min. typ. max. min. typ. max. reference input voltage v ref v ka =v ref , i ka =10ma 2.450 2.500 2.550 2.470 2.495 2.520 2.482 2.495 2.508 v deviation of reference input voltage over- temperature vref/ t vka=vref, ika=10ma tmin ta tmax - 4.5 17 - 4.5 17 - 4.5 17 mv ratio of change in reference input voltage to the change in cathode voltage vref/ vka ika =10ma vka=10 v-vref - -1.0 - 2.7 - -1.0 - 2.7 - -1.0 -2.7 mv/v vka=36 v-10v - -0.5 -2.0 - -0.5 -2.0 - -0.5 -2.0 reference input current iref ika=10ma, r1=10k ,r2= -1.54 -1.54 -1.54 a deviation of reference input current over full temperature range iref/ t ika=10ma, r1=10k ,r2= ta =full range - 0.4 1.2 - 0.4 1.2 - 0.4 1.2 a minimum cathode cur- rent for regulation ika(min) vka=vref - 0.45 1.0 - 0.45 1.0 - 0.45 1.0 ma off - stage cathode current ika(off) vka=36v, vref=0 - 0.05 1.0 - 0.05 1.0 - 0.05 1.0 a dynamic impedance zka vka=vref, ika=1 to 100ma f 1.0khz - 0.15 0.5 - 0.15 0.5 - 0.15 0.5
ka431/ka431a/ka431l 4 test circuits figure 1. test circuit for v ka =v ref figure 2. test circuit for v ka v ref figure 3. test circuit for l ka(off)
ka431/ka431a/ka431l 5 typical performance characteristics figure 4. cathode current vs. cathode voltage figure 5. cathode current vs. cathode voltage figure 6. change in reference input voltage vs. cathode voltage figure7. dynamic impedance frequency figure 8. small signal voltage amplification vs. frequency figure 9. pulse response
ka431/ka431a/ka431l 6 typical performance characteristics (continued) 100p 1n 10n 100n 1 [ 10 [ 0 20 40 60 80 100 120 140 d c b a a v ka = vref b v ka = 5.0 v @ i k = 10 ma c v ka = 10 v @ i k = 10 ma d v ka = 15 v @ i k = 10 ma t a = 25 o c i k , cathode current(ma) c l , load capacitance figure 10. stability boundary conditions stable stable
ka431/ka431a/ka431l 7 typical application v o 1 r 1 r 2 ------ - + ?? ?? v ref = v o v ref 1 r 1 r 2 ------ - + ?? ?? = v o 1 r 1 r 2 ------ - + ?? ?? v ref = figure 11 . shunt regulator figure 12 . output control for minal fixed regulator three- te r - figure 13. high current shunt regulator figure 14. current limi t or current source figure 15. constant-current sink
ka431/ka431a/ka431l 8 mechanical dimensions package dimensions in millimeters 0.46 0.10 1.27typ (r2.29) 3.86max [1.27 0.20 ] 1.27typ [1.27 0.20 ] 3.60 0.20 14.47 0.40 1 .02 0.10 (0.25) 4.58 0.20 4.58 +0.25 ?.15 0.38 +0.1 0 ?.0 5 0.38 +0.10 ?.05 to-92 bulk type
ka431/ka431a/ka431l 9 mechanical dimensions (continued) package dimensions in millimeters to-92 ammo type & tape and reel type
ka431/ka431a/ka431l 10 mechanical dimensions (continued) package dimensions in millimeters 8-dip 6.40 0.20 3.30 0.30 0.130 0.012 3.40 0.20 0.134 0.008 # 1 # 4#5 #8 0.252 0.008 9.20 0.20 0.79 2.54 0.100 0.031 ( ) 0.46 0.10 0.018 0.004 0.060 0.004 1.524 0.10 0.362 0.008 9.60 0.378 max 5.08 0.200 0.33 0.013 7.62 0~15 0.300 max min 0.25 +0.10 ?.05 0.010 +0.004 ?.002
ka431/ka431a/ka431l 11 mechanical dimensions (continued) package dimensions in millimeters 4.92 0.20 0.194 0.008 0.41 0.10 0.016 0.004 1.27 0.050 5.72 0.225 1.55 0.20 0.061 0.008 0.1~0.25 0.004~0.001 6.00 0.30 0.236 0.012 3.95 0.20 0.156 0.008 0.50 0.20 0.020 0.008 5.13 0.202 max #1 #4 #5 0~8 #8 0.56 0.022 () 1.80 0.071 max0.10 max0.004 max min + 0.10 -0.05 0.15 + 0.004 -0.002 0.006 8-sop
ka431/ka431a/ka431l 2/22/11 0.0m 001 stock#ds400029 ? 2011 fairchild semiconductor corporation life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain li fe, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. ordering information ? for information on tape & reel and ammo pack specific ations, including part orientation and tape sizes, please refer to our tape and reel data, http://www.fairchildsemi.com/products/analog/packaging/to92r.html product number output voltage toleranc e package operating temperature shipping ka431lz 0.5% to-92 -25 ~ +85 c ka431ld 8-sop ka431az 1% to-92 ka431ad 8-sop ka431 2% 8-dip ka431z to-92 ka431d 8-sop ka431azmta 1% to-92 ammo pack ka431azta ka431aztf tape & reel ka431lzmta 0.5% ammo pack ka431lzta ka431lztf tape & reel ka431zmta 2% ammo pack ka431zta ka431ztf tape & reel


▲Up To Search▲   

 
Price & Availability of KA431A11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X