Part Number Hot Search : 
K1317 R1004 KP100 0SPBF MAX423 R3301 1A101 S5K3A1EA
Product Description
Full Text Search
 

To Download ESVB20J227M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 manganese dioxide type e/sv series standard / rohs compliant 30 (unit: mm) features lead-free type. rohs compliant. offer a range of small, high-capacity models. succeed to the latest technology plus outstanding peformance. halogen free, antimony free and red phosphorous free resin is applied to the exterior mold resin. dimensions [mm] case eia code l w1 w2 h z code j C 1.6 0.1 0.8 0.1 0.6 0.1 0.8 0.1 0.3 0.15 p 2012 2.0 0.2 1.25 0.2 0.9 0.1 1.1 0.1 0.5 0.1 a2 (u) 3216l 3.2 0.2 1.6 0.2 1.2 0.1 1.1 0.1 0.8 0.2 a 3216 3.2 0.2 1.6 0.2 1.2 0.1 1.6 0.2 0.8 0.2 b3 (w) 3528l 3.5 0.2 2.8 0.2 2.2 0.1 1.1 0.1 0.8 0.2 b2 (s) 3528 3.5 0.2 2.8 0.2 2.2 0.1 1.9 0.2 0.8 0.2 c2 C 6.0 0.2 3.2 0.2 2.2 0.1 1.4 0.1 1.3 0.2 c 6032 6.0 0.2 3.2 0.2 2.2 0.1 2.5 0.2 1.3 0.2 v C 7.3 0.2 4.3 0.2 2.4 0.1 1.9 0.1 1.3 0.2 d 7343 7.3 0.2 4.3 0.2 2.4 0.1 2.8 0.2 1.3 0.2 zz h lw1 w2 [j, p, a2, a cases] [b3, b2 cases] [c2, c, v, d cases] zz h lw1 w2 zz h l w2 w1
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 e/sv series 31 manganese dioxide type standard c-v value reference by case code esv d 0g 687 m dc rated voltage in volts capacitance tolerance capacitance (pf) first two digits represent significant figures. third digit specifies number of zeros to follow. m k : 20% : 10% case code e/sv series te [bulk] [tape and reel] esvd0g687m 12 r packing orientation tape width r : cathode on the side of spro ket hole part number of bulk tape and reel tl esvd0g687m 12 r e indicates 330mm reel tape and reel tl : 330 mm reel te : 180 mm reel 8 : 8 mm (j, p, a2, a, b3, b2 case) 12 : 12 mm (c2, c, v, d case) 0e : 2.5 v, 0g : 4 v, 0j : 6.3 v, 1a : 10 v, 1c : 16 v, 1d : 20 v, 1e : 25 v, 1v : 35 v part number system 2.5v 0e 4v 0g 6.3v 0j 10v 1a 16v 1c 20v 1d 25v 1e 35v 1v 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 477 687 p p j, p j, a j, p, a2, a p, a2, a a2, a a, b3 a, b3, b2 a, b2 b3, b2, c b2, c2, c c, d c, d d a2 a2 a2 a2 p, a2, a a2, a, b3 a2, a, b3, b2 b3, b2 b2 c b2, c2, c, d d c, d a a a2, a a a, b2 b3, b2 c c c, d d p j, p j, p j, p, a2 j, p, a2, a a2, a p, a2, a, b2 a2, b3 a, b3, b2 b3, b2 a, b2, c2, c b2, c2, c b2, c2, c, v, d v, d d a a p, a2, a a a b3, b2 b2 c2, c c d d p j j j, p, a j, p, a2 j, p, a2, a p, a2, a p, a2, a, b3, b2 a2, a, b3 a, b3, b2, c a, b3, b2, c2 a, b3, b2, c2, c b2, c b2, c, v, d v, d d p j j, p p p, a2, a p, a2, a p, a2, a, b3 a, b3 a2, a, b3, b2, c2 b2, c2 b2, c c, v d d j j p, a 2 p, a 2 p, a2, a a a, b3, b2 a, b3, c2 b3, b2, c2 b3, b2, c b2, c, d u r f u r :rated voltage
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 e/sv series 32 markings the standard marking shows capacitance, dc rated voltage, and polarity. [b3, b2, c2, c, v, d cases production date code] capacitance ( f) aa polarity marking code (dc rated v oltage and capacitance) j polarity marking code (dc rated v oltage and capacitance) j106 polarity capacitance (pf) capacitance ( f) dc rated voltage code 47 6t polarity production date cod e dc rated voltage dc rated voltage polarity pro duction date code 220 6t [p case] (ex. 1 f / 10 v) [j case] (ex. 4.7 f / 6.3 v) [a2, a cases] (ex. 10 f / 6.3 v) [b3, b2 cases] (ex. 47 f / 6.3 v) [c2, c, v, d cases] (ex. 220 f / 6.3 v) note: production date code will resume beg inning in 2015. jan. feb. mar. apr. may. jun. jul. aug. sep. oct. nov. dec. 2011 abcde fgh jk lm 2012 npq rs tuvwxyz 2013 abcdefghjklm 2014 npqrs tuvwx y z m y f 2.5 v 4 v 6.3 v 10 v 16 v 20v 25v 0.47 cs 0.68 cw 1 aa ca ea 1.5 je ae 2.2 aj cj dj 3.3 gn an cn 4.7 js as 6.8 jw 10 ga ja aa 15 ge je 22 ej gj jj 33 en gn 47 es gs [j case ma rking code] f 2.5 v 4 v 6.3 v 10 v 16 v 1.0 1.5 2.2 3.3 a 4.7 j 6.8 g 10 e 15 u r c a j j a [p case ma rking code] u r [p, a2, a, cases dc rated voltage code] code e rated 2.5 v 4 v 6.3 v 10 v 16 v 20 v 25 v 35v voltage g j j a e c c gjacdev u r :rated voltage
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 e/sv series 33 manganese dioxide type performance characteristics test conditions : conform to iec 60384-1 at 85 at 125 at 85 at 120 hz at 100 khz solder dip : 260, 5sec solder reflow : 260,10sec 25v 16v 33v 35v 22v 46v 16v 10v 20v 20v 13v 26v 6.3v 4v 8v 10v 6.3v 13v 2.5v 1.6v 3.3v 4v 2.5v 5.2v lower than 2 times initial specification (p, j case) or 1.25 times initial specification parts shall be temperature cycled over a temperature range of C55 to +125, five times continuously as follow. step 1: C55 , 303min. step 2: room temp. 10 to 15min. step 3: 125 , 303min. step 4: room temp, 10 to 15min. refer to standard ratings at 40 at 90 to 95% rh 500 hour at 85: rated voltage at 125: derated voltage 2000 hour strength : 4.9n time : 100.5sec. (two directions) 0.125c ? v( a) or 6.25 a, which ever is greater lower than initial specification lower than initial specification performance test condition operating temperature rated voltage (v.dc) derated voltage (v.dc) surge voltage (v.dc) capacitance capacitance tolerance dc leakage current (l.c) dissipation factor equivalent series resistance C55 to +125 item surge voltage test 0.47 f to 680 f l.c refer to standard ratings refer to standard ratings refer to standard ratings at 120 hz 20% or 10% (p,j case: 20%) 0 = 1% / 1000 hour visual: there shall be no evidence of mechanical damage refer to standard ratings refer to standard ratings refer to standard ratings at 85: rated voltage at 125: derated voltage 2000 hour lower than initial specification lower than initial specification endurance damp heat failure rate terminal strength conform to iec60384C1 conform to iec60384C1 others lower than 1.5 times initial specification voltage: rated voltage for 5min. temperature : 852 applied voltage : surge voltage series resistance : 33 ohm duration of surge : 305 sec time between surge : 5.5min. number of cycle : 1000 0.01c ? v( a) or 0.5 a , whichever is greater lower than initial specification lower than initial specification capacitance change df(%) lower than initial specification rapid change of temperature resistance to soldering heat characteristic at high and low temperature lower than initial specification C55 +85 +125 not to exceed C20% (p, j case) or C12% not to exceed +20% (p, j case) or +12% lower than initial specification refer to standard ratings refer to standard ratings not to exceed +20% (p, j case) or +15% 0.1c ? v( a) or 5 a, which ever is greater step 1: 252 step 2: C55 step 3: 252 step 4: 125 0 C3 0 C3 0 C3 0 C3 derated voltage at 85 at more [u t ] = [u r ] C [u r ] C [u c ] 40 reference : derated voltage (85 to 125 c) [u t ] : derated voltage at operating temperature [u r ] : rated voltage [u c ] : derated voltage at 125 c t : operating temperature (tC85)
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 e/sv series 34 2.5 10 j esvj0e106m 0.5 20 6.5 30 30 20% 20% 15 j esvj0e156m 0.5 20 8 30 30 20% 20% 22 p esvp0e226m 0.5 20 4 30 30 20% 20% 22 a2 esva20e226m 0.5 12 3 20 14 12% 12% 33 a2 esva20e336m 0.8 12 4 22 14 12% 12% 33 p esvp0e336m 0.8 20 4 30 30 20% 20% 47 p esvp0e476m 1.1 30 6 60 40 20% 20% 47 a2 esva20e476m 1.1 12 4.5 22 14 12% 12% 47 a esva0e476m 1.1 12 4.5 22 16 12% 12% 68 a esva0e686m 1.7 18 4.5 34 20 12% 12% 100 a esva0e107m 2.5 30 2 60 40 20% 20% 100 b3 esvb30e107m 2.5 18 1.3 34 20 15% 15% 100 b2 esvb20e107m 2.5 8 1 14 10 12% 12% 150 a esva0e157m 3.7 30 2 60 40 20% 20% 150 b3 esvb30e157m 3.7 20 1 40 30 15% 15% 150 c2 esvc20e157m 3.7 12 0.8 26 18 12% 12% 220 b3 esvb30e227m 5.5 30 1 60 40 15% 15% 220 b2 esvb20e227m 5.5 18 0.6 34 20 12% 12% 220 c2 esvc20e227m 5.5 12 0.8 26 18 12% 12% 330 b3 esvb30e337m 8.2 30 1 60 40 15% 15% 330 b2 esvb20e337m 8.2 25 0.6 50 30 12% 20% 330 c esvc0e337m 8.2 16 0.3 34 18 12% 12% 470 b2 esvb20e477m 11.7 35 0.6 70 50 20% 20% 470 c esvc0e477m 11.7 18 1.5 34 20 12% 12% 470 d esvd0e477m 11.7 14 0.5 18 16 12% 12% 4 3.3 p esvp0g335m 0.5 20 20 30 30 20% 20% 6.8 j esvj0g685m 0.5 20 7.5 30 30 20% 20% 10 j esvj0g106m 0.5 20 6.5 30 30 20% 20% 10 p esvp0g106m 0.5 20 6 30 30 20% 20% 15 p esvp0g156m 0.6 20 5 30 30 20% 20% 22 p esvp0g226m 0.8 20 4 30 30 20% 20% 22 a2 esva20g226m 0.8 12 2.8 22 16 12% 12% 22 a esva0g226m 0.8 8 2.5 12 10 12% 12% 33 p esvp0g336m 1.3 20 4 30 30 20% 20% 33 a2 esva20g336m 1.3 8 4.5 14 10 12% 12% 33 a esva0g336m 1.3 10 3 14 12 12% 12% 47 p esvp0g476m 1.8 30 3 60 40 20% 20% 47 a2 esva20g476m 1.8 15 4.5 30 20 12% 12% 47 a esva0g476m 1.8 12 2.5 22 14 12% 12% 47 b3 esvb30g476m 1.8 12 1.7 18 15 15% 15% 68 a esva0g686m 2.7 12 2.5 22 14 12% 12% 68 b3 esvb30g686m 2.7 15 1.5 28 17 15% 15% 100 a2 esva20g107m 4 30 2 60 40 20% 20% 100 a esva0g107m 4 30 2 60 40 20% 20% 100 b3 esvb30g107m 4 20 1.3 38 22 15% 15% 100 b2 esvb20g107m 4 12 0.8 22 14 12% 12% 100 c2 esvc20g107m 4 10 0.8 18 12 12% 12% 150 b2 esvb20g157m 6 18 0.7 34 20 12% 12% 150 c2 esvc20g157m 6 10 0.8 18 12 12% 12% 220 b2 esvb20g227m 8.8 18 0.5 34 20 12% 12% 220 c esvc0g227m 8.8 12 0.6 22 14 12% 12% 330 c esvc0g337m 13.2 14 0.2 26 16 12% 12% 330 v esvv0g337m 13.2 12 0.5 18 14 12% 12% 470 d esvd0g477m 18.8 16 0.3 30 18 12% 12% 680 d esvd0g687m 27.2 24 0.3 46 26 12% 12% 6.3 1.5 p esvp0j155m 0.5 10 25 15 15 20% 20% 2.2 j esvj0j225m 0.5 20 17.5 30 30 20% 20% 3.3 j esvj0j335m 0.5 20 13.5 30 30 20% 20% 4.7 j esvj0j475m 0.5 20 8.5 30 30 20% 20% 4.7 p esvp0j475m 0.5 20 10 30 30 20% 20% 4.7 a esva0j475m 0.5 8 5.5 12 10  5% 10% 6.8 j esvj0j685m 0.5 20 7 30 30 20% 20% 6.8 p esvp0j685m 0.5 20 7 30 30 20% 20% capacitance voltage (v) case code part number (bulk) ( f) rated capacitance change at endurance -55 +125 soldering heat at resistance to at damp heat at surge voltage leakage current max df max esr max ( % ) ( a) df ( % ) max ( ) standard ratings
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 e/sv series 35 manganese dioxide type 6.3 6.8 a2 esva20j685m 0.5 8 6.5 12 10 12% 12% 10 j esvj0j106m 0.6 20 8 38 22 20% 20% 10 p esvp0j106m 0.6 20 6 30 30 20% 20% 10 a2 esva20j106m 0.6 8 4.5 12 10 12% 12% 10 a esva0j106m 0.6 8 3.2 12 10 12% 12% 15 p esvp0j156m 0.9 20 5 30 30 20% 20% 15 a2 esva20j156m 0.9 12 4 22 14 12% 12% 15 a esva0j156m 0.9 8 3 12 10 12% 12% 22 p esvp0j226m 1.3 20 4 38 22 20% 20% 22 a2 esva20j226m 1.3 12 2.8 22 14 12% 12% 22 a esva0j226m 1.3 10 3 14 12 12% 12% 22 b3 esvb30j226m 1.3 8 2 12 10 15% 15% 22 b2 esvb20j226m 1.3 8 1.6 12 10 5% 10% 33 a2 esva20j336m 2 18 3 34 20 20% 20% 33 a esva0j336m 2 12 2.5 22 14 12% 12% 33 b3 esvb30j336m 2 12 1.7 18 15 15% 15% 47 a esva0j476m 2.9 12 2 22 14 12% 12% 47 b3 esvb30j476m 2.9 12 1.7 18 15 15% 15% 47 b2 esvb20j476m 2.9 8 1.3 12 10 5% 10% 47 c esvc0j476m 2.9 8 0.9 12 10 5% 10% 68 a esva0j686m 4.2 30 2 60 40 12% 12% 68 b3 esvb30j686m 4.2 20 2 38 22 15% 15% 68 b2 esvb20j686m 4.2 10 1 18 12 12% 12% 68 c2 esvc20j686m 4.2 10 0.8 14 12 12% 12% 100 a esva0j107m 6.3 25 2 60 40 20% 20% 100 b3 esvb30j107m 6.3 20 1.3 38 22 15% 15% 100 b2 esvb20j107m 6.3 12 0.9 22 14 12% 12% 100 c2 esvc20j107m 6.3 10 0.8 18 12 12% 12% 100 c esvc0j107m 6.3 10 0.6 14 12 12% 12% 150 b2 esvb20j157m 9.4 12 1 22 14 12% 12% 150 c esvc0j157m 9.4 10 0.6 18 12 12% 12% 220 b2 ESVB20J227M 13.8 18 1 34 20 12% 12% 220 c esvc0j227m 13.8 14 1.2 26 16 12% 12% 220 v esvv0j227m 13.8 12 0.5 18 14 12% 12% 220 d esvd0j227m 13.8 12 0.5 18 14 12% 12% 330 v esvv0j337m 20.7 14 0.5 26 16 5% 10% 330 d esvd0j337m 20.7 14 0.5 26 16 12% 12% 470 d esvd0j477m 29.6 20 0.3 38 22 20% 20% 10 1 p esvp1a105m 0.5 10 25 15 15 20% 20% 1.5 j esvj1a155m 0.5 20 25.5 30 30 20% 20% 1.5 p esvp1a155m 0.5 20 25 30 30 20% 20% 2.2 j esvj1a225m 0.5 20 17.5 30 30 20% 20% 2.2 p esvp1a225m 0.5 20 19 30 30 20% 20% 3.3 j esvj1a335m 0.5 20 25 30 30 20% 20% 3.3 p esvp1a335m 0.5 20 13 30 30 20% 20% 3.3 a2 esva21a335m 0.5 8 8 12 10 12% 12% 4.7 j esvj1a475m 0.5 20 10 30 30 20% 20% 4.7 p esvp1a475m 0.5 20 6 30 30 20% 20% 4.7 a2 esva21a475m 0.5 8 8 12 10 12% 12% 4.7 a esva1a475m 0.5 8 4.5 12 10 12% 12% 6.8 a2 esva21a685m 0.6 8 8 12 10 12% 12% 6.8 a esva1a685m 0.6 8 4.5 12 10 12% 12% 10 p esvp1a106m 1 20 6 30 30 20% 20% 10 a2 esva21a106m 1 8 8 12 10 12% 12% 10 a esva1a106m 1 8 3.2 12 10 12% 12% 10 b2 esvb21a106m 1 8 2.4 12 10 5% 10% 15 a2 esva21a156m 1.5 12 3 22 14 12% 12% 15 b3 esvb31a156m 1.5 8 2.7 12 10 15% 15% 22 a esva1a226m 2.2 12 2.5 22 14 12% 12% 22 b3 esvb31a226m 2.2 8 1.9 12 10 15% 15% 22 b2 esvb21a226m 2.2 8 1.4 12 10 5% 10% 33 b3 esvb31a336m 3.3 12 1.7 18 15 15% 15% 33 b2 esvb21a336m 3.3 8 1.4 12 10 5% 10% capacitance voltage (v) case code part number (bulk) ( f) rated capacitance change at endurance -55 +125 soldering heat at resistance to at damp heat at surge voltage leakage current max df max esr max ( % ) ( a) df ( % ) max ( )
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 e/sv series 36 10 47 a esva1a476m 4.7 20 5 36 24 20% 20% 47 b2 esvb21a476m 4.7 8 1 12 10 12% 12% 47 c2 esvc21a476m 4.7 8 1 14 10 12% 12% 47 c esvc1a476m 4.7 8 0.9 12 10 5% 10% 68 b2 esvb21a686m 6.8 12 0.9 14 14 12% 12% 68 c2 esvc21a686m 6.8 10 1 18 14 12% 12% 68 c esvc1a686m 6.8 8 0.7 12 10 12% 12% 100 b2 esvb21a107m 10 16 1.4 20 20 20% 30% 100 c2 esvc21a107m 10 10 0.8 18 14 12% 12% 100 c esvc1a107m 10 10 0.5 18 12 12% 12% 100 v esvv1a107m 10 8 0.5 18 10 12% 12% 100 d esvd1a107m 10 8 0.6 18 10 5% 10% 150 v esvv1a157m 15 8 0.5 18 10 12% 12% 150 d esvd1a157m 15 10 0.6 18 12 12% 12% 220 d esvd1a227m 22 12 0.6 22 14 12% 12% 16 0.47 p esvp1c474m 0.5 10 35 15 15 20% 20% 0.68 p esvp1c684m 0.5 10 25 15 15 20% 20% 1 j esvj1c105m 0.5 10 25.5 30 15 20% 20% 1 p esvp1c105m 0.5 10 20 15 15 20% 20% 1.5 j esvj1c155m 0.5 10 25 20 15 20% 20% 1.5 a esva1c155m 0.5 4 6 8 6 5% 10% 2.2 j esvj1c225m 6.8 20 20 30 30 20% 20% 2.2 p esvp1c225m 0.5 10 19 15 15 20% 20% 2.2 a2 esva21c225m 0.5 6 10 10 8 12% 12% 2.2 a esva1c225m 0.5 6 6 10 8 5% 10% 3.3 p esvp1c335m 0.5 10 8 15 15 20% 20% 3.3 a2 esva21c335m 0.5 8 7 14 10 12% 12% 3.3 a esva1c335m 0.5 6 4.5 10 8 12% 12% 4.7 a2 esva21c475m 0.7 8 4.5 14 10 12% 12% 4.7 a esva1c475m 0.7 6 4 10 8 12% 12% 6.8 a esva1c685m 1 6 4 10 8 12% 12% 6.8 b3 esvb31c685m 1 6 4.1 10 8 15% 15% 10 a esva1c106m 1.6 8 3.2 12 10 12% 12% 10 b3 esvb31c106m 1.6 8 3.5 14 10 15% 15% 10 b2 esvb21c106m 1.6 6 2 10 8 5% 10% 15 a esva1c156m 2.4 12 5 22 14 12% 12% 15 b2 esvb21c156m 2.4 6 2 10 8 5% 10% 22 b3 esvb31c226m 3.5 10 2.2 18 12 15% 15% 22 b2 esvb21c226m 3.5 6 2.2 10 8 5% 10% 22 c esvc1c226m 3.5 6 1.5 10 8 5% 10% 33 b2 esvb21c336m 5.2 8 1.4 14 10 5% 10% 33 c2 esvc21c336m 5.2 6 1.4 10 8 12% 12% 33 c esvc1c336m 5.2 6 1.1 10 8 5% 10% 47 c esvc1c476m 7.5 6 0.8 10 8 12% 12% 47 d esvd1c476m 7.5 6 0.7 10 8 5% 10% 68 c esvc1c686m 10.8 6 0.7 16 10 12% 12% 68 d esvd1c686m 10.8 6 0.7 10 8 5% 10% 100 d esvd1c107m 16 8 0.5 18 10 12% 12% 20 0.47 a2 esva21d474m 0.5 6 25 10 8 5% 10% 0.68 a2 esva21d684m 0.5 6 15 10 8 5% 10% 1 a2 esva21d105m 0.5 6 12 10 8 12% 12% 1.5 a2 esva21d155m 0.5 6 7.4 10 8 12% 12% 2.2 p esvp1d225m 0.5 10 8 15 15 20% 20% 2.2 a2 esva21d225m 0.5 6 7 10 8 12% 12% 2.2 a esva1d225m 0.5 6 6 10 8 12% 12% 3.3 a2 esva21d335m 0.6 8 5 14 10 12% 12% 3.3 a esva1d335m 0.6 6 5 10 8 12% 12% 3.3 b3 esvb31d335m 0.6 6 3.9 10 8 15% 15% 4.7 a2 esva21d475m 0.9 15 5 30 20 12% 12% 4.7 a esva1d475m 0.9 6 5 10 8 12% 12% 4.7 b3 esvb31d475m 0.9 6 3 10 8 15% 15% 4.7 b2 esvb21d475m 0.9 6 3 10 8 5% 10% 6.8 b3 esvb31d685m 1.3 6 3 10 8 15% 15% capacitance voltage (v) case code part number (bulk) ( f) rated capacitance change at endurance -55 +125 soldering heat at resistance to at damp heat at surge voltage leakage current max df max esr max ( % ) ( a) df ( % ) max ( )
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653tcavol14e1109e0 e/sv series 37 manganese dioxide type 20 6.8 b2 esvb21d685m 1.3 6 2.8 10 8 5% 10% 10 b2 esvb21d106m 2 6 2.5 10 8 5% 10% 15 c esvc1d156m 3 6 1.7 10 8 5% 10% 22 b2 esvb21d226m 4.4 6 3 10 8 20% 20% 22 c2 esvc21d226m 4.4 6 1.4 10 8 12% 12% 22 c esvc1d226m 4.4 6 1.4 10 8 12% 12% 22 d esvd1d226m 4.4 6 0.8 10 8 5% 10% 33 d esvd1d336m 6.6 6 0.8 10 8 5% 10% 47 c esvc1d476m 9.4 6 1 10 8 12% 12% 47 d esvd1d476m 9.4 6 0.7 10 8 5% 10% 25 0.47 a esva1e474m 0.5 4 13 8 6 5% 10% 0.68 a esva1e684m 0.5 6 9 10 8 5% 10% 1 p esvp1e105m 0.5 6 8 10 8 20% 20% 1 a2 esva21e105m 0.5 6 13 10 8 12% 12% 1 a esva1e105m 0.5 6 8 10 8 5% 10% 2.2 a esva1e225m 0.5 6 7 10 8 12% 12% 3.3 a esva1e335m 0.8 6 7 10 8 12% 12% 4.7 b3 esvb31e475m 1.1 6 3 10 8 15% 15% 4.7 b2 esvb21e475m 1.1 6 3 10 8 5% 10% 6.8 b2 esvb21e685m 1.7 6 2.5 10 8 5% 10% 10 c2 esvc21e106m 2.5 6 2 10 8 12% 12% 10 c esvc1e106m 2.5 6 1.5 10 8 5% 10% 15 c esvc1e156m 3.7 6 1.5 10 8 12% 12% 22 d esvd1e226m 5.5 6 0.8 10 8 5% 10% 33 d esvd1e336m 8.2 6 0.7 10 8 5% 10% 35 0.47 a esva1v474m 0.5 6 12 10 8 5% 10% 0.68 a esva1v684m 0.5 6 8 10 8 5% 10% 1 a2 esva21v105m 0.5 6 13 10 8 12% 12% 1 a esva1v105m 0.5 6 7 10 8 12% 12% 1.5 a esva1v155m 0.5 6 7 10 8 12% 12% 2.2 a esva1v225m 0.7 6 5 10 8 12% 12% 2.2 b2 esvb21v225m 0.7 6 4 10 8 5% 10% 3.3 b3 esvb31v335m 1.1 6 3 10 8 15% 15% 3.3 b2 esvb21v335m 1.1 6 3.5 10 8 5% 10% 4.7 c esvc1v475m 1.6 6 2.2 10 8 5% 10% 6.8 c esvc1v685m 2.3 6 1.9 10 8 5% 10% 10 c esvc1v106m 3.5 6 1.5 10 8 5% 10% 10 d esvd1v106m 3.5 6 1 10 8 5% 10% 15 d esvd1v156m 5.2 6 0.9 10 8 5% 10% capacitance voltage (v) case code part number (bulk) ( f) rated capacitance change at endurance -55 +125 soldering heat at resistance to at damp heat at surge voltage leakage current max df max esr max ( % ) ( a) df ( % ) max ( )


▲Up To Search▲   

 
Price & Availability of ESVB20J227M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X