Part Number Hot Search : 
VSYTSF FA221 VJ1210Y8 FIN1025 T8502 FIN1025 12030 61005
Product Description
Full Text Search
 

To Download BU2520DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors BU2520DW d escription with to-247 package high voltage,high speed built-in damper diode applications for use in horizontal deflection circuits of large screen colour tv receivers pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 800 v i c collector current (dc) 10 a i cm collector current-peak 25 a i b base collector current (dc) 6 a i bm base current-peak 9 a p tot total power dissipation t c =25 125 w t j junction temperature 150  t stg storage temperature -65~150  fig.1 simplified outline (to-247) and symbol
savantic semiconductor product specification 2 silicon npn power transistors BU2520DW characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =100ma ;i b =0,l=25mh 800 v v (br)ebo emitter-base breakdown voltage i e =600ma ;i c =0 7.5 13.5 v v cesat collector-emitter saturation voltage i c =6a ;i b =1.2a 5.0 v v besat base-emitter saturation voltage i c =6a ;i b =1.2a 1.1 v i ces collector cut-off current v ce =bv ces; v be =0 t c =125 1.0 2.0 ma i ebo emitter cut-off current v eb =7.5v; i c =0 100 300 ma h fe-1 dc current gain i c =1.0a ; v ce =5v 13 h fe-2 dc current gain i c =6a ; v ce =5v 5 7 9.5 v f diode forward voltage i f =6a 2.2 v c c collector capacitance f=1mhz;v cb =10v 115 pf
savantic semiconductor product specification 3 silicon npn power transistors BU2520DW package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of BU2520DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X