Part Number Hot Search : 
U2608B MBR40 TCN75A U2608B FN1016 RT9903B MAX63 LC66556A
Product Description
Full Text Search
 

To Download BMC0603HF-R18K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 6-35 model bmc series model bmc series high frequency multilayer surface mount ceramic chip inductors features and benefits ? rf and wireless communication ? radar detectors ? pdas ? keyless remote systems ? video audio equipment ? cellular phones and pagers applications ? tight dimensional tolerances and a small package make this chip ideal for high density installation ? monolithic glass ceramic material for high frequency uhf band applications ? compatible with vapor phase and infrared re?w soldering ? high self-resonant frequency ? industry standard sizes: 0402, 0603, 0805 electrical / environmental inductance range 1.0nh to 270nh standard tolerance ?0% operating temperature range -55? to +125? storage temperature range -40? to +85? humidity range -40? to +85?, 70% r.h., max. ambient temperature, maximum 80? resistance to solder heat 260? for 10 sec. speci?ations subject to change without notice. last update: 04/24/2003.
6-36 model bmc series self-resonant thickness frequency dcr rated part inch/mm inductance (1) q (typical) min./typ. max. current number tol: .002/.05 nh @ 100/800mhz mhz ? ma bmc0402hf-1n0s 0.02/0.5 1.0 11/34 10000/13000 0.12 300 bmc0402hf-1n2s 0.02/0.5 1.2 11/34 10000/13000 0.12 300 bmc0402hf-1n5s 0.02/0.5 1.5 11/34 6000/13000 0.13 300 bmc0402hf-1n8s 0.02/0.5 1.8 11/30 6000/11000 0.14 300 bmc0402hf-2n2s 0.02/0.5 2.2 10/29 6000/10000 0.16 300 bmc0402hf-2n7s 0.02/0.5 2.7 10/29 6000/9000 0.17 300 bmc0402hf-3n3k 0.02/0.5 3.3 10/28 6000/8000 0.19 300 bmc0402hf-3n9k 0.02/0.5 3.9 10/28 4000/7000 0.22 300 bmc0402hf-4n7k 0.02/0.5 4.7 10/28 4000/6000 0.24 300 bmc0402hf-5n6k 0.02/0.5 5.6 10/28 4000/5700 0.27 300 bmc0402hf-6n8k 0.02/0.5 6.8 10/27 3900/5500 0.32 250 bmc0402hf-8n2k 0.02/0.5 8.2 10/28 3600/4900 0.37 250 bmc0402hf-10nk 0.02/0.5 10.0 10/30 3200/4300 0.42 250 bmc0402hf-12nk 0.02/0.5 12.0 11/31 2700/3900 0.5 250 bmc0402hf-15nk 0.02/0.5 15.0 11/30 2300/3500 0.55 250 bmc0402hf-18nk 0.02/0.5 18.0 11/30 2100/3100 0.65 200 bmc0402hf-22nk 0.02/0.5 22.0 11/30 1900/2800 0.8 200 bmc0402hf-27nk 0.02/0.5 27.0 11/27 1600/2300 0.9 200 bmc0402hf-33nk 0.02/0.5 33.0 11/25 1300/1900 1.0 200 bmc0402hf-39nk 0.02/0.5 39.0 11/24 1200/1700 1.2 150 bmc0402hf-47nk 0.02/0.5 47.0 11/23 1000/1500 1.3 150 bmc0402hf-56nk 0.02/0.5 56.0 11/21 750/1300 1.4 150 bmc0402hf-68nk 0.02/0.5 68.0 11/19 750/1200 1.4 150 bmc0402hf-82nk 0.02/0.5 82.0 10/16 600/1100 1.6 100 bmc0402hf-r10k 0.02/0.5 100.0 10/10 600/1000 1.6 100 bmc0603hf-1n5s 0.031/0.8 1.5 14/47 6000/13000 0.10 300 bmc0603hf-1n8s 0.031/0.8 1.8 10/30 6000/13000 0.10 300 bmc0603hf-2n2s 0.031/0.8 2.2 12/37 6000/12000 0.10 300 bmc0603hf-2n7s 0.031/0.8 2.7 13/41 6000/11000 0.10 300 bmc0603hf-3n3k 0.031/0.8 3.3 14/42 6000/9000 0.12 300 bmc0603hf-3n9k 0.031/0.8 3.9 13/42 6000/8000 0.14 300 bmc0603hf-4n7k 0.031/0.8 4.7 13/42 4000/6500 0.16 300 bmc0603hf-5n6k 0.031/0.8 5.6 14/42 4000/5800 0.18 300 bmc0603hf-6n8k 0.031/0.8 6.8 14/43 4000/5600 0.22 300 bmc0603hf-8n2k 0.031/0.8 8.2 14/44 3500/5200 0.24 300 bmc0603hf-10nk 0.031/0.8 10.0 14/43 3400/4600 0.26 300 bmc0603hf-12nk 0.031/0.8 12.0 14/45 2600/4000 0.28 300 bmc0603hf-15nk 0.031/0.8 15.0 15/46 2300/3400 0.32 300 bmc0603hf-18nk 0.031/0.8 18.0 15/44 2000/3000 0.35 300 bmc0603hf-22nk 0.031/0.8 22.0 16/44 1600/2900 0.40 300 specifications notes: (1) inductance measured at 100mhz without dc current.
6 6-37 model bmc series self-resonant thickness frequency dcr rated part inch/mm inductance (1) q (typical) min./typ. max. current number tol: .002/.05 nh @ 100/800mhz mhz ? ma bmc0603hf-27nk 0.031/0.8 27.0 16/45 1400/2200 0.45 300 bmc0603hf-33nk 0.031/0.8 33.0 17/46 1200/1800 0.55 300 bmc0603hf-39nk 0.031/0.8 39.0 18/44 1100/1600 0.60 300 bmc0603hf-47nk 0.031/0.8 47.0 17/35 900/1600 0.70 300 bmc0603hf-56nk 0.031/0.8 56.0 17/34 900/1400 0.75 300 bmc0603hf-68nk 0.031/0.8 68.0 18/30 700/1200 0.85 300 bmc0603hf-82nk 0.031/0.8 82.0 18/127 600/1100 0.95 300 bmc0603hf-r10k 0.031/0.8 100.0 18/16 600/1000 1.0 300 bmc0603hf-r12k 0.031/0.8 120.0 50/ 500/800 1.20 300 bmc0603hf-r15k 0.031/0.8 150.0 13/ 500/800 1.20 300 BMC0603HF-R18K 0.031/0.8 180.0 13/ 400/700 1.30 300 bmc0603hf-r22k 0.031/0.8 220.0 12/ 400/600 1.50 300 bmc0805hf-1n5s 0.04/1.0 1.5 21/61 4000/6000 0.10 300 bmc0805hf-1n8s 0.04/1.0 1.8 18/55 4000/6000 0.10 300 bmc0805hf-2n2s 0.04/1.0 2.2 18/53 4000/6000 0.10 300 bmc0805hf-2n7s 0.04/1.0 2.7 19/56 4000/6000 0.10 300 bmc0805hf-3n3k 0.04/1.0 3.3 16/47 4000/6000 0.13 300 bmc0805hf-3n9k 0.04/1.0 3.9 18/54 4000/6000 0.15 300 bmc0805hf-4n7k 0.04/1.0 4.7 18/55 3500/6000 0.20 300 bmc0805hf-5n6k 0.04/1.0 5.6 20/60 3200/5400 0.23 300 bmc0805hf-6n8k 0.04/1.0 6.8 20/63 2800/4200 0.25 300 bmc0805hf-8n2k 0.04/1.0 8.2 21/63 2400/3700 0.28 300 bmc0805hf-10nk 0.04/1.0 10.0 20/60 2100/3100 0.30 300 bmc0805hf-12nk 0.04/1.0 12.0 21/60 1900/3000 0.35 300 bmc0805hf-15nk 0.04/1.0 15.0 22/63 1600/2600 0.40 300 bmc0805hf-18nk 0.04/1.0 18.0 24/63 1500/2300 0.45 300 bmc0805hf-22nk 0.04/1.0 22.0 23/60 1400/2100 0.50 300 bmc0805hf-27nk 0.04/1.0 27.0 23/58 1300/1800 0.55 300 bmc0805hf-33nk 0.04/1.0 33.0 24/55 1200/1700 0.60 300 bmc0805hf-39nk 0.04/1.0 39.0 23/47 1000/1400 0.65 300 bmc0805hf-47nk 0.04/1.0 47.0 23/43 900/1200 0.70 300 bmc0805hf-56nk 0.04/1.0 56.0 23/39 800/1100 0.75 300 bmc0805hf-68nk 0.04/1.0 68.0 25/30 700/900 0.80 300 bmc0805hf-82nk 0.04/1.0 82.0 24/ 600/800 0.90 300 bmc0805hf-r10k 0.04/1.0 100.0 23/ 600/800 0.90 300 bmc0805hf-r12k 0.04/1.0 120.0 22/ 500/700 1.30 300 bmc0805hf-r15k 0.04/1.0 150.0 22/ 500/700 1.50 300 bmc0805hf-r18k 0.04/1.0 180.0 23/ 400/600 1.80 300 bmc0805hf-r22k 0.04/1.0 220.0 23/ 350/550 1.20 300 bmc0805hf-r27k 0.04/1.0 270.0 19/ 300/480 1.30 300 specifications notes: (1) inductance measured at 100mhz without dc current.
6-38 model bmc series 200 150 100 50 0 1 100 10000 1000 q frequency (mhz) q vs. frequency 1n5 10n 2n7 0402 electrical specifications 200 150 100 50 0 10 100 10000 1000 q frequency (mhz) q vs. frequency 1n5 10n 4n7 2n7 0603 electrical specifications 1000 100 10 1 1 100 10000 1000 inductance (nh) frequency (mhz) inductance vs. frequency 10n 2n7 1n5 1000 100 10 1 1 100 10000 1000 inductance (nh) frequency (mhz) inductance vs. frequency 27n 10n 4n7 2n7 1n2
6 6-39 model bmc series 70 60 50 40 30 20 10 0 10 20 30 50 100 5000 200300 500 2000 1000 q frequency (mhz) q vs. frequency 3n9 18n 2n7 1n8 5n6 12n 18n 27n 5n6 8n2 0805 electrical specifications 70 60 50 40 30 20 10 0 10 20 30 50 100 5000 200300 500 2000 1000 q frequency (mhz) q vs. frequency 39n 56n 82n r12 r18 1000 100 10 1 1 100 1000 10000 inductance (nh) frequency (mhz) inductance vs. frequency 3n9 33n 10n
6-40 model bmc series t emperature c inductance vs. temperature +1.5 +1.0 +0.5 +20 +85 t emparature (c ) ?.5 ?.0 ?.5 22n 22n 4n7 4n7 10n 10n ? l/l (%) electrical specifications - all models packaging (inch/mm) p w .010 .002 0.25 0.05 .157 .004 4.0 0.1 .079 .002 2.0 0.05 t .059 1.5 .047 1.2 .027 .69 a part # .138 .002 3.5 0.05 tape material: polyestyrene .091 2.30 .075 1.9 .047 1.19 b .315 8 .315 8 .315 8 w .158 4 .158 4 .158 4 p .051 1.3 .049 1.25 .026 .66 t 7" reel diameter (qty./reel) bmc 0805 (2012) bmc 0603 (1608) bmc 0402 (1005) .008 0.2 .069 .004 1.75 0.1 .004 0.1 .004 0.1 a .059+.004-0 1.5+0.1-0 b .004 0.1 3,000 4,000 4,000
6 6-41 model bmc series bmc 0805 hf 2n7 k model series body dimensions: length (a) x width (b) high frequency inductance tolerance: j = 5% k = 10% s = 0.3nh inductance code: first two digits are significant. in values <10nh, "n" denotes the decimal point. ordering information


▲Up To Search▲   

 
Price & Availability of BMC0603HF-R18K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X