Part Number Hot Search : 
244R7 BH6513F 28F640 AD633ARZ GT15J101 AN311 28F640 76M00
Product Description
Full Text Search
 

To Download BD810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors BD810 description ? ? with to-220c package ? complement to type bd809 ? dc current gain : h fe = 30 (min) @ i c = 2.0 adc applications ? designed for use in high power audio amplifiers utilizing complementary or quasi complementary circuits. pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -80 v v ceo collector-emitter voltage open base -80 v v ebo emitter-base voltage open collector -5 v i c collector current -10 a i b base current -6 a p d total power dissipation t c =25 ?? 90 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? thermal characteristics symbol parameter max unit r th j-c thermal resistance junction to case 1.39 ??/w
inchange semiconductor product specification 2 silicon pnp power transistors BD810 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =-0.1a; i b =0 -80 v v cesat collector-emitter saturation voltage i c =-3 a;i b =-0.3 a -1.1 v v be base-emitter voltage i c =-4a ; v ce =-2v -1.6 v i cbo collector cut-off current v cb =-80v; i e =0 -1.0 ma i ebo emitter cut-off current v eb =-5v; i c =0 -2.0 ma h fe-1 dc current gain i c =-2a ; v ce =-2v 30 h fe-2 dc current gain i c =-4a ; v ce =-2v 15 f t transition frequency i c =-1a ; v ce =-10v;f=1.0mhz 1.5 mhz
inchange semiconductor product specification 3 silicon pnp power transistors BD810 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.10 mm)


▲Up To Search▲   

 
Price & Availability of BD810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X