Part Number Hot Search : 
FAN4272 E4442 TFI02 PU3120 TFI02 2SJ586 TE3117 MC333
Product Description
Full Text Search
 

To Download BAT81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BAT81 - bat83 schottky barrier diodes features : ? low forward voltage ? high breakdown voltage ? guard ring protected ? hermetically-sealed leaded glass package ? low diode capacitance. ? pb / rohs free mechanical data : case: do-34 glass case weight: approx. 0.11g maximum ratings and thermal characteristics ( rating at 25 c ambient temperature unless otherwise specified .) symbol value unit BAT81 40 bat82 50 bat83 60 forward continuous current i f 30 (1) ma repetitive peak forward current at tp 1s i frm 150 (1) ma non-repetitive peak forward surge current at tp 10ms i fsm 500 (1) ma power dissipation (infinite heatsink) p d 200 (1) mw thermal resistance junction to ambient air r q ja 430 (1) c/w junction temperature t j 125 c storage temperature range t s -65 to + 150 c note: (1) valid provided that leads at a distance of 4mm from case are kept at ambient temperature. electrical characteristics (t j = 25 c unless otherwise noted) parameter symbol min typ max unit reverse current i r v r = v rmax - - 200 na i f = 1ma - - 0.41 i f = 15ma - - 1.0 diode capacitance cd v r = 1v, f = 1mhz - - 1.6 pf page 1 of 2 rev. 02 : march 24, 2005 v forward voltage test condition parameter v f v r v continuous reverse voltage do - 34 glass 0.063 (1.6 )max. 0.119 (3.04) max. 0.022 (0.55)max. dimensions in inches and ( millimeters ) 1.00 (25.4) min. 1.00 (25.4) min. cathode mark
rating and characteristic curves ( BAT81 - bat83 ) typical forward characteristics typical reverse characteristics typical diode capacitance as a function of reverse voltage page 2 of 2 rev. 02 : march 24, 2005 0 10 20 30 40 50 reverse voltage , v r (v) 0 0.5 2.0 d i o d e c a p a c i t a n c e , c d ( p f ) 0 0.4 1.0 forward voltage , v f (v) 0.01 10 1000 f o r w a r d c u r r e n t , i f ( m a ) 0.1 1 100 reverse voltage , v r (v) r e v e r s e c u r r e n t , i r ( n a ) 0 20 40 60 50 10 3 ta = 85 c ta = 25 c 0.2 0.6 0.8 1.2 ta = 25 c 60 1.0 1.5 10 2 10 1 0.1 30 10 10 4


▲Up To Search▲   

 
Price & Availability of BAT81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X