Part Number Hot Search : 
A1193 T3906 5253B 10832 T3906 2SC147 CY28352 RGC10DH
Product Description
Full Text Search
 

To Download BAS516S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any changing of specification will not be informed individua l BAS516S surface mount switching diode ele 1.6 0.1 1.2 0.05 0.8 0.05 cathode mark 0.6 0.1 0.12 0.05 sod-523 0.3 0.05 dimensions in millimeters features extremely small surface mounting type. (emd2) . high speed. (trr= 4 ns type.) silicon epitaxial planer mechanical data . . . . high speed switching high reliabilty ma ximum r a ma ma ting s (t j = 2 5 unless otherwise noted) rating symbol v alue unit peak reverse voltage dc reverse voltag e v r v r r m 75 v olts v olts mean rectifying curren t i o ma peak forward current i i fm surge junction t emperature surge current (1s) t j 125 storage t emperature range t stg -55 to +125 250 5 00 electrica l characteristics (t a = 2 5 ) 85 500 j j j j e l e k t r o n i s c h e b a u e l e m e n t e h t t p : / / w w w . s e c o s g m b h . c o m s ymbol p arameter c ondition m ax . u nit v f forward voltag e i f =1 m a 71 5 mv i f = 1 0 m a 85 5 mv i f = 5 0 m a 1 v i f = 15 0 m a 1.2 5 v i r reverse curren t v r = 2 5 v 30 na v r = 7 5 v 1 m a v r = 2 5 v ; t j = 15 0 c 30 m a v r = 7 5 v ; t j = 15 0 c ; 5 0 m a c d diode capacitanc e f =1 mhz; v r = 0; se e fig.6 1 pf t r r reverse recovery tim e when switched from i f = 1 0 ma to i r = 1 0 ma; r l = 10 0 w ; measured at i r = 1 ma; se e fig.7 4n s v f r forward recovery voltag e when switched from i f = 1 0 ma; t r = 2 0 ns; se e fig. 8 1.7 5 v marking: 61 01 -jun-2002 rev. a page 1 of 2 rohs compliant product a suffix of "-c" specifies halogen & lead-free
BAS516S surface mount switching diode any changing of specification will not be informed individua l e l e k t r o n i s c h e b a u e l e m e n t e h t t p : / / w w w . s e c o s g m b h . c o m fig.1 maximum permissible continuous forward current as a function of soldering point temperature. handbook, halfpage 0 100 150 50 200 400 500 300 200 0 100 t s ( o c) i f (ma) fig.2 forward current as a function of forward voltage tj=25 o c 02 300 i f (ma) 0 100 200 1 v f (v) fig.3 reverse current as a function of junction temperature. 10 5 10 4 10 200 0 100 t ( c) j o i r (na) 10 3 10 2 75 v 25 v typ max v = 75 v r typ fig.4 diode capacitance as a function of reverse voltage; typical values. f=1mhz; t j =25c . handbook, halfpage 0 0.6 0.4 0.2 0 48 1 6 v r (v) c d (pf) 12 typical values. maximum values . 01-jun-2002 rev. a page 2 of 2


▲Up To Search▲   

 
Price & Availability of BAS516S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X