Part Number Hot Search : 
AM27S45A 40PT08AI ASJ374B 10A05 MMBT3904 HT66F018 ICM7562 2SC50
Product Description
Full Text Search
 

To Download B5817W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  B5817W thru b5819w 1 amp schottky barrier rectifier 20 - 40 volts features ? guard ring protection ? low forward voltage drop ? for use in low voltage, high frequency inverters ? powe r dissipation:250mw ? operating temperature: -65  to +125  ? storage temperature: -65  to +150  ? maximum thermal resistance; 500k/ w junction to ambient mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage B5817W sj 20v 14v 20v b5818w sk 30v 21v 30v b5819w sl 40v 28v 40v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t c = 90  peak forward surge current i fsm 10a 8.3ms, half sine 0.45v 0.55v 0.60v i fm = 1.0a; t j = 25  maximum instantaneous forward voltage B5817W b5818w b5819w v f 0.75v 0.875v 0.90v i fm = 3a; t j = 25  maximum dc reverse current at rated dc blocking voltage i r 1ma t a = 25  typical junction capacitance c j 120pf measured at 1.0mhz , v r =4.0v tm micro commercial components  
 omponents 20736 marilla street chatsworth       
     www. mccsemi .com 1 of 3 sod-123 ? lead free finish/rohs compliant("p" suffix designates rohs compliant. see ordering information) maximum ratings revision: a 2011/01/01 inchesmm dim min m a x min m a x note a .140 .152 3.55 3.85 b .100 .112 2.55 2.85 c .055 .071 1.40 1.80 d ----- .053 ----- 1.35 e .012 .031 0.30 .78 g .006 ----- 0.15 ----- h ----- .01 ----- .25 j ----- .006 ----- .15 a b e c j d h g 0.036 0.093" dimensions mcc 0.048" epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
B5817W-b5819w mcc www. mccsemi .com tm micro commercial components 2 of 3 typical characteristics revision: a 2011/01/01 2 4 6 8 10 12
mcc tm micro commercial components www. mccsemi .com 3 of 3 revision: a 2011/01/01 1 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of B5817W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X