Part Number Hot Search : 
SE20AFJ 121M100 WH160100 WT7527 BT24005 20020 109M000 MBRF2010
Product Description
Full Text Search
 

To Download ALD2301CSAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev 2.0 ?2010 advanced linear devices, inc. 415 tasman drive, sunnyvale, ca 94089-1706 tel: (408) 747-1155 fax: (408) 747-1286 www.aldinc.com dual precision cmos voltage comparator with open drain driver ald2301a/ald2301b ald2301c/ald2301 a dvanced l inear d evices, i nc. general description the ald2301a/ald2301b/ald2301c/ald2301 is a monolithic high performance dual voltage comparator built with advanced silicon gate cmos technology. it features very high typical input impedance of 10 12 ? ; low input bias current of 10pa; fast response time of 300ns; very low power dissipation of 55 a per comparator; and single (+5v) or dual ( 5v) power supply operation. the input voltage range includes ground, making this comparator ideal for low level signal detection with high source impedance. the outputs are open-drain configuration, allowing maximum application flexibility, such as wired-or connection. the outputs can be con- nected to a higher external voltage than v + . the ald2301a/ald2301b/ald2301c/ald2301 is ideal for a great variety of voltage comparator applications, especially low level signal detection circuits requiring low standby power, yet retaining high output current capability as needed. features ? fanout of 30ls ttl loads ? low supply current of 110 a typical ? functional equivalent to lm193 industry standard comparators ? extremely low input bias currents -- typically 10pa ? virtually eliminates source impedance effects ? low operating supply voltage of 3v to 10v ? single (+5v) and dual supply ( 5v) operation ? high speed for both large signal and low level signals -- 300ns typical for ttl inputs ? cmos, nmos and ttl compatible ? wired-or open drain outputs ? high output sinking current -- typically 60ma ? low supply current spikes applications ? high source impedance voltage comparison circuits ? dual limit window comparator ? power supply voltage monitor ? photo-detector sensor circuit ? relay or led driver ? oscillators ? battery operated instruments ? remote signal detection benefits ? low power and high precision combination ? built-in high input impedance buffer ? built-in output driver with up to 60ma sink current block diagram (1) out 1 (7) out 2  (4) gnd v + (8) v + noninverting input +in 1 (3) inverting input noninverting input inverting input -in 1 (2) +in 2 (5) -in 2 (6) operating temperature range * 0 c to +70 c0 c to +70 c -55 c to +125 c 8-pin 8-pin 8-pin small outline plastic dip cerdip package (soic) package package ald2301asal ald2301apal ald2301ada ald2301bsal ald2301bpal ald2301bda ALD2301CSAL ald2301cpal ald2301cda ald2301sal ald2301pal ald2301da ordering information (?l? suffix for lead free version) * contact factory for leaded (non-rohs) or high temperature versions. pin configuration 1 2 3 4 8 7 6 5 out 1 -in 1 +in 1 gnd v + out 2 -in 2 +in 2 sal, pal, da packages
ald2301a/ald2301b/ald2301c/ald2301 advanced linear devices 2 of 7 supply v s 1.5 5 1.5 5 1.5 5 1.5 5 v dual supply voltage v + 3 10 3 10 3 10 3 10 v single supply supply i s 110 180 110 180 110 180 110 180 ar load = current voltage gain a vd 50 150 50 150 50 150 50 150 v/mv r load 15k ? input offset v os 2 5 20 10 mv r load 1.5k ? voltage input offset i os 10 200 10 200 10 400 10 200 pa current 1 input bias i b 10 200 10 200 10 400 10 200 pa current 1 common mode input v icr -0.3 v + -1.5 -0.3 v + -1.5 -0.3 v + -1.5 -0.3 v + -1.5 v voltage range 2 low level v ol 0.15 0.4 0.15 0.4 0.15 0.4 0.15 0.4 v i sink = 12ma output voltage v input = 1v differential low level output i ol 24 60 24 60 24 60 24 60 ma v ol = 1.0 v current high level leakage i oh .01 20 .01 20 .01 20 .01 20 na v oh = 5.0 v current response t rp 650 650 650 650 ns r l = 5.1k ? time 2 c l = 15pf 100mv input step/5mv overdrive 300 300 300 300 ns r l = 5.1k ? c l =15pf ttl - level input step operating electrical characteristics t a = 25 c v + = +5v unless otherwise specified 2301a 2301b 2301c 2301 test parameter symbol min typ max min typ max min typ max min typ max unit conditions notes : 1 consists of junction leakage currents. 2 sample tested parameters. absolute maximum ratings supply voltage, v + 10.6v differential input voltage range -0.3v to v + +0.3v power dissipation 600 mw operating temperature range sal, pal packages 0 c to +70 c da package -55 c to +125 c storage temperature range -65 c to +150 c lead temperature, 10 seconds +260 c
ald2301a/ald2301b/ald2301c/ald2301 advanced linear devices 3 of 7 typical performance characteristics saturation voltage vs. sink current output sink current (ma) 0 1530 456075 1.5 1.2 0.9 0.6 0.3 0.0 output saturation voltage (v) v s = 2.5v -55 c 25 c -25 c 85 c 125 c 0.4 0.0 0.2 0.6 0.8 1.0 1.2 1.4 time ( s ) -2.5 0.0 +2.5 0 100 output voltage (v) input voltage (mv) t a = 25 c v s = 2.5v 2mv 10mv 20mv 50mv 5mv response time for various input overdrives 5.1k 0v v in v+ v- v out + - saturation voltage vs.temperature tem perature ( c) -55 -25 0 25 50 125 100 75 1.4 1.2 1.0 0.8 0.6 0.4 0.2 saturation voltage (v) 0 v s = 2.5v i sink = 50ma transfer function differential input voltage (mv) +6.0 -6.0 0.0 output voltage (v) +2.5 0.0 -2.5 t a = 25 c v s = 6v r l = 5.1k tim e ( s) 0.0 0.2 0.4 0.8 0.6 1.2 1.0 1.4 response time for various input overdrives +2.5 100 0 0.0 -2.5 input voltage (mv) output voltage (v) t a = 25 c v s = 2.5v 50mv 20mv 5mv 10mv 2mv 5.1k 0v v in v+ v- v out + - common - mode voltage referred to supply voltage temperature ( c) 0.5 v+ -0.5 -1.0 0.5 v- -0.5 common - mode voltage limits (v) -55 -25 0 25 50 125 100 75 v s = 2.5v
ald2301a/ald2301b/ald2301c/ald2301 advanced linear devices 4 of 7 typical applications dual limit window comparator led turns on as photo-detector voltage reaches v limit1 . both led and horn turns on as photo-detector voltage reaches v limit2. v external = +12v v+ = +5v. dual limit photo-detector monitor voltage comparator with complementary outputs + + - - 1/2 ald2301 output high for v in < v ref(high) minimum r load = 1.5k ? > and v out v in v + v ref(high) 1/2 ald2301 v ref(low) v ref(low) r load v in - - + + q q v in v ref v + 1/2 ald2301 1/2 ald2301 v+ v limit2 photo- detector light - - + + led buzzer v limit 1 v external 1/2 ald2301 1/2 ald2301 typical performance characteristics (cont'd) 120 100 80 60 140 025 50 75 -25 -55 temperature ( c) supply current ( a) 100 160 180 200 125 v s = 2.5v no load all comparators supply current vs. temperature 2.4 2.2 2.0 1.8 2.6 025 50 75 -25 -55 temperature ( c) offset voltage (mv) 100 2.8 3.0 125 v cm = 0v v s = 2.5v input offset voltage vs. temperature 140 120 100 80 160 6.0 8.0 10.0 12.0 4.0 2.0 supply voltage (v) supply current ( a) t a = 25 c r l = - + v + total supply current vs. total supply voltage
ald2301a/ald2301b/ald2301c/ald2301 advanced linear devices 5 of 7 8 pin plastic soic package soic-8 package drawing millimeters inches min max min max dim a a 1 b c d-8 e e h l s 1.75 0.25 0.45 0.25 5.00 4.05 6.30 0.937 8 0.50 0.053 0.004 0.014 0.007 0.185 0.140 0.224 0.024 0 0.010  0.069 0.010 0.018 0.010 0.196 0.160 0.248 0.037 8 0.020 1.27 bsc 0.050 bsc 1.35 0.10 0.35 0.18 4.69 3.50 5.70 0.60 0 0.25 ? l c h s (45 ) ? e a a 1 b d s (45 ) e
ald2301a/ald2301b/ald2301c/ald2301 advanced linear devices 6 of 7 8 pin plastic dip package pdip-8 package drawing b 1 s b e e 1 d e a 2 a 1 a l c e 1 ? millimeters inches min max min max dim a a 1 a 2 b b 1 c d-8 e e 1 e e 1 l s-8 ? 3.81 0.38 1.27 0.89 0.38 0.20 9.40 5.59 7.62 2.29 7.37 2.79 1.02 0 5.08 1.27 2.03 1.65 0.51 0.30 11.68 7.11 8.26 2.79 7.87 3.81 2.03 15 0.105 0.015 0.050 0.035 0.015 0.008 0.370 0.220 0.300 0.090 0.290 0.110 0.040 0 0.200 0.050 0.080 0.065 0.020 0.012 0.460 0.280 0.325 0.110 0.310 0.150 0.080 15
ald2301a/ald2301b/ald2301c/ald2301 advanced linear devices 7 of 7 8 pin cerdip package cerdip-8 package drawing a a 1 b b 1 c d-8 e e 1 e e 1 l l 1 l 2 s ? 3.55 1.27 0.97 0.36 0.20 -- 5.59 7.73   3.81 3.18 0.38 -- 0 5.08 2.16 1.65 0.58 0.38 10.29 7.87 8.26 5.08 -- 1.78 2.49 15 millimeters inches min max min max dim 0.140 0.050 0.038 0.014 0.008 -- 0.220 0.290 0.150 0.125 0.015 -- 0 0.200 0.085 0.065 0.023 0.015 0.405 0.310 0.325 0.200 -- 0.070 0.098 15 2.54 bsc 7.62 bsc 0.100 bsc 0.300 bsc e e 1 c e 1 ? s b l d b 1 e a l 2 a 1 l 1


▲Up To Search▲   

 
Price & Availability of ALD2301CSAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X