|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
date : 2001/12/12 ampire co., ltd. 1 specifications for lcd module customer customer part no. ampire part no. ag - 12232a approved by date approved by checked by organized by a m p i r e
date : 2001/12/12 ampire co., ltd. 2 record of revision revision date page contents 1999/11/10 2000/10/6 2001/12/12 - 12 13 new release add power on / off sequence modify sampling plan modify led characteristic date : 2001/12/12 ampire co., ltd. 3 1 features (1) display format : 122 32 dot - matrix ; 1/32 duty. (2) construction : stn / fstn lcd, bezel, zebra and pcb. (3) optional led or el back - light. (4) co ntroller : sbn1661g . (5) besides +5v for logic circuit, - 5v is needed for lcd driving. (6) normal / extended temperature type. 2 numbering system ag - 12232a _ _ _ _ - _ 1 2 3 4 5 no code value description remark g stn gray type lcd y stn yellow green type lcd s stn negative type lcd 1 f fstn type lcd lcd type a reflective type / 6:00 view b reflective type / 12:00 view i transflective type / 6:00 view j transflective type / 12:00 view t negative type / 6:00 view 2 u negative type / 12:00 view polarizer / viewing angel none without backlight l 5v led 3 e el backlight type none without backlight y yellow - green (led) b blue (el) 4 w white (el) backlight color none normal temperature type 5 h extended temperature type lcm temperature type date : 2001/12/12 ampire co., ltd. 4 3 mechanical data parameter stand value unit dot size 0.40(w) 0.45(h) mm dot pitch 0.44(w) 0.49(h) mm viewing area 60.5(w) 18.5(h) mm module size 84.0(w) 44.0(h) 10.5 max (t) mm module size ( led back - light) 84.0(w) 44.0(h) 15.5 max (t) mm 4 absolute maximum ratings parameter symbol min max unit logic circuit supply voltage vdd - vss 0 8.0 v lcd driving voltage vdd - vo 0 10.0 v input voltage v i vss vdd v operating temp. t op 0 50 c normal temp. type storage temp. t stg - 20 70 c operating temp. t op - 20 70 c extended temp. type storage temp. t stg - 30 80 c date : 2001/12/12 ampire co., ltd. 5 5 electro - optical characteristics parameter symbol condition min typ max unit note ----- electronic characteris tics ----- logic circuit supply voltage vdd - vss -- 4.5 5.0 5.5 v 0 c -- 6.9 -- 25 c -- 6.4 -- lcd driving voltage (normal temp. type) vdd - vo 50 c -- 6.0 -- v - 20 c -- 9.4 -- 0 c -- 9.0 -- 25 c -- 8.6 -- 50 c -- 8.3 -- lcd driving voltage(extended temp. type) vdd - vo 70 c -- 8.0 -- v vih -- 0.7 vdd -- vdd v input voltage vil -- vss -- 0.3 vdd v logic supply current idd vdd = 5v -- 1 2 ma ----- optical characteristics ----- stn type -- 5 -- contrast cr fstn type 7 note 1 rise time tr 25 c -- 100 150 ms fall time tf 25 c -- 120 200 ms note 2 q f -- 40 -- q b -- 35 -- q l -- 40 -- viewing angle range q r 25 c & cr 3 2 -- 40 -- deg. note 3 frame frequency ff 25 c -- 60 -- hz date : 2001/12/12 ampire co., ltd. 6 (note 1) contrast ratio : cr = (brightness in off state) / (brightness in on state) ( note 2 ) response time : (note 3) viewing angle date : 2001/12/12 ampire co., ltd. 7 ----- led back - light characteristics ----- parameter symbol condition min typ max unit note forward vo ltage vf -- -- 4.05 4.3 v supply voltage between a&k forward current if vf=4.05v -- 130 -- ma lcm luminous intensity vf=4.05v -- 30 -- cd/m 2 a k ----- el back - light characteristics ----- parameter specification unit color blue / white - voltage vrms = 110 v(ac) frequency sine wave = 400 hz current density 0.12 ma / cm 2 lcm initial brightness 13 cd / m 2 * led dice number = 2 x13 =26 date : 2001/12/12 ampire co., ltd. 8 6 block diagram & interface lcd 122*32 sbn1661g sbn1661g com 1-16 com 17-32 seg 1-61 seg 62-122 a0,/rd,/wr db0-7, /res cs1 cs2 no. symbol function 1 vss power supply (0v,gnd ) 2 vdd power supply for logic circuit 3 vo power supply for lcd 4 a0 l ? instruction , h ? data 5 cs1 chip enable active "l" 6 cs2 chip enable active "l" 7 cl external clock (6~10khz) 8 /rd (e) /rd for 80 series, e for 68 series 9 /wr(r/w) /wr for 80 series, r/w for 68 series 10 - 17 db0 - db7 data bus line 18 res h ? 68 series , l ? 80 seres 19 - 20 leda,k led supply voltage (5v) date : 2001/12/12 ampire co., ltd. 9 7 power supply vdd vss vo 5v -5v el back-light el1 el2 ac110v(400hz) lcm led back-light led_a led_k 5v 4.05v lcm date : 2001/12/12 ampire co., ltd. 10 8 timing characteristics 8.1 read / write time for 80 - port mpu item symbol condition min max unit system cycle time tcyc8 1.0 -- us control pulse width tcc 200 -- ns address set - up time tas 20 -- ns address hold time tah 10 -- ns data se t - up time tdsw 80 -- ns data hold time tdh 10 -- ns /rd access time tacc cl=100ph -- 90 ns output disable time t0h 10 60 ns taw tcyc8 taw tcc tds tdh tacc toh do - d7 (read) d0 - d7 (write) /wr,rd ao,/cs date : 2001/12/12 ampire co., ltd. 11 8.2 read / write time for 68 - port mpu item symbol condition min max unit system cycle time tcyc6 1.0 -- us address set - up time tas 20 -- ns address hold time tah 10 -- ns data set - up time tdd 80 -- ns data hold time tdh 10 -- ns output disable time toh cl=100pf 10 60 ns access time tacc -- 90 ns enable (read) pulse width (write) tew 100 80 -- -- ns e tacc toh tdh tds d0 - d7 (read) d0 - d7 (write) a0,/cs r/w taw taw tew tcyc6 date : 2001/12/12 ampire co., ltd. 12 8.3 power on/off sequence vdd vo signal power on sequence 0~50 ms vss vss vss t 2 0 m s ? t 0 ? ms power off sequence 0 ~ 50 ms vdd vo signal vss vss vss t 2 0 m s ? date : 2001/12/12 ampire co., ltd. 13 9 quality and reliability 9.1 test conditions tests should be conducted under the following conditions : ambient temperature : 25 5 c humidity : 60 25% rh. 9.2 sampling plan sampling method shall be in accordance with mil - std - 105e , level ii, normal single sampling plan . 9.3 acceptable quality level a major defect is defined as one that could cause fa ilure to or materially reduce the usability of the unit for its intended purpose. a minor defect is one that does not materially reduce the usability of the unit for its intended purpose or is an infringement from established standards and has no significa nt bearing on its effective use or operation. 9.4 appearance an appearance test should be conducted by human sight at approximately 30 cm distance from the lcd module under flourescent light. the inspection area of lcd panel shall be within the range of following limits. date : 2001/12/12 ampire co., ltd. 14 9.5 inspection quality criteria item description of defects class of defects acceptable level (%) function short circuit or pattern cut major 0.65 dimension deviation from drawings major 1.5 ave . dia . d area a area b d 0.2 disregard 0.2 date : 2001/12/12 ampire co., ltd. 15 9.6 reliability test conditions test item normal temp. type extended temp. type note high temperature operation 50 3 c , t= 96 hrs 70 3 c , t= 96 hrs low temperature operation 0 3 c , t= 96 hrs - 2 0 3 c , t= 96 hrs high temperature storage 7 0 3 c , t= 96 hrs 8 0 3 c , t= 96 hrs 1,2 low temperature storage - 2 0 3 c , t= 96 hrs - 3 0 3 c , t= 96 hrs 1,2 temperature cycle - 20 c ~ 25 c ~ 70 c 30 m in. 5 min. 30 min. ( 1 cycle ) total 5 cyc le - 30 c ~ 25 c ~ 80 c 30 min. 5 min. 30 min. ( 1 cycle ) total 5 cycle 1,2 humidity test 40 c, humidity 90%, 96 hrs 1,2 vibration test (packing) sweep frequency : 10 ~ 55 ~ 10 hz/1min amplitude : 0.75mm test direction : x.y.z/3 axis duration : 30 min/each axis 2 note 1 : condensation of water is not permitted on the module. note 2 : the module should be inspected after 1 hour storage in normal conditions (15 - 35c , 45 - 65%rh). definitions of life end point : l current drain s hould be smaller than the specific value. l function of the module should be maintained. l appearance and display quality should not have degraded noticeably. l contrast ratio should be greater than 50% of the initial value. date : 2001/12/12 ampire co., ltd. 16 10 handling precautions (1) a lcd module is a fragile item and should not be subjected to strong mechanical shocks. (2) avoid applying pressure to the module surface. this will distort the glass and cause a change in color. (3) under no circumstances should the position of the bezel tabs or their shape b e modified. (4) do not modify the display pcb in either shape or positioning of components. (5) do not modify or move location of the zebra or heat seal connectors. (6) the device should only be soldered to during interfacing. modification to other areas of the board should not be carried out. (7) in the event of lcd breakage and resultant leakage of fluid do not inhale, ingest or make contact with the skin. if contact is made rinse immediately. (8) when cleaning the module use a soft damp cloth with a mild solvent, such as is opropyl or ethyl alcohol. the use of water, ketone or aromatic is not permitted. (9) prior to initial power up input signals should not be applied. (10) protect the module against static electricity and observe appropriate anti - static precautions. date : 2001/12/12 ampire co., ltd. 17 11 outline dimensi on |
Price & Availability of AG-12232A |