Part Number Hot Search : 
MUN22 TVV005 CX65002 ES1DL MTL5041 ES1DL 14010 STTH1
Product Description
Full Text Search
 

To Download 91714-0006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0917140006 status: active description: 1.27mm (.050") pitch picoflex? pf-50 header, right angle, high temp, tin (sn) plating, 6 circuits, glow wire compatible documents: 3d model product specification ps-99020-0011 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family ribbon cable / wire trap connectors series 91714 component type pcb header glow-wire compliant yes product name picoflex? physical circuits (loaded) 6 circuits (maximum) 6 color - resin natural durability (mating cycles max) 30 entry angle 90 angle lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 1 pcb locator no pcb retention yes pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 120 plating min: mating (m) 3 plating min: termination (in) 120 plating min: termination (m) 3 polarized to mating part yes polarized to pcb no shrouded open ends stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole - kinked pin wire insulation diameter n/a wire size awg n/a wire/cable type ribbon cable electrical current - maximum per contact 2.4a voltage - maximum 250v ac/dc series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 91714 series mates with 90327 idt connector
material info reference - drawing numbers product specification ps-99020-0011 sales drawing sd-91714-001 this document was generated on 04/13/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 91714-0006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X