Part Number Hot Search : 
APM23 SMA59 AN4233 TORX1 LBN06101 AD802705 CY8C20 TZM5265B
Product Description
Full Text Search
 

To Download 41200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lonpoint system the lonpoint system is a family of products designed to integrate new and legacy sensors and actuators, as well as l on m ark ? devices, into cost-effective, interoperable, control systems for building and industrial applications. in contrast to traditional control networks, which use closed islands of con- trol linked with proprietary gateways, the lonpoint system offers an open distributed system architecture in which every device performs some control processing and can be accessed from any location in the network. distributing the processing throughout the network and providing open access to every device lowers the overall installation and life cycle costs, increases reliability by minimizing single points of failure, and provides the ?exibility to adapt the system to a wide variety of applications. the system consists of the lonpoint interface, scheduler, data logger, router modules, lonpoint application programs, lns tm - based lonmaker tm for windows ? integration tool, lonpoint plug-in and lns dde server. do-10 module the do-10 module is a l on m ark a device that provides 4 digital outputs, 0-12v, 100ma source/sink maximum on any one output, 110ma source/400ma sink on all outputs com- bined. separate hand/off/auto front panel dip switches, and status leds, are provided for each output. the module oper- ates from 16 to 30vac or vdc, allowing it to be powered from the same sources as the actuators. resident within the module is a powerful, con?gurable application program. the program includes a variety of soft- ware functional blocks (l on m ark objects) that de?ne how the module will function. digital output functional blocks provide con?gurable debouncing, inversion, time-based processing, preset, override, and heartbeat control of the digital outputs. digital encoder functional blocks encode up to four digital values to produce con?gurable digital and mode outputs. analog function blocks perform con?gurable logic, math, or enthalpy calculations on two analog inputs to generate analog and digital outputs. type translator functional blocks convert any input network variable type to any output network variable type using a con?gurable translation table. using the lonmaker tool, the user links together the functional blocks of the do-10 module, other lonpoint modules, and other l on m ark and l on w orks devices, to create an open distrib- uted control system. network design and con?guration is simpli?ed by the visio ? interface of the lonmaker tool, which can both import and export autocad ? ?les and generate as- built documentation. the user con?gures the do-10 module using the simple and intuitive interface provided by the lonpoint plug-in. moves, adds, and changes can be easily accommodated by downloading con?guration changes into the lonpoint modules ?ash memory either locally or via remote l on w orks or internet network connection. t he l on p oint ? s ystem do-10 digital output interface module model 41200 lonpoint interface model and software revision do-10 model 41200id number model 41200 972 sw version 1 .0 id number do-10 listed 178k energy management equipment subasmbly c u l us do-10 model 41200id number u l service led service switch power/wink led: power/on: illuminated continuously wink: flashing digital output status leds (led function is user-programmed) digital output 1 led digital output 2 led digital output 3 led digital output 4 led peel-off code 39 format bar code of lonpoint interface neuron chip id number network access jack; use with echelon pcc-10 cable model 78303 hand/off/auto switch 1 on (hand) 0 off (off) network controlled (auto) 1 0 1234 digital output 1 switch digital output 2 switch digital output 3 switch digital output 4 switch t seamlessly integrates digital actuators into interoperable l on w orks networks t 4 digital outputs: 0-12vdc t separate hand/off/auto switch and status led for each output t flash memory: download via network t network access from front panel jack t two-piece design cuts installation time, cost t lns plug-in t u.l. listed, cu.l. listed, ce mark, fcc, l on m ark
a unique, two-piece design allows pre-wiring and cable testing by an electrician prior to installation of the electronics; technician time can be reserved for tasks such as device con? g - uration. power and network wiring are looped through the base plate, providing the ability to replace modules by hot- plugging without disrupting network operation. polarity-insensitive power and network connections mini - mize the chance of miswiring, and the free topology design allows wiring to be run via the most convenient route. a front panel jack accesses the twisted pair network without any disas - sembly , saving time when the network must be accessed for con? guration or maintenance. a front panel bar code with the model, revision, and two removable neuron ? id stickers is provided. when placed on the building or system design plans, these stickers can save installation time, especially for inaccessible devices. mounting the do-10 may be used with either a t ype 1 base plate (for use with 4 square electrical boxes) or a t ype 1d din base plate (for panel, wall, or 35mm din-rail mounting). l o n p o i n t m o d u l e s e r v i c e l e d b a s e p l a t e 4 " s q u a r e e l e c t r i c a l b o x lonpoint interface module 4 2 squar e by 2 2 deep electrical box mounting con? guration t ype 1 base plate fr ont v iew t ype 1d din base plate
www .echelon.com cop yright ? 1 997-1 999, echelon corporation. echelon, l on, l on w orks , lonbuilder , nodebuilder , lonmanager , l on m ark , lonp oint, lont alk, lonusers, neuron, 3 1 20, 3 1 50, the echelon logo, and the lonusers logo are tra demark s of echelon corporation registered in the united states and other countries. lonlink, lns, lonr esponse, lonsupport, and lonmak er are tra demark s of echelon corporation. other tra demark s belong to their respective corporations. disclaimer neuron chips, free t opology t wisted p air t ransceiver modules, and other oem products w ere not designed for use in equipment or sy stems which involve danger to human health or safety or a risk of property damage and echelon assumes no responsibility or liability for use of the neuron chips or free t opology t wisted p air t ransceiver modules in such applications. echel on makes and y ou receive no w arranties or conditions, express, implied, st a tut or y or in any communica tion with y ou, and echel on specificall y disclaims any implied w arranty of merchant ability or fitness for a p ar ticular purpose. p art # 003-0 1 35-0 1c speci? cations function description processor/memory neuron 3150 ? chip, 10mhz, 56k ? ash memory service function recessed service switch, service (wink) led. dual tear -of f bar -code neuron id self-adhesive tag i/o 4 digital outputs, 0-12v , 100ma source/sink maximum on any one output, 1 10ma source/400ma sink on all outputs combined; separate status leds for each output; separate hand/of f/auto front panel dip switches for each output i/o isolation 100v , transformer isolation. outputs are isolated from the input power and the network but not from each other i/o connector 9 screw terminal, non-removable, wire clamp style, supports 12-24a wg (2 to 0.5mm) wire t ransceiver type ftt -10a with blocking capacitors for compatibility with link power channel input power 16-30v ac or dc @ 3.2 to 6.5v a (25ma per output) depending on load, internally isolated power supply mounting t ype 1 base plate or t ype 1d din base plate t emperature -40 to +85 c, operating and non-operating humidity 10 to 95% rh @ 50 c emi fcc a, ce mark safety agency u.l. 916 functional blocks node object (1), digital output open-loop actuator objects (4), digital encoder controller objects (2), analog function block controller objects (2), type translators (6) software con? guration l on m ark con? guration properties con? gured by an lns plug-in. the lns plug-in is compatible with lns tools supporting the lns plug-in standard, including the lonmaker for w indows integration t ool l on m ark status certi? ed to meet l on m ark interoperability guidelines dimensions 3.9 2 x 3.9 2 x 1 2 (10cm x 10cm x 2.5cm)


▲Up To Search▲   

 
Price & Availability of 41200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X