Part Number Hot Search : 
R5F2L36 WJ152 CHV2243 MC56F8 A155M A143Z M5132 HYB25
Product Description
Full Text Search
 

To Download 351100000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m thumbwheel & pushwheel mC dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com 3 series thumbwheel switches features/benefits ? most complete product offering in the industr y ? spacers available to fit most panel cutouts ? front or rear mounting options t ypical applications ? t est & measurement equipment ? industrial equipment ? computer devices specifications contact rating: carry: 1 amp continuous. switch: 100 ma max. operating voltage: 50 mv to 28 v dc or 120 v ac. electrical life: 100,000 actuations. cont act resistance: below 100 m typ. initial @ 2-4 v dc, 100 ma. insulation resistance: 10 9 min. dielectric strength: 500 v rms min. @ sea level between common terminal and any output. operating temperature: -40o to 65?o materials housing: abs plastic. thumbwheel: abs plastic. rotor contacts: precious metal on copper alloy. stator contacts: hard gold over nickel over copper on epoxy fiberglass. note: specifications and materials listed above are for switches with standard options for information on specific and custom switches, consult customer service center . * note: all models listed are rohs compliant. see technical data section of this catalog for rohs compliant and compatible definitions and specifications. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages mC thru m?C. for additional options not shown in catalog, consult customer service center. consult factory for illumination availability. series 3 thumbwheel switch number of sections 0 switch section 1 1 switch section 2 2 switch sections 3 3 switch sections 4 4 switch sections 5 5 switch sections 6 6 switch sections 7 7 switch sections 8 8 switch sections 9 more than 8 switch sections seal 0 no seal 1 sealed contacts 2 dust lens 3 sealed contacts & dust lens function code 11 decimal, sp, 10 position 14 resistor decade 21 bcd, 10 position 23 complement of bcd, 10 position 27 bcd, 10 position 31 bcd, 10 position 71 bch, 16 position t erminations 0 type 0 1 type 1, extended type 0 n solder pins with .100 spacing** p solder pins with .156 spacing** 9 any combination color/marking/stops 0 matte black body, gloss black wheel, white marking mounting style 00 snap-in, front mount 09 snap-in, front mount* 10 rear mount 19 rear mount* 20 rear mount 29 rear mount* *x9 mounting styles must be ordered with ?umber of sections. ** note: t ermination option n (rohs compliant) r eplaced termination option 3 (non-rohs compliant). t ermination option p (rohs compliant) r eplaced termination option b (non-rohs compliant).
m thumbwheel & pushwheel mC 4 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com 3 series thumbwheel switches series number of sections function code available terminations: 0, 1, n see fig. 1, page m-7. available terminations: 1 see fig. 1, page m-7. see fig. 1, page m-7. available terminations: 0, 1, n 21 bcd 1-2-4-8; 10 position 14 resistor decade; 1-2-2-2-2 code (resistors not supplied) 11 decimalC pole; 10 position 9 more than 8 switch sections, specify on configuration form, page mC0 and consult customer service center. 1-8 number of switch sections in assembly, includes endplates. 0 switch section only, no assembly. blank bodies are considered sections; endplates are not sections. must be or der ed with 09 or 19 mounting style options, see pages mC and m?C 3 thumbwheel switches note: endplates and blank sections available separately, see pages mC3 and m?C. note: for terminal location diagram, see page m-7.
m thumbwheel & pushwheel mC dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com 3 series thumbwheel switches function code mounting style available terminations: 0, 1, n see fig. 1, page m-7. available terminations: p see fig. 2, page m-7. see fig. 1, page m-7. available terminations: 0, 1, n available terminations: 0, 1, n see fig. 1, page m-7. n = number of sections. p anel mo unting 09 switch section onlyCnassembled without endplates or spacers (must be or der ed with number of sections option ?see page m?.C 00 switch assembly w/ endplatesC315 (8,00) section pitch type 0 snap-in front mount 23 complement of bcd 1-2-4-8; 10 position 71 binar y coded hexadecimal, 16 position 31 bcd 1-2-4-8; 10 position 27 bcd 1-2-4-8; 10 position note: for terminal location diagram, see page mC. note: endplates, blank sections, spacers and assembly har dware available separately, see pages mC and m?C (.315 x n) + .326 (8,00 x n) + (8,28) 00 dim. mounting style n = number of sections. recommended panel thickness: 0.46-.125 (1,16-3,18)
m thumbwheel & pushwheel mC 6 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com 3 series thumbwheel switches mounting style n = number of sections. p anel mo unting mtg. holes n = number of sections. (.350 x n) + .560 (8,89 x n) + (14,22) (.350 x n) + .340 (8,89 x n) + (8,64) 10 dim. dim. mounting style n = number of sections. recommended panel thickness: 0.46-.125 (1,16-3,18) 20 switch assembly w/ endplatesC350 (8,89) section pitch 29 switch section onlyCnassembled without endplates or spacers (must be ordered with number of sections option ?see page m?.C 19 switch section onl yCnassembled without endpla tes or sp acers (must be or der ed with number of sections option ?see page m?.C 10 switch assembl y w/ endplatesC350 (8,89) section pitch type 1 rear mount type 2 rear mount note: endplates, blank sections, spacers and assembly hardware available separately, see pages mC and m?C
m thumbwheel & pushwheel mC dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com color/marking/stops seal signal traces cut e xcept for common(s). fig. 1 fig. 2 9 any combina tion of termination configura tions or special terminations. p solder pins with .156sp acing n solder pins with .100sp acing 1 type 1, extended type 0 0 type 0 3 sealed switching contacts and dust lens 2 dust lens. (protects the character face of the wheel from abrasion and dirt). 1 sealed switching contacts. (sealing is by means of an o-ring rotary seal and a cured-in-place elastomer gasket. switching contact area is protected from moisture, oil, and airborne contaminants.) 0 unsealed switching contacts. 0 matte black housing (gloss black wheel with white characters; no stops.) pc boar d 1/32" (0,79) thick. note: see function codes, pages mC and m?C for signal locations. note: stop pins are available separately, see page mC. dust lens note: all terminal holes shown may not be pr esent for all function codes, consult customer service center . terminal connector available for termination options 0 & 1, see page mC. specify on configuration form, page mC0 and consult customer service center. t erminal location numbers 3 series thumbwheel switches terminations note: termination option n (rohs compliant) replaced termination option 3 (non-rohs compliant). termination option p (rohs compliant) replaced termination option b (non-rohs compliant).
m thumbwheel & pushwheel mC 8 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com 3 series thumbwheel switches available hardware blank sections, t ype 0, .315 thk. part no. 413602000 w/rib-black 400502000 w/rib & w/out springs-black blank sections, fr ont mount, type 0, .315 thk. part no. 413502000 plain-black 400702000 plain & w/out springs-black part no. 400602000 w/rib-black 400802000 plain-black blank sections, rear mount, t ype 1, .350 thk. blank sections, rear mount, t ype 2, .350 thk. p ar t no. 473402000 w/rib-black 473302000 plain-black end plates, fr ont mount, type 0 part no. 413402000 black part no. 400402003 black end plates, rear mount, t ype 1 end plates, rear mount, t ype 2 stop pins p ar t no. 473202003 black p ar t no. 410802000 black p ar t no. 402900000 spacers, fr ont mount, t ype 0 & 3, .078 thk. (makes section pitch 10mm) two required for complete assembly . two required for complete assembly. 4734 4733 4006 4008 two required for complete assembly .
m thumbwheel & pushwheel mC dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com 3 series thumbwheel switches available hardware p art no. 605a00000 pc 605a02000 solder lug fits 0 & 1 terminations only. t erminal connector part no. 403500000 nut two nuts required per assembly and screws. screws for field assembly of thumbwheel switches (2 screws needed per assembly + 403500000 nuts) 605a00000 605a02000 part no. 406100652 nut driver (for 403500000 nut) 1C 1C 3C 3 5C 4C 412700000 412701000 412702000 number of sections in assembl y front mounting rear mounting mtg. style C00 mtg. style C10 screw part number (0-80 unf thd. size)
m thumbwheel & pushwheel mC 10 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com 3 series thumbwheel switches qua lity control instr uctions production appro val date c&k part number rev. initials date 3 ca talog part no. company name customer print revision: address tel.# customer cont act date originated by sales rep. details: q.c. appro val date configuration fo rm gray shaded areas to be filled in by customer service. sheet _____ of _____ c&k p a r t number 10 11 1 2 34 5 67 8 9 thumbwheel sections describe in ap propr iate row special instructions or specifications: 3 C function code C terminations C color/marking/stops/seal C illumination for switches with mo re than 11 se ctions, co ntinue on additional sh eets. enter option codes in appr opriate box es. function codes include blank sections (see pages m-9 & m-10). no. of sec. C C 3 C C 3 C C 3 C C 3 C C 3 C C 3 C C 3 C C 3 C C 3 C C 3 C C


▲Up To Search▲   

 
Price & Availability of 351100000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X