Part Number Hot Search : 
DRF1401 ADP321 0592MH 1000F GBP3510 005000 PQ3RD083 R4GQR
Product Description
Full Text Search
 

To Download 2SD1691 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SD1691 description ? ? with to-126 package ? complement to type 2sb1151 ? low saturation voltage ? high total power dissipation:p t =1.3w ? large current capability and wide soa applications ? dc-dc converter ? driver of solenoid or motor pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 60 v v ceo collector-emitter voltage open base 60 v v ebo emitter-base voltage open collector 7 v i c collector current (dc) 5 a i cm collector current-peak 8 a i b base current 1 a t a =25 ?? 1.3 p d total power dissipation t c =25 ?? 20 w t j junction temperature 150 ?? t stg storage temperature -55~150 ??
inchange semiconductor product specification 2 silicon npn power transistors 2SD1691 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v cesat collector-emitter saturation voltage i c =2.0a ;i b =0.2a 0.3 v v besat base-emitter saturation voltage i c =2.0a ;i b =0.2a 1.2 v i cbo collector cut-off current v cb =50v; i e =0 10 | a i ebo emitter cut-off current v eb =7v; i c =0 10 | a h fe-1 dc current gain i c =0.1a ; v ce =1v 60 h fe-2 dc current gain i c =2a ; v ce =1v 100 400 h fe-3 dc current gain i c =5a ; v ce =1v 50 t on turn-on time 0.2 1.0 | s t stg storage time 1.1 2.5 | s t f fall time i c =2a; i b1 =-i b2 =0.2a r l =5.0 |? ;v cc ?? 10v 0.2 1.0 | s ? h fe-2 classifications m l k 100-200 160-320 200-400
inchange semiconductor product specification 3 silicon npn power transistors 2SD1691 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SD1691

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X