Part Number Hot Search : 
K100204 2SC4119 MS120 4411E 225LB25P BA7071F1 101KC B2409
Product Description
Full Text Search
 

To Download 2SC1623 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 2SC1623 preliminary npn silicon transistor www.unisonic.com.tw 1 of 2 copyright ? 2012 unisonic technologies co., ltd qw-r206-100.a audio frequency general purpose amplifier npn silicon transistor mini mold ? description the utc 2SC1623 is a npn silicon transistor using utc?s advanced technology to provide customers with high dc current gain and high breakdown voltage. the utc 2SC1623 is usually used in audio frequency general purpose amplifier. ? features * high breakdown voltage * high dc current gain sot-23 1 2 3 ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 2SC1623l-x-ae3-r 2SC1623g-x-ae3-r sot-23 e b c tape reel note: pin assignment: e: emitter b: base c: collector (1) r: tape reel (2) ae3: sot-23 (3) x: refer to classification of h fe (4) g: halogen free, l: lead free 2SC1623l -x -ae3 -r (1) packing type (2) package type (3) (4) lead free
2SC1623 preliminary npn silicon transistor unisonic technologies co., ltd 2 of 2 www.unisonic.com.tw qw-r206-100.a ? absolute maximum ratings (t a =25 c) parameter symbol ratings unit collector to base voltage v cbo 60 v collector to emitter voltage v ceo 50 v emitter to base voltage v ebo 5.0 v collector current (dc) i c 100 ma power dissipation p d 200 mw junction temperature t j 150 c storage temperature t stg -55~+150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t a =25 c) parameter symbol test conditions min typ max unit collector cutoff current i cbo v cb =60v, i e =0 0.1 a emitter cutoff current i ebo v eb =5.0v, i c =0 0.1 a dc current gain h fe v ce =6.0v, i c =1.0ma (note 1) 90 200 600 collector saturation voltage v ce ( sat ) i c =100ma, i b =10ma (note 1) 0.15 0.3 v base to saturation voltage v be ( sat ) i c =100ma, i b = 10ma (note 1) 0.86 1.0 v base emitter voltage v be v ce =6.0v, i c =1.0ma (note 1) 0.55 0.62 0.65 v gain bandwidth product f t v ce = 6.0v, i e =-10ma 250 mhz output capacitance c ob v cb = 6.0v, i e =0, f=1.0mhz 3.0 pf note: 1. pulsed: pw 350ms, duty cycle 2 % ? classification of h fe rank l4 l5 l6 l7 range 90 ~ 180 135 ~ 270 200 ~ 400 300 ~ 600 utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 2SC1623

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X