Part Number Hot Search : 
MSR125H 02800 50040 RN60C RN1967 01400001 GBJ1508 B1000
Product Description
Full Text Search
 

To Download 2SA1746 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification 1 silicon pnp power transistors 2SA1746 d escription with to-3pml package low collector saturation voltage applications for chopper regulator,switch and general purpose applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings(tc=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -70 v v ceo collector-emitter voltage open base -50 v v ebo emitter-base voltage open collector -6 v i c collector current -12 a i cm collector current-peak -20 a i b base current -4 a p c collector power dissipation t c =25 60 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pml) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1746 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-25ma; i b =0 -50 v v ce (sat) collector-emitter saturation voltage i c =-5 a;i b =-80m a -0.5 v v be (sat) base-emitter saturation voltage i c =-5 a;i b =-80m a -1.2 v i cbo collector cut-off current v cb =-70v; i e =0 -10 a i ebo emitter cut-off current v eb =-6v; i c =0 -10 a h fe dc current gain i c =-5a ; v ce =-1v 50 f t transition frequency i c =-1a ; v ce =-12v 25 mhz c ob output capacitance i e =0; v cb =-10v;f=1mhz 400 pf switching times t on turn-on time 0.5 s t s storage time 0.6 s t f fall time i c =-5a;r l =4 a i b1 =-i b2 =-80ma v cc =-20v 0.3 s
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1746 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon pnp power transistors 2SA1746


▲Up To Search▲   

 
Price & Availability of 2SA1746

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X