Part Number Hot Search : 
TLP1217 MT90871 2003EVG CQ1265RT FP5109 N5210 SC241 PZU10B2
Product Description
Full Text Search
 

To Download 2SA1746 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification 1 silicon pnp power transistors 2SA1746 description ? ? with to-3pml package ? low collector saturation voltage applications ? for chopper regulator,switch and general purpose applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings(tc=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -70 v v ceo collector-emitter voltage open base -50 v v ebo emitter-base voltage open collector -6 v i c collector current -12 a i cm collector current-peak -20 a i b base current -4 a p c collector power dissipation t c =25 ?? 60 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pml) and symbol
jmnic product specification 2 silicon pnp power transistors 2SA1746 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-25ma; i b =0 -50 v v cesat collector-emitter saturation voltage i c =-5 a;i b =-80m a -0.5 v v besat base-emitter saturation voltage i c =-5 a;i b =-80m a -1.2 v i cbo collector cut-off current v cb =-70v; i e =0 -10 | a i ebo emitter cut-off current v eb =-6v; i c =0 -10 | a h fe dc current gain i c =-5a ; v ce =-1v 50 f t transition frequency i c =-1a ; v ce =-12v 25 mhz c ob output capacitance i e =0; v cb =-10v;f=1mhz 400 pf switching times t on turn-on time 0.5 | s t s storage time 0.6 | s t f fall time i c =-5a;r l =4 |? i b1 =-i b2 =-80ma v cc =-20v 0.3 | s
jmnic product specification 3 silicon pnp power transistors 2SA1746 package outline fig.2 outline dimensions
jmnic product specification 4 silicon pnp power transistors 2SA1746


▲Up To Search▲   

 
Price & Availability of 2SA1746

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X