Part Number Hot Search : 
MAX4270 LT1216 03N60 MJ3042 HVPF10 00090 SA130 HER503
Product Description
Full Text Search
 

To Download 1798710000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.81 mm (0.150 inch) | socket connectors, screw clamp connection, pitch 3.81 | bcz 3.81/90/270 | bcz 3.81/90 - 1 - general ordering data order no. 1798710000 part designation bcz 3.81/4/90 sn gn version pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 4, 90, box ean 4032248243297 qty. 50 pc(s). system parameters conductor connection system clamping yoke connection outgoing direction of conductor 90 pitch 3.81 mm pitch in inch 0.15 inch no. of poles 4 no. of rows 1 screwdriver blade 0.4 x 2.5 screwdriver blade standard din 5264 tightening torque, min. 0.2 tightening torque, max. 0.25 nm clamping screw m 2 stripping length 7 mm l1 in mm 11.43 mm l1 in inch 0.45 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 0470 safe from finger touch material data insulating material pa gf colour pale green colour chart similar to ral 6021 insulating material group ii flammability class ul 94 v-0 cti >= 475 contact base material copper alloy
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.81 mm (0.150 inch) | socket connectors, screw clamp connection, pitch 3.81 | bcz 3.81/90/270 | bcz 3.81/90 - 2 - material data contact surface tinned connectable conductors clamping range, min. 0.08 mm2 clamping range, max. 1.5 mm2 awg, min. 28 awg, max. 16 solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 1.5 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 1.5 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.2 mm2 with wire end ferrule, acc. to din 46 228/1, max. 1.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.2 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 1.5 mm2 gauge to en 60999 a x b; ? 2.4 mm x 1.5 mm ; 2.4 mm din iec rating data rated current, min. no. pins (tu=20c) 17.5 a rated current, max. no. pins (tu=20c) 15.9 a rated current, min. no. pins(tu=40c) 17.5 a rated current, max. no. pins (tu=40c) 14.1 a rated voltage for overvoltage class/pollution severity ii/2 320 v rated voltage for overvoltage class/pollution severity iii/2 160 v rated voltage for overvoltage class/pollution severity iii/3 160 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 2.5 kv short-time withstand current resistance 3 x 1s with 76 a csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor (field wiring), min. 28 awg conductor (field wiring), max. 16 ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor, min. 28 awg conductor, max. 16
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.81 mm (0.150 inch) | socket connectors, screw clamp connection, pitch 3.81 | bcz 3.81/90/270 | bcz 3.81/90 - 3 - approvals approvals institutes classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 27-26-07-01 eclass 5.0 27-26-07-01 eclass 5.1 27-26-07-04 similar products order no. part designation version 1939820000 bcz 3.81/2/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 2, 90, box 1798500000 bcz 3.81/2/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 2, 90, box 1798680000 bcz 3.81/2/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 2, 90, box 1939830000 bcz 3.81/3/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 3, 90, box 1798120000 bcz 3.81/3/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 3, 90, box 1798690000 bcz 3.81/3/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 3, 90, box 1939840000 bcz 3.81/4/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 4, 90, box 1798550000 bcz 3.81/4/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 4, 90, box 1939860000 bcz 3.81/5/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 5, 90, box 1798570000 bcz 3.81/5/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 5, 90, box 1798720000 bcz 3.81/5/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 5, 90, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.81 mm (0.150 inch) | socket connectors, screw clamp connection, pitch 3.81 | bcz 3.81/90/270 | bcz 3.81/90 - 4 - 1939870000 bcz 3.81/6/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 6, 90, box 1798590000 bcz 3.81/6/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 6, 90, box 1798730000 bcz 3.81/6/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 6, 90, box 1939880000 bcz 3.81/7/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 7, 90, box 1858960000 bcz 3.81/7/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 7, 90, box 1871440000 bcz 3.81/07/90 sn gn bx pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 7, 90, box 1939890000 bcz 3.81/8/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 8, 90, box 1798130000 bcz 3.81/8/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 8, 90, box 1798740000 bcz 3.81/8/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 8, 90, box 1939900000 bcz 3.81/9/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 9, 90, box 1871430000 bcz 3.81/9/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 9, 90, box 1871420000 bcz 3.81/9/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 9, 90, box 1939910000 bcz 3.81/10/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 10, 90, box 1798610000 bcz 3.81/10/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 10, 90, box 1798750000 bcz 3.81/10/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 10, 90, box 1939920000 bcz 3.81/11/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 11, 90, box 1899380000 bcz 3.81/11/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 11, 90, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.81 mm (0.150 inch) | socket connectors, screw clamp connection, pitch 3.81 | bcz 3.81/90/270 | bcz 3.81/90 - 5 - 1899370000 bcz 3.81/11/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 11, 90, box 1939930000 bcz 3.81/12/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 12, 90, box 1798630000 bcz 3.81/12/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 12, 90, box 1798760000 bcz 3.81/12/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 12, 90, box 1939940000 bcz 3.81/13/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 13, 90, box 1899420000 bcz 3.81/13/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 13, 90, box 1899410000 bcz 3.81/13/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 13, 90, box 1939950000 bcz 3.81/14/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 14, 90, box 1899460000 bcz 3.81/14/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 14, 90, box 1899450000 bcz 3.81/14/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 14, 90, box 1939960000 bcz 3.81/15/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 15, 90, box 1899500000 bcz 3.81/15/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 15, 90, box 1899490000 bcz 3.81/15/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 15, 90, box 1939970000 bcz 3.81/16/90 sn or pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 16, 90, box 1798660000 bcz 3.81/16/90 sn sw pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 16, 90, box 1798770000 bcz 3.81/16/90 sn gn pcb plug-in connector, female connectors, clamping yoke connection, clamping range, max.: 1.5 mm2, pitch: 3.81 mm, no. of poles: 16, 90, box


▲Up To Search▲   

 
Price & Availability of 1798710000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X