Part Number Hot Search : 
EP120660 PAC7302 G106M MN347H 5KE40 3055EL ITA6V5B1 FCM1005
Product Description
Full Text Search
 

To Download 15SMCJ54-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.5smcj5.0-lfr thru 1.5smcj188a-lfr page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 1500w surface mount transient voltage suppressor 1.5smcj5.0-lfr thru 1.5smcj188a-lfr features z plastic package has underwriters laboratory flammability classification 94v-0 z glass passivated junction z low profile z excellent clamping capability z low incremental surge resistance z fast response time: typically less then 1.0 ps from 0 volts to v(br) min z 1500 w peak pulse power capability with a 10/1000 s waveform, repetition rate (duty cycle): 0.01% z typical i d less than 1 a above 10v z high temperature soldering guaranteed: 250 c /10 seconds at terminals z rohs mechanical data z case: molded plastic, do-214ab (smc) dimensions in inches and (millimeters) z terminals: solder plated z polarity: indicated by cathode band z weight: 0.21 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified ratings symbol value units peak pulse power dissipation on 10/1000 s waveform (note 1, fig. 1) p ppm minimum 1500 watts peak pulse current of 0n 10/1000 s waveform (note 1,fig. 3) i ppm see table 1 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load, unidirectional only(note 2) i fsm 200 a maximum instantaneous forw ard voltage at 25a for unidirectional only (note 3 & 4) vf see note 4 v operating junction and stor age temperature range t j, t stg - 55 to + 150 c note : 1. non-repetitive current pulse, per fig.3 and derated above ta=25 c per fig 2. 2. mounted on 8.0x8.0mm copper pads to each terminal 3. measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum 4. vf=3.5v on 1.5smcj5.0 thru 1.5smcj90a de vices and vf=5.0v on 1.5smcj100 thru 1.5smcj188a .060(1.52) .030(0.76) .320(8.13) .305(7.75) .103(2.62) .079(2.06) .280(7.11) .260(6.60) .245(6.22) .220(5.59) .126(3.20) .114(2.90) cathode
1.5smcj5.0-lfr thru 1.5smcj188a-lfr page: 2 device marking code breakdown voltage v (br) (volts) at i t device uni bi working peak reverse voltage v wm (volts) min max test current i t (ma) maximum clamping voltage at i ppm vc(volts) (note 5) max peak pulse surge current i ppm (note 5) (amps) maximum reverse leakage at v wm i d ( a) 1.5smcj5.0-lfr 1.5smcj5.0a-lfr 1.5smcj6.0-lfr 1.5smcj6.0a-lfr 1.5smcj6.5-lfr 1.5smcj6.5a-lfr 1.5smcj7.0-lfr 1.5smcj7.0a-lfr 1.5smcj7.5-lfr 1.5smcj7.5a-lfr 1.5smcj8.0-lfr 1.5smcj8.0a-lfr 1.5smcj8.5-lfr 1.5smcj8.5a-lfr 1.5smcj9.0-lfr 1.5smcj9.0a-lfr 1.5smcj10-lfr 1.5smcj10a-lfr 1.5smcj11-lfr 1.5smcj11a-lfr 1.5smcj12-lfr 1.5smcj12a-lfr 1.5smcj13-lfr 1.5smcj13a-lfr 1.5smcj14-lfr 1.5smcj14a-lfr 1.5smcj15-lfr 1.5smcj15a-lfr 1.5smcj16-lfr 1.5smcj16a-lfr 1.5smcj17-lfr 1.5smcj17a-lfr 1.5smcj18-lfr 1.5smcj18a-lfr 1.5smcj20-lfr 1.5smcj20a-lfr 1.5smcj22-lfr 1.5smcj22a-lfr 1.5smcj24-lfr 1.5smcj24a-lfr 1.5smcj26-lfr 1.5smcj26a-lfr 1.5smcj28-lfr 1.5smcj28a-lfr 1.5smcj30-lfr 1.5smcj30a-lfr 1.5smcj33-lfr 1.5smcj33a-lfr 1.5smcj36-lfr 1.5smcj36a-lfr 1.5smcj40-lfr 1.5smcj40a-lfr 1.5smcj43-lfr 1.5smcj43a-lfr 1.5smcj45-lfr 1.5smcj45a-lfr 1.5smcj48-lfr 1.5smcj48a-lfr gdd gde gdf gdg gdh gdk gdl gdm gdn gdp gdq gdr gds gdt gdu gdv gdw gdx gdy gdz ged gee gef geg geh gek gel gem gen gep geq ger ges get geu gev gew gex gey gez gfd gfe gff gfg gfh gfk gfl gfm gfn gfp gfq gfr gfs gft gfu gfv gfw gfx bdd bde bdf bdg bdh bdk bdl bdm bdn bdp bdq bdr bds bdt bdu bdv bdw bdx bdy bdz bed bee bef beg beh bek bel bem ben bep beq ber bes bet beu bev bew bex bey bez bfd bfe bff bfg bfh bfk bfl bfm bfn bfp bfq bfr bfs bft bfu bfv bfw bfx 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45 48 48 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 7.82 7.07 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 156.3 163.0 131.6 145.6 122.0 133.9 112.8 125.0 104.9 116.3 100.0 110.3 94.3 104.2 88.8 97.4 79.8 88.2 74.6 82.4 68.2 75.4 63.0 69.8 58.1 64.7 55.8 61.5 52.1 57.7 49.2 54.3 46.6 51.4 41.9 46.3 38.1 42.3 34.9 38.6 32.2 35.6 30.0 33.0 28.0 31.0 25.4 28.1 23.3 25.8 21.0 23.3 19.6 21.6 18.7 20.6 17.5 19.4 800 800 800 800 500 500 200 200 100 100 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
1.5smcj5.0-lfr thru 1.5smcj188a-lfr page: 3 device marking code breakdown voltage v (br) (volts) at i t device uni bi working peak reverse voltage v wm (volts) min max test current i t (ma) maximum clamping voltage at i ppm vc(volts) (note 5) max peak pulse surge current i ppm (note 5) (amps) maximum reverse leakage at v wm i d ( a) 1.5smcj51-lfr 1.5smcj51a-lfr 1.5smcj54-lfr 1.5smcj54a-lfr 1.5smcj58-lfr 1.5smcj58a-lfr 1.5smcj60-lfr 1.5smcj60a-lfr 1.5smcj64-lfr 1.5smcj64a-lfr 1.5smcj70-lfr 1.5smcj70a-lfr 1.5smcj75-lfr 1.5smcj75a-lfr 1.5smcj78-lfr 1.5smcj78a-lfr 1.5smcj85-lfr 1.5smcj85a-lfr 1.5smcj90-lfr 1.5smcj90a-lfr 1.5smcj100-lfr 1.5smcj100a-lfr 1.5smcj110-lfr 1.5smcj110a-lfr 1.5smcj120-lfr 1.5smcj120a-lfr 1.5smcj130-lfr 1.5smcj130a-lfr 1.5smcj150-lfr 1.5smcj150a-lfr 1.5smcj160-lfr 1.5smcj160a-lfr 1.5smcj170-lfr 1.5smcj170a-lfr 1.5smcj188-lfr 1.5smcj188a-lfr gfy gfz ggd gge ggf ggg ggh ggk ggl ggm ggn ggp ggq ggr ggs ggt ggu ggv ggw ggx ggy ggz ghd ghe ghf ghg ghh ghk ghl ghm ghn ghp ghq ghr ght ghs bfy bfz bgd bge bgf bgg bgh bgk bgl bgm bgn bgp bgq bgr bgs bgt bgu bgv bgw bgx bgy bgz bhd bhe bhf bhg bhh bhk bhl bhm bhn bhp bhq bhr ght ghs 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 188 188 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 209 209 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102.0 92.1 106.0 95.8 115.0 104.0 122.0 111.0 136.0 123.0 149.0 135.0 163.0 147.0 176.0 159.0 204.0 185.0 218.0 197.0 231.0 209.0 255.0 231.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 91.1 82.4 96.3 87.1 103.0 93.0 107.0 96.0 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 344.0 328.0 16.5 18.2 15.6 17.2 14.6 16.0 14.0 15.5 13.2 14.6 12.0 13.3 11.2 12.4 10.8 11.9 9.9 10.9 9.4 10.3 8.4 9.3 7.7 8.5 7.0 7.8 6.5 7.2 5.6 6.2 5.2 5.8 4.9 5.5 4.4 4.6 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 note: 1. vf=3.5v on 1.5smcj5.0 thru 90a devices and vf =5.0v on 1.5smcj100 thru 188a devices at if=25a on ? square or equivalent sine wave. pw = 8.3ms, duty cycle = 4 pulses per minute maximum 2. for bipolar types with vr of 10 volts and under, the ir limit is doubled. 3. mounted on 5.0mm 2 copper pads to each terminal. 4. for bidirectional use c suffix for 10% tolerance, ca suffix for 5% tolerance.
1.5smcj5.0-lfr thru 1.5smcj188a-lfr page: 4 fig. 2 - pulse derating curve 100 75 50 25 0 peak pulse power (p pp ) or current (i pp ) derating in percentage,% 0 25 50 75 100 125 150 175 200 ta, ambient temperature, fig. 1 - peak pulse power rating curve 100 10 1.0 0.1 p ppm, peak pulse power,kw 0.1 us 1.0 us 10 us 100 us 1.0 ms 10 ms td, pulse width, sec non-repetitive pulse waveform shown in fig. 3 t a =25 fig. 3 - pulse waveform 150 100 50 0 i ppm , peak pulse current, % pulse width (td) is defined as the point where the peak current decays to 50% of i pp tr =10usec. peak value i ppm half value 10/1000usec. waveform as defined by r.e.a. 0 1.0 2.0 3.0 4.0 t, time,ms fig. 4 - typical junction capacitance 10,000 1,000 100 10 c j , capacitance , p f unidirectional bidirectional v r =0 v r =rated stand-off voltage f=1 mh z vsig=50mvp-p t j =25 t d fig. 5 - steady state power derating curve 5.00 3.75 2.50 1.25 0 pm( av ), steady state power dissipation ,watts 0 25 50 75 100 125 150 175 200 t l , lead temperature, 60h z resistive or inductive load fig. 6 - maximum non-repetitive peak forward surge current unidirectional only 200 100 10 peak forward surge current, amperes 1 10 100 number of cycles at 60h z 8.3ms single half sine-wave (jedec method) t j =t j max. 5 10 100 500 v( br ), breakdown voltage, volts ipp 2 0.310.31?(8.08.0mm) copper pad areas
1.5smcj5.0-lfr thru 1.5smcj188a-lfr page: 5 fig. 7 - incremental clamping voltage curve unidirectional 100 20 10 2.0 1.0 0.2 0.1 vc , incremental clamping voltage 0.5 1 2.0 10 20 50 i pp, peak pulse current, amps waveform: 10 1000 impulse vc=vc-v ( br ) 1.5smcj200-lf 1.5smcj 75-lf 1.5smcj 130-lf 1.5smcj 39-lf 1.5smcj 100-lf 1.5smcj 6.8-lf 1.5smcj 33-lf 1.5smcj 9.1-lf 1.5smcj 18-lf 1.5smcj 12-lf fig. 8 - incremental clamping voltage curve unidirectional 100 20 10 2.0 1.0 0.2 0.1 vc, incremental clamping voltage vc, incremental clamping voltage vc, incremental clamping voltage vc, incremental clamping voltage 0.5 1 2.0 10 20 50 i pp, peak pulse current, amps waveform: 10 1000 impulse vc=vc-v ( br ) 1.5smcj 200-lf 1.5smcj 130-lf 1.5smcj 39-lf 1.5smcj 33-lf 1.5smcj 6.8-lf 1.5smcj 9.1-lf 1.5smcj 75-lf fig. 10 - incremental clamping voltage curve bidirectional 100 20 10 2.0 1.0 0.2 0.1 vc, incremental clamping voltage 0.5 1 2.0 10 20 50 i pp, peak pulse current, amps waveform: 10 1000 impulse vc=vc-v ( br ) 1.5smcj 200c-lf 1.5smcj 75c-lf 1.5smcj 39c-lf 1.5smcj 7.5c-lf 1.5smcj 11c-lf 1.5smcj 15c-lf 1.5smcj 30c-lf 0.5 1 2.0 10 20 50 fig. 9 - incremental clamping voltage cirve bidirectional 100 20 10 2.0 0.2 0.1 vc, incremental clamping voltage i pp, peak pulse current, amps waveform: 10 1000 impulse vc=vc-v ( br ) 1.5smcj 200c-lf 1.5smcj 30c-lf 1.5smcj 39c-lf 1.5smcj 75c-lf 1.5smcj 11c-lf 1.5smcj 7.5c-lf 1.5smcj 15c-lf
1.5smcj5.0-lfr thru 1.5smcj188a-lfr page: 6 fig. 11 - instantaneous forward voltage characteristics curve 100 10 1 0.1 forward current pulse width=300 us 1% duty cycle t j =25 unidirectional (only) 0 0.4 0.8 1.2 1.6 2.0 instantaneous forward current, amperes fig. 12 - breakdown voltage temperature coefficient curve 1,000 100 10 1 v - temperature coefficient -mv/ unidirectional bidirectional 5 10 20 50 100 200 500 v (br) , breakdown voltage, volts


▲Up To Search▲   

 
Price & Availability of 15SMCJ54-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X