Part Number Hot Search : 
ER102 FAIRCHIL ST63126 ADL5601 SC2544 130058 DL5405 GPTS7224
Product Description
Full Text Search
 

To Download 0432028903 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0432028903 status: active overview: modular_plugs_jacks description: modular jack, right angle, low profile, shielded, all panel grounding tabs, with bottom grounding tab, front position pcb ground tab, 8/10 documents: 3d model product specification ps-43202-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e107635 general product family modular jacks/plugs series 43202 comments enhanced panel grounding tabs component type pcb jack magnetic no overview modular_plugs_jacks performance category 3 power over ethernet (poe) n/a product name rj45 physical color - resin black durability (mating cycles max) 500 flammability 94v-0 inverted / top latch no lightpipes/leds none material - metal brass, phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic orientation right angle (side entry) pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray panel mount without flange pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 50 plating min: mating (m) 1.25 plating min: termination (in) 100 plating min: termination (m) 2.5 ports 1 positions / loaded contacts 8/10 surface mount compatible (smc) yes temperature range - operating -40c to +85c termination interface: style through hole wire/cable type n/a electrical current - maximum per contact 1.5a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 43202 series mates with fcc 68 plugs
grounding to pcb yes grounding to panel yes shielded yes voltage - maximum 125v solder process data lead-free process capability wave capable (th only) material info reference - drawing numbers packaging specification pk-43202-004 product specification ps-43202-001, rps-43202-002 sales drawing sda-43202 this document was generated on 06/07/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 0432028903

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X