www.murata-ps.com www.murata-ps.com/support for full details go to www.murata-ps.com/rohs $ uws series sixteenth-brick dosa-compatible, wide input isolated dc/dc converters mdc_uws series.b02 page 1 of 25 features ? high ef? ciency synchronous recti? er forward topology ? 18-75 volts dc wide input range with 3.3, 5 and 12 volts for output voltage ? up to 54 watts total output power with overtemperature shutdown ? tiny 1.31" x 0.91" x 0.36" open frame package ? industry standard dosa "brick" format and pinout ? extensive self-protection shut down features ? small footprint dc/dc converter, ideal for high current applications ? 2250 volt basic input/output isolation (48v models) ? operating temperature range -40 to +85 c with derating ? stable no-load operation with no required exter- nal components ? certi? ed to ul 60950-1, 2nd edition, en60950-1 safety approvals the world of brick dc/dc converters has seen a steady size reduction. the uws series makes another dramatic size shrink down to a sixteenth- brick width (0.91 inches) while still retaining a high power output and full 2250 volt dc isolation. the pc-board mount converter family accepts 18?to 75 volts dc inputs and delivers ? xed outputs regulated to within 0.125%. the uws converters are ideal for datacom and telecom applications, cell phone towers, data centers, server farms and network repeaters. uws outputs may be trimmed while delivering fast settling to current step loads and no adverse effects from higher capacitive loads. excellent ripple and noise speci? cations assure compatibility to cir- cuits using cpus, asics, programmable logic and fpgas. no minimum load is required. for systems requiring controlled startup/shutdown, an external remote on/off control may use a switch, transistor or digital logic. many self-protection features on the uws series avoid both converter and external circuit hazards. these include input undervoltage lockout and overtemperature shutdown. the output of these dc/dc converters have current limit using the hiccup autorestart technique and the outputs may be short-circuited inde? nitely. additional features include output overvoltage and reverse conduction elimination. the synchronous recti? er forward topology yields high ef? ciency for minimal heat buildup and no fan operation. product overview f1 external dc power source reference and error ampli?er t 4 x j u d i j o h t ' j m u f s t t $ v s s f o u 4 f o t f -vout (4) +vout (8) 4 f o t f
|