Part Number Hot Search : 
8EVKIT M7003 AD1941 HER208 4084L TME0503S TMP886 OP165B
Product Description
Full Text Search
 

To Download USF1040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2 10.2 0.2 2.8 0.1 19.0 0.5 pin 3.5 0.3 0.9 0.1 5.0 0.1 13.8 0.5 2.6 0.2 0.5 0.1 8.9 0.2 1.4 0.2 4.5 0.2 |? 3 . 8 0 . 1 5 low cost diffusde junction low forward voltage drop high current capability case:jed ec to-220ac,molded plastic polarity: as marked weight:0.064 ounces,1.96 gram mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. units max imu m r e c u r r en t pe a k r e v e r s e v o lt ag e v rrm v max imu m rms v o lt a ge v rms v max imu m dc bl oc kin g v o lt ag e v dc v maximum average forw ard rectif ied current @t c =100 peak forw ard surge current 8.3ms single half -sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 10a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 max imu m r e v e r s e r ec o v e r y t ime ( no t e1 ) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja /w operating junction temperature range t j storage temperature range t stg 50 1.3 1.7 0.98 70 a 10 easily cleaned with alcohol,isopropanol and similar solvents i f (av) 3. thermal resistance f rom junction to ambient. a 150 i r i fsm note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. 2. measured at 1.0mh z and applied rev erse v oltage of 4.0v dc. - 55 ----- + 150 - 55 ----- + 150 25 usf usf usf usf usf usf 100 200 300 400 500 600 the plastic material carries u/l recognition 94v-0 voltage range: 100 --- 600 v cur rent: 10 a to-220ac 3.0 400 a maximum ratings and electrical characteristics 70 140 210 280 350 420 100 200 300 400 500 600 10 1010 1020 1030 1040 1050 1060 dimensions in millimeters usf1010-usf1060 super fast rectifiers features mechanical data http://www.luguang.cn mail:lge@luguang.cn
.6 .4 .8 1.0 1.2 1.4 1.6 1.8 0.01 0.1 1 10 100 tj=25 c pulse width=300 s 1% duty cycle o usf1010~usf1020 usf1030~USF1040 usf1050~usf1060 amperes amperes amperes fig.2 -- typical forward characteristic fig.3 -- forward derating curve z fig.4 -- typical junction capacitance fig.5 -- peak forward surge current case temperature, peak forward surge curren t number of cycles at 60hz reverse voltage,volts fig.1 -- test circuit diagram and reverse recovery time characteristic average forward current set time base for 10 ns/cm junction capacitance,pf notes:1.rise time = 7ns max.input impedance = 1m .22pf. jjjjj 2.rise time =10ns max.source impedance=50 . instantaneous forward voltage, volts instantaneous forward current t rr -1 .0 a -0 .2 5 a 0 +0.5a 1cm t j =25 1 2 4 6 10 20 40 60 100 200 0.1 0.2 0.4 1 2 4 10 40 100 20 usf1030- usf1060 usf1010 - usf1020 pulse generator (note2) d.u.t. 1 nonin- ductive 50 n 1. 10 n1. oscilloscope (note 1) (+) 25vdc (approx) (-) 2.0 4.0 0 25 50 75 100 125 150 single phase half wave 60h z resistive or inductive load 0 175 6.0 8.0 10 12 0 50 150 11 0 100 75 5 8.3ms single half sine-wave 50 125 100 25 175 usf1010-usf1060 super fast rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of USF1040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X