Part Number Hot Search : 
ANTX2 XFATM9P8 RCLAMP05 TA48033 E3000 1D30UM EC1SC04 5SMC100A
Product Description
Full Text Search
 

To Download USF1030F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2 pin 16.5 0.3 10.2 0.2 15.2 0.5 4.0 0.3 13.5 0.5 5.0 0.1 1.4 0.1 0.6 0.1 4.5 0.2 3.1 +0.2 -0.1 |? 3 .3 0.1 |?3 .2 0.2 8.2 0.2 2.6 0.2 0.6 0.1 low cost diffusde junction low forward voltage drop high current capability case:jed ec ito-220ac,molded plastic polarity: as marked weight:0.056 ounces,1.587 gram mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. units max imu m r e c u r r en t pe a k r e v e r s e v o lt ag e v rrm v max imu m rms v o lt a ge v rms v max imu m dc bl oc kin g v o lt ag e v dc v maximum average forw ard rectif ied current @t c =100 peak forw ard surge current 8.3ms single half -sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 10a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 max imu m r e v e r s e r ec o v e r y t ime ( no t e1 ) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja /w operating junction temperature range t j storage temperature range t stg 50 1.3 1.7 0.98 70 a 10 easily cleaned with alcohol,isopropanol and similar solvents i f (av) 3. thermal resistance f rom junction to ambient. a 150 i r i fsm note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. 2. measured at 1.0mh z and applied rev erse v oltage of 4.0v dc. - 55 ----- + 150 - 55 ----- + 150 25 usf usf usf usf usf usf 100 200 300 400 500 600 the plastic material carries u/l recognition 94v-0 voltage range: 100 --- 600 v cur rent: 10 a ito-220ac 3.0 400 a maximum ratings and electrical characteristics 70 140 210 280 350 420 100 200 300 400 500 600 10 1010f 1020f 1030f 1040f 1050f 1060f dimensions in millimeters usf1010f-usf1060f super fast rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
.6 .4 .8 1.0 1.2 1.4 1.6 1.8 0.01 0.1 1 10 100 tj=25 c pulse width=300 s 1% duty cycle o usf1010f~usf1020f USF1030F~usf1040f usf1050f~usf1060f amperes amperes amperes fig.2 -- typical forward characteristic fig.3 -- forward derating curve z fig.4 -- typical junction capacitance fig.5 -- peak forward surge current case temperature, peak forward surge curren t number of cycles at 60hz reverse voltage,volts fig.1 -- test circuit diagram and reverse recovery time characteristic average forward current set time base for 10 ns/cm junction capacitance,pf notes:1.rise time = 7ns max.input impedance = 1m .22pf. jjjjj 2.rise time =10ns max.source impedance=50 . instantaneous forward voltage, volts instantaneous forward current t rr -1 .0 a -0 .2 5 a 0 +0.5a 1cm t j =25 1 2 4 6 10 20 40 60 100 200 0.1 0.2 0.4 1 2 4 10 40 100 20 USF1030F- usf1060f usf1010f - usf1020f pulse generator (note2) d.u.t. 1 nonin- ductive 50 n 1. 10 n1. oscilloscope (note 1) (+) 25vdc (approx) (-) 2.0 4.0 0 25 50 75 100 125 150 single phase half wave 60h z resistive or inductive load 0 175 6.0 8.0 10 12 0 50 150 11 0 100 75 5 8.3ms single half sine-wave 50 125 100 25 175 usf1010f-usf1060f super fast rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of USF1030F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X