Part Number Hot Search : 
1027C FQB13N06 PTF10052 4503B SMCJ26A S7908PI TU4AD3 00AA1
Product Description
Full Text Search
 

To Download SOT-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  extremely fast switching speed. low forward voltage. cmpsh-3 cmpsh-3a power dissipation p d =350mw pb /rohs free cmpsh-3c cmpsh-3s fast switching application. type no. marking package code cmpsh-3 d95 SOT-23 cmpsh-3a db1 SOT-23 cmpsh-3c db2 SOT-23 cmpsh-3s da5 SOT-23 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit peak repetitive peak reverse voltage v rrm 30 v forward continuous current i f 100 ma peak repetitive forward current i frm 350 ma forward surge current t p =10ms i fsm 750 ma power dissipation p d 350 mw thermal resistance r ja 357 /w junction storage temperature t j ,t stg -55-150 cmpsh-3/a/c/s schottky barrier diode features applications ordering information dimensions in inches and (millimeters) SOT-23 ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics @ ta=25 unless otherwise specified parameter symbol min. typ. max. unit conditions reverse breakdown voltage v (br) 30 v i r =100 a v f1 0.29 0.33 v i f =2.0ma v f2 0.40 0.45 v i f =15ma forward voltage v f3 0.74 1.00 v i f =100ma reverse current i r 90 25 500 100 na a v r =25v v r =25v t a =100 diode capacitanc c d 7.0 pf v r =1v,f=1mhz reverse recovery time t rr 5 ns i f =i r =10ma i rr =0.1xi r ,r l =100 ? cmpsh-3/a/c/s schottky barrier diode http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SOT-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X