Part Number Hot Search : 
SP5768 1E220 2SK371 PT1204 ISL6266 K3022PG HA12226 S2070
Product Description
Full Text Search
 

To Download SF4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ultra-fast avalanche sinterglass diode SF4001, sf4002, sf4003, sf 4004, sf4005, sf 4006, sf4007 vishay semiconductors document number: 86060 for technical ques tions within your region, please cont act one of the following: www.vishay.com rev. 1.8, 04-aug-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 87 mechanical data case: sod-57 terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any weight: approx. 369 mg features ? glass passivated ? hermetically sealed axial leaded glass envelope ? low reverse current ? high reverse voltage ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to iec 61249-2-21 definition applications ? switched mode power supplies ? high-frequency inverter circuits 949539 parts table part type differe ntiation package SF4001 v r = 50 v; i fav = 1 a sod-57 sf4002 v r = 100 v; i fav = 1 a sod-57 sf4003 v r = 200 v; i fav = 1 a sod-57 sf4004 v r = 400 v; i fav = 1 a sod-57 sf4005 v r = 600 v; i fav = 1 a sod-57 sf4006 v r = 800 v; i fav = 1 a sod-57 sf4007 v r = 1000 v; i fav = 1 a sod-57 absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition part symbol value unit reverse voltage = repetitive peak reverse voltage see electrical characteristics SF4001 v r = v rrm 50 v sf4002 v r = v rrm 100 v sf4003 v r = v rrm 200 v sf4004 v r = v rrm 400 v sf4005 v r = v rrm 600 v sf4006 v r = v rrm 800 v sf4007 v r = v rrm 1000 v peak forward surge current t p = 10 ms, half sine wave i fsm 30 a average forward current lead length l = 10 mm i fav 1a junction and storage temperature range t j = t stg - 55 to + 175 c non repetitive reverse avalanche energy i (br)r = 0.4 a e r 10 mj
SF4001, sf4002, sf4003, sf40 04, sf4005, sf4006, sf4007 vishay semiconductors ultra-fast avalanche sinterglass diode www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 86060 88 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com rev. 1.8, 04-aug-10 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - max. thermal resistance vs. lead length fig. 2 - max. average forward current vs. ambient temperature maximum thermal resistance (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit junction ambient lead length l = 10 mm, t l = constant r thja 45 k/w on pc board with spacing 25 mm r thja 100 k/w electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit forward voltage i f = 1 a SF4001 v f --1v sf4002 v f --1v sf4003 v f --1v sf4004 v f --1v sf4005 v f --1.7v sf4006 v f --1.7v sf4007 v f --1.7v reverse current v r = v rrm i r --5a v r = v rrm , t j = 125 c i r - - 50 a reverse breakdown voltage i r = 100 a SF4001 v (br)r 50 - - v sf4002 v (br)r 100 - - v sf4003 v (br)r 200 - - v sf4004 v (br)r 400 - - v sf4005 v (br)r 600 - - v sf4006 v (br)r 800 - - v sf4007 v (br)r 1000 - - v reverse recovery time i f = 0.5 a, i r = 1 a, i r = 0.25 a SF4001 t rr - - 50 ns sf4002 t rr - - 50 ns sf4003 t rr - - 50 ns sf4004 t rr - - 50 ns sf4005 t rr - - 75 ns sf4006 t rr - - 75 ns sf4007 t rr - - 75 ns 0 20 40 80 60 100 120 15 10 5 0 202530 r thja - ther. re s i s t. junction/ambient (k/w) l - lead length (mm) 949552 ll t l = con s tant 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb - ambient temperature (c) 96 12130 i fav - average forward current (a) v r = v rrm f 1 khz r thja 100 k/w pc board s f4001 to s f4004
SF4001, sf4002, sf4003, sf 4004, sf4005, sf 4006, sf4007 ultra-fast avalanche sinterglass diode vishay semiconductors document number: 86060 for technical ques tions within your region, please cont act one of the following: www.vishay.com rev. 1.8, 04-aug-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 89 fig. 3 - max. average forward current vs. ambient temperature fig. 4 - max. average forward current vs. ambient temperature fig. 5 - max. average forward current vs. ambient temperature fig. 6 - max. forward current vs. forward voltage fig. 7 - max. forward current vs. forward voltage fig. 8 - max. reverse curre nt vs. junction temperature 96 12131 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb - ambient temperature (c) i fav - average forward current (a) v r = v rrm f 1 khz r thja 100 k/w pc board s f4005 to s f4007 96 12052 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb - ambient temperature (c) i fav - average forward current (a) v r = v rrm f 1 khz r thja 45 k/w l = 10 mm s f4001 to s f4004 96 12053 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb - ambient temperature (c) i fav - average forward current (a) v r = v rrm f 1 khz r thja 45 k/w l = 10 mm s f4005 to s f4007 0.001 0.01 0.1 1 10 0.0 0.4 0.8 1.2 1.6 2.0 v f - forward voltage (v) 96 12048 i f - forward current (a) t j = 175 c s f4001 to s f4004 t j = 25 c 0.001 0.01 0.1 1 10 0.0 0.8 1.6 2.4 3.2 4.0 v f - forward voltage (v) 96 12050 i f - forward current (a) t j = 175 c s f4005 to s f4007 t j = 25 c 1 10 100 1000 25 50 75 100 125 150 175 t j - junction temperature (c) 96 12056 i r - rever s e current (a) s f4001 to s f4007 v r = v rrm
SF4001, sf4002, sf4003, sf40 04, sf4005, sf4006, sf4007 vishay semiconductors ultra-fast avalanche sinterglass diode www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 86060 90 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com rev. 1.8, 04-aug-10 fig. 9 - max. reverse power dissipation vs. junction temperature fig. 10 - diode capacitance vs. reverse voltage package dimensions in millimeters (inches): sod-57 0 50 100 150 200 250 300 350 400 450 500 25 50 75 100 125 150 175 t j - junction temperature (c) 16476 v r = v rrm p r - rever s e power di ss ipation (mw) s f4004 s f4004 s f4007 p r - limit at 100 % v r s f4007 p r - limit at 80 % v r p r - limit at 100 % v r p r - limit at 80 % v r 0 5 10 15 20 25 30 35 40 45 50 0.1 1 10 100 v r - rever s e voltage (v) 16477 c d - diode capacitance (pf) f = 1 mhz s f4004 s f4007 20543 3.6 (0.142) max. 26 (1.024) min. 4 (0.157) max. 26 (1.024) min. 0.82 (0.032) max.
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SF4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X