Part Number Hot Search : 
C2427A P60CA LT0101A TT8M1 1TRRPBF MA24FAG JE13003 2N6088
Product Description
Full Text Search
 

To Download SB2010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 amp schottky barrier rectifier do- 15 features ? schottky barrier rectifier ? guard ring protection ? low forward voltage ? high current capability dimensions inches mm dim min max min max note maximum ratings ? operating temperature: -50 c to +125 c ? storage temperature: -50 c to +125 c ? maximum thermal resistance: 35 c/w junction to ambient mcc catalog number device marking maximum rms voltage maximum dc blocking voltage s b280 s b280 80v 56v 80v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 2a square wave maximum surge current i fsm 50a 8.3ms, half sine, max peak forward v fm i fm = 2.0a; t j = 25 c* max peak reverse current i rm 0.5 ma v rrm , t j = 25 c typical junction capacitance c j 170pf v r = 4.0v f = 1.0mhz *pulse test: pulse width 300 sec, duty cycle 2% a b c d d cathode mark voltage .85v                       maximum voltage reverse reccurrent peak SB2010 SB2010 10 0v 70 v 10 0v sb280 thru SB2010 80 to 100 volts  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011/01/01 tm micro commercial components a .230 .300 5.80 7.60 b .104 .140 2.60 3.60 c .026 .034 .70 .90 d 1.000 --- 25.40 --- www. mccsemi .com 1 of 3 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
2.0 1.5 1.0 0.5 0 50 60 70 80 90 100 110 120 130 150 resistive or inductive load j board mounted on 5.0mm2 copper land areas lead temperature, c 50 10 1 0.1 .2 .3 .4 .5 .6 .7 .8 .9 1.0 1.1 tj = 25 c pulse width = 300 u s 1% dut y cycle instantaneous f o r w ard voltage, volts fig. 1-forward current derating curve fig. 2-typical instantaneous forward characteristics 1000 100 10 0.1 0.4 1 4 10 20 60 100 tj = 25 c f = 1.0mhz vsig = 50mvp-p revers e v o l t age , volts fig. 4-typical junction capacitance 10 1.0 0.1 . 01 .001 20 40 60 80 100 120 140 t j = 100 c t j =75 c t j =25 c percent of rated peak reverse voltage, % fig. 3-typical reverse characteristics 50 40 30 20 10 1 2 4 6 8 10 20 60 80 100 40 number o f c ycles at 60hz fig. 5-maximum non-repetitive peak forward surge current average forward rectifier current, amperes instantaneous forward current, amperes instantaneous reverse current, milliamperes f orward curge current, a mperes pk (hale sine save) capacitance, pf mcc s b280 thru s b2010 revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 4 device packing part number-tp tape&reel: 4kpcs/reel part number-ap ammo packing: 3kpcs/ammo box part number-bp bulk: 25kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of SB2010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X