Part Number Hot Search : 
FB1005L 1CGKW BA5415 ZL30107 ATS040 SF5008 E0052 FMC1K7B3
Product Description
Full Text Search
 

To Download SA52-11SRWA11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaa4906 rev no: v.12 date: feb/09/2011 page: 1 of 6 approved: wynec checked: joe lee drawn: d.m.su er p: 1301000527 13.2mm(0.52inch) single digit numeric display part number: sa52-11srwa super bright red features z 0.52 inch digit height. z excellent character appearance. z easy mounting on p.c. boards or sockets. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsaa4906 rev no: v.12 date: feb/09/2011 page: 2 of 6 approved: wynec checked: joe lee drawn: d.m.su er p: 1301000527 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. sa52-11srwa super bright red (gaalas) white diffused 21000 34000 common anode,rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength super bright red 660 nm i f =20ma d [1] dominant wavelength super bright red 640 nm i f =20ma ? 1/2 spectral line half-width super bright red 20 nm i f =20ma c capacitance super bright red 45 pf v f =0v;f=1mhz v f [2] forward voltage super bright red 1.85 2.5 v i f =20ma i r reverse current super bright red 10 ua v r =5v parameter super bright red units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 155 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsaa4906 rev no: v.12 date: feb/09/2011 page: 3 of 6 approved: wynec checked: joe lee drawn: d.m.su er p: 1301000527 super bright red sa52-11srwa
spec no: dsaa4906 rev no: v.12 date: feb/09/2011 page: 4 of 6 approved: wynec checked: joe lee drawn: d.m.su er p: 1301000527 packing & label specifications sa52-11srwa
spec no: dsaa4906 rev no: v.12 date: feb/09/2011 page: 5 of 6 approved: wynec checked: joe lee drawn: d.m.su er p: 1301000527
spec no: dsaa4906 rev no: v.12 date: feb/09/2011 page: 6 of 6 approved: wynec checked: joe lee drawn: d.m.su er p: 1301000527


▲Up To Search▲   

 
Price & Availability of SA52-11SRWA11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X