Part Number Hot Search : 
MAX8504 MB40166 HMCS412 AT24C01A AJW3513 250000 0459005 IL3842N
Product Description
Full Text Search
 

To Download RF5836 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 9 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2006, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . bifet hbt ldmos gnd gnd gnd pa en vbatt gnd sw tx sw rx pdet ant tx_in rx_out gnd 4 3 2 1 16 15 14 13 12 11 10 9 8 7 6 5 sp2t pa coupler detector 2fo filter vbatt vbatt gnd RF5836 4.9ghz to 5.85ghz 802.11a/n front end module the RF5836 provides a complete integrated solution in a single front end module (fem) for wifi 802.11a/n sy stems. the ultra-small form factor and integrated matching minimizes the layout area in the customer's application and greatly reduces the number of external components. this simplifies the total front end solution by reducing the bill of materials, sys- tem footprint, and manufacturability cost. the RF5836 integrates a power amplifier (pa), single pole double th row switch (sp2t), and a power detec- tor coupler for improved accuracy. the device is provided in a 3mm x 3mm x 0.5mm, 16-pin package. this module meets or exceeds the rf front end needs of ieee 802.11a/n wifi rf systems. features ? single supply voltage 3.0v to 4.8v ? low control voltage > 1.6v ? integrated 5ghz amplifier, spt2t tx/rx switch, and power detector coupler ? p out = 15.5dbm, 11a, 54mbps at 4% evm ? p out = 14.5dbm, 11n, 65mbps at 2.8% evm ? low height package, suited for sip and cob designs applications ? cellular handsets ? mobile devices ? tablets ? consumer electronics ? gaming ? netbooks/notebooks ? tv/monitors/video ordering information RF5836q standard 25-piece bag RF5836r standard 100-piece reel RF5836tr7 standard 2500-piece reel RF5836pck-410 fully assembled evaluation board with 5-piece bag ds120402 ? package style: qfn, 16-pin, 3.0mm x 3.0mm x 0.5mm www.datasheet.net/ datasheet pdf - http://www..co.kr/
2 of 9 RF5836 ds120402 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . absolute maximum ratings parameter rating unit dc supply voltage 5.5 v dc maximum tx and rx input power (no damage) 5dbm operating case temperature -30 to +85 c extreme operating case temperature -40 to +85 c storage temperature -40 to +150 c moisture sensitivity tbd parameter specification unit condition min. typ. max. transmit parameters operating nominal conditions: v cc = 3.0v to 4.8v (3.6v typical); sw control high >1.6v (1.8v typical); pa_en = 1.6v to 2.0v (1.8v typical); temp = -30c to 85c; unless noted otherwise operating frequency range 4.90 5.85 ghz dc supply voltage (v batt ) 3.0 3.6 4.8 v nominal operating range pa enable voltage 1.6 1.8 2.0 v output power 11a 15.5 16 dbm 64qam 54mbp 11n 14.5 15 dbm 64qam 65mbps operating current 200 250 ma p out = 16dbm 802.11a 54mbps voltage supply leakage currrent 1.5 ? av dd = 3.6v; control voltage low; pa_en low; 25c evm at rated power 11a 2.5 4 % 64qam 54mbp; v batt 3.0v 11n 2 2.8 % 64qam 65mbps; v batt 3.0v thermal resistance 30.43 c/w v bat : 3.3v; p out : 16dbm; temp: 85c harmonics p out = 19dbm, 802.11a 6mbps signal 2fo -30 -22 dbm/mhz 3fo -40 -32 dbm/mhz 4fo -50 -47 dbm/mhz gain 28.5 31.5 36 db temp = 25c; v batt = 3.6v; pa_en = 1.8v 26 31.5 37 db over nominal operating conditions gain variation -1 1 db over frequency ripple across band 0.25 db over 20mhz band power detector voltage range 100 1000 mv p out = 7dbm to 20.5dbm power detector sensitivity 5 mv/db p out = 8dbm to 13dbm 10 mv/db p out >13dbm power detector accuracy -1.5 +1.5 db over 3:1 vswr, temperarture, and dc supply spectral mask 802.11n spectral mask at rated power 11mhz -24 -20 dbr 20mhz -32 -23 dbr 30mhz -49 -45 dbr pa turn on/off time 0.5 1.0 ? s turn-on from 10% to 90% of final gain. turn-off from 90% to 10% of total gain caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. ex tended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. rfmd green: rohs compliant per eu directive 2002/95/ec, halogen free per iec 61249-2-21, < 1000ppm each of antimony trioxide in polymeric materials and red phosphorus as a fl ame retardant, and <2% antimony in solder. www.datasheet.net/ datasheet pdf - http://www..co.kr/
3 of 9 RF5836 ds120402 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . logic control table parameter specification unit condition min. typ. max. receive parameters operating nominal conditions: sw control high>1.6v (1.8v typical); temp = -30c to 85c; unless noted oth- erwiset frequency 4.9 5.85 ghz insertion loss 1.3 1.6 db over nominal operating conditions input 1db compression 30 dbm switch p1db (peak power) wifi rx port return loss 9.6 db wifi rx port impedance 50 ? no external matching passband ripple -0.5 +0.5 db isolation tx to rx 25 db control parameters switch control logic high 1.6 2.0 v swtx, swrx switch control logic low 0.2 v i ctrl-h 1ma i ctrl-l 0.1 ? a pa en-h 1.6 1.8 2.0 v pa en-l 0.2 v i paen 200 500 ? a5k ? input impedance switch speed 100 ns esd human body model 500 v eia/jesd22-114a charge device model 1000 v jesd22-c101c mode swtx swrx pa_en transmit high low high receive low high low www.datasheet.net/ datasheet pdf - http://www..co.kr/
4 of 9 RF5836 ds120402 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . pin names and descriptions pin name description 1hbrx receiver output. this port is dc blocked internally and matched to 50 ? . 2gnd ground connection. 3hbtx transmit rf input. this port is dc blocked internally and matched to 50 ? . 4gnd ground connection. 5pa en bias voltage for the pa. see logic control table for proper settings. 6vbatt supply voltage for the pa. 7vbatt supply voltage for the pa. 8vbatt supply voltage for the pa. 9pdet power detector for the transmit path. 10 gnd ground connection. 11 ant antenna port. internally dc blocked and matched to 50 ? . 12 gnd ground connection. 13 swrx control switch for the receive mode. see logic control table for proper settings. 14 swtx control switch for the transmit mode. see logic control table for proper settings. 15 gnd ground connection. 16 gnd ground connection. pkg base gnd the center metal base of the qfn package provides dc and rf ground as well as heat sink for the front end module. www.datasheet.net/ datasheet pdf - http://www..co.kr/
5 of 9 RF5836 ds120402 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . package drawing pcb patterns notes: 1) pin 1 shaded area pcb stencil pattern a pcb solder mask pattern pcb metal pattern a = 0.250 x 0.300 (mm) b = 0.300 x 0.250 (mm) c = 1.900 x 1.900 (mm) 15% rounded rectangle a a b b b a a a a c a b b b b b 4x 1.350 2x 0.750 2x 0.250 2x 0.250 2x 0.750 4x 1.350 4x 1.350 4x 1.350 2x 0.750 2x 0.250 2x 0.250 2x 0.750 0.000 0.000 6x 0.250 6x 0.250 8x 0.250 8x 0.250 a a = 0.370 x 0.420 (mm) b = 0.420 x 0.370 (mm) c = 2.020 x 2.020 (mm) 15% rounded rectangle a a b b b a a a a c a b b b b b 4x 1.350 2x 0.750 2x 0.250 2x 0.250 2x 0.750 4x 1.350 4x 1.350 4x 1.350 2x 0.750 2x 0.250 2x 0.250 2x 0.750 0.000 0.000 6x 0.130 6x 0.130 8x 0.130 8x 0.130 a a = 0.225 x 0.270 (mm) b = 0.270 x 0.225 (mm) c = 1.710 x 1.710 (mm) 15% rounded rectangle a a b b b a a a a c a b b b b b 4x 1.350 2x 0.750 2x 0.250 2x 0.250 2x 0.750 4x 1.350 4x 1.350 4x 1.350 2x 0.750 2x 0.250 2x 0.250 2x 0.750 0.000 0.000 6x 0.275 6x 0.275 8x 0.360 8x 0.360 notes: 1. shaded area represents pin 1 location. www.datasheet.net/ datasheet pdf - http://www..co.kr/
6 of 9 RF5836 ds120402 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . pin out gnd gnd gnd pa en vbatt gnd sw tx sw rx pdet ant tx_in rx_out gnd 4 3 2 1 16 15 14 13 12 11 10 9 8 7 6 5 vbatt vbatt gnd www.datasheet.net/ datasheet pdf - http://www..co.kr/
7 of 9 RF5836 ds120402 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . application schematic 4 3 2 1 16 15 14 13 12 11 10 9 8 7 6 5 rx out tx in vbatt pa_en pdet ant sw_rx sw_tx 1uf www.datasheet.net/ datasheet pdf - http://www..co.kr/
8 of 9 RF5836 ds120402 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . board layout assembly top inner 1 back www.datasheet.net/ datasheet pdf - http://www..co.kr/
9 of 9 RF5836 ds120402 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . typical performance plots 10 15 20 25 30 35 40 0 5 10 15 20 gain(db) outputpower(dbm) gainversusoutputpower v cc =3.6v;t=25c 4900mhz 5400mhz 5850mhz 10 15 20 25 30 35 40 0 5 10 15 20 gain(db) outputpower(dbm) gainversusoutputpower v cc =3.6v;f=5400mhz 25c 30c 85c 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0 5 10 15 20 operatingcuttent(a) outputpower(dbm) currentversusoutputpower v cc =3.6v;t=25c 4900mhz 5400mhz 5850mhz 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0 5 10 15 20 operatingcuttent(a) outputpower(dbm) currentversusoutputpower v cc =3.6v;f=5400mhz 25c 30c 85c 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 evm outputpower(dbm) evmversusoutputpower v cc =3.6v;t=25c 4900mhz 5400mhz 5850mhz 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 evm outputpower(dbm) evmversusoutputpower v cc =3.6v;f=5400mhz 25c 30c 85c 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0 5 10 15 20 p  v) outputpower(dbm) p det versusoutputpower v cc =3.6v;t=25c 4900mhz 5400mhz 5850mhz 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0 5 10 15 20 p  v) outputpower(dbm) p det versusoutputpower v cc =3.6v;f=5400mhz 25c 30c 85c www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of RF5836

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X