Part Number Hot Search : 
PBYR10 MAX17 15JGQ100 P100A HW300A TL431 DA1A05BW DL400
Product Description
Full Text Search
 

To Download PT204-6C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  everlight electronics co., ltd. http:\\www.everlight.com rev 3 page: 1 of 7 device no dpt-020-047 prepared date 07-20-2005 prepared by jaine tsai technical data sheet 3mm phototransistor t-1 PT204-6C features ? fast response time ? high photo sensitivity ? pb free ? the product itself will remain within rohs compliant version. descriptions ? PT204-6C is a high speed and high sensitive npn silicon phototransistor molded in a standard 3 mm package. due to is water clear epoxy the device is sensitive to visible and near infrared radiation. applications ? infrared applied system ? camera ? printer ? optoelectronic switch device selection guide chip led part no. material lens color pt silicon water clear
everlight electronics co., ltd. http:\\www.everlight.com rev 3 page: 2 of 7 device no dpt-020-047 prepared date 07-20-2005 prepared by jaine tsai PT204-6C package dimensions notes: 1.all dimensions are in millimeters 2.tolerances unless dimensions 0.25mm absolute maximum ratings (ta=25 ) parameter symbol rating units collector-emitter voltage v ceo 30 v emitter-collector-voltage v eco 5 v collector current i c 20 ma operating temperature topr -25 ~ +85 storage temperature tstg -40 ~ +85 lead soldering temperature *1 tsol 260 power dissipation at (or below) 25 free air temperature pc 75 mw notes: *1:soldering time Q 5 seconds.
everlight electronics co., ltd. http:\\www.everlight.com rev 3 page: 3 of 7 device no dpt-020-047 prepared date 07-20-2005 prepared by jaine tsai PT204-6C electro-optical characteristics (ta=25 ) parameter symbol condition min. typ. max. units rang of spectral bandwidth 0.5 --- 400 --- 1100 nm wavelength of peak sensitivity p --- --- 940 --- nm collector ? emitter breakdown voltage bv ceo i c =100 a ee=0mw/cm 2 30 --- --- v emitter-collector breakdown voltage bv eco i e =100 a ee=0mw/cm 2 5 --- --- v collector-emitter saturation voltage v ce(sat) i c =2ma ee=1mw/cm 2 --- --- 0.4 v rise time t r --- 15 --- fall time t f v ce =5v i c =1ma rl=1000 --- 15 --- s collector dark current i ceo ee=0mw/cm 2 v ce =20v --- --- 100 na on state collector current i c(on) ee=1mw/cm 2 v ce =5v 0.7 2.0 --- ma rankings parameter symbol min max unit test condition g 0.70 1.90 h 1.14 2.60 j 1.77 3.61 k i c(on) 2.67 5.07 ma v ce =5v ee=1mw/c O
everlight electronics co., ltd. http:\\www.everlight.com rev 3 page: 4 of 7 device no dpt-020-047 prepared date 07-20-2005 prepared by jaine tsai 0.01 0.5 1 1.5 2 3 0.1 1 10 100 c 0 0.2 0.4 0.6 0.8 1.0 ta=25 100 300 500 700 900 1100 1300 o c 0 -25 20 40 50 0 25 85 75 100 60 80 100 20 0 0 40 10 20 30 60 50 70 100 60 40 80 140 120 160 2 PT204-6C typical electro-optical characteristics curves fig.1collector power dissipation vs. fig.2 spectral sensitivity ambient temperature fig.3 relative collector current vs. fig.4 collector current vs. ambient temperature irradiance
everlight electronics co., ltd. http:\\www.everlight.com rev 3 page: 5 of 7 device no dpt-020-047 prepared date 07-20-2005 prepared by jaine tsai 10 10 0 10 10 10 25 50 75 100 10 4 0 0 2 1 6 8 2 3 14 12 4 PT204-6C typical electro-optical characteristics curves fig.5 collector dark current vs. fig.6 collector current vs. ambient temperature collector-emitter voltage
everlight electronics co., ltd. http:\\www.everlight.com rev 3 page: 6 of 7 device no dpt-020-047 prepared date 07-20-2005 prepared by jaine tsai PT204-6C reliability test item and condition the reliability of products shall be satisfied with items listed below. confidence level 90% ltpd 10% no. item test conditions test hours/ cycles sample sizes failure judgement criteria ac/re 1 solder heat temp. 260 5 10secs 22pcs 0/1 2 temperature cycle h : +100 15mins 5mins l : -40 15mins 300cycles 22pcs 0/1 3 thermal shock h :+100 5mins 10secs l :-10 5mins 300cycles 22pcs 0/1 4 high temperature storage temp. +100 1000hrs 22pcs 0/1 5 low temperature storage temp. -40 1000hrs 22pcs 0/1 6 dc operating life v ce =5v 1000hrs 22pcs 0/1 7 high temperature/ high humidity 85 / 85% r.h 1000hrs 22pcs i c(on) Q l 0.8 l lower specification limit 0/1
everlight electronics co., ltd. http:\\www.everlight.com rev 3 page: 7 of 7 device no dpt-020-047 prepared date 07-20-2005 prepared by jaine tsai rohs PT204-6C packing quantity specification 1.1000pcs/1bag 4bags/1box 2.10boxes/1carton label form specification pn: customer?s production number p/n : production number qty: packing quantity cat: ranks hue: peak wavelength ref: reference lot no: lot number made in taiwan: production place notes 1. above specification may be changed without notice. everlight will reserve authority on material change for above specification. 2. when using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. everlight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. these specification sheets include material s protected under copyright of everlight corporation. please don?t reproduce or cause a nyone to reproduce them without everlight?s consent. everlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, fax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiw an, r.o.c http:\\www.everlight.com PT204-6C


▲Up To Search▲   

 
Price & Availability of PT204-6C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X