Part Number Hot Search : 
AD844BQ CXP83516 ZDT6702 39SF512 LM3S8 T520B337 240RU60D A6805M
Product Description
Full Text Search
 

To Download PC1601E-O Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings at t a = 25c item symbol min max unit power supply (logic) vdd -0.3 7.0 v power supply (lcd) vlcd (vdd-vo) -13.5 0.3 v input voltage vi -0.3 vdd+0.3 v operating temperature (standard) topr 0 50 c storage temperature (standard) tstg -10 60 c extended operating temperature topr -20 70 c extended storage temperature tstg -30 80 c PC1601E-O series (16x1) character display electrical characteristics at t a = 25c, vdd=5v+0.25v item symbol min typ max unit power supply (logic) vdd-vss 4.5 5.0 5.5 v supply current idd 0.7 1.0 1.5 ma lcd driving voltage vdd -vo 4.1 4.7 5.0 v lcd driving current llcd - 0.2 0.4 ma all dimensions are in mm. tolerance is 0.3 unless otherwise specified features *16 character, 1 line *view angle 12h or 6h *stn fluid yellow, gray or blue *extended temperature range available *led backlight available *rohs compliant interface pin connection no symbol function no symbol function 1 vss power supply (gnd) 9 db2 data bus line 2 2 vdd power supply (+5v) 10 db3 data bus line 3 3 vo contrast adjust 11 db4 data bus line 4 4 rs instruction/register select 12 db5 data bus line 5 5 r/w read/write 13 db6 data bus line 6 6 e enable signal 14 db7 data bus line 7 7 db0 data bus line 0 15 a power supply for led backlight (+) 8 db1 data bus line 1 16 k power supply for led backlight (-) mechanical specifications item overall size viewing area character size character pitch dot size specifications 80.0w x 36.0h x 10.0t (bl14.0t) 64.5w x 13.8h 3.07w x 6.56h 3.77 0.55w x 0.75h led backlight specifications forward voltage forward current power dissipation 4.3v (max) 100ma (max) 410mw (max) 570nm (typ) peak wavelength tel:(800)688-0613 tel:(719) 589 3122 fax:(719) 589 3592 www.p-tec.net sales@p-tec.net p-tec corp. 2405 commerce circle alamosa co. 81101 07.30.07 rev0
PC1601E-O series (16x1) character display all dimensions are in mm. tolerance is 0.3 unless otherwise specified lcd block diagram dot layout tel:(800)688-0613 tel:(719) 589 3122 fax:(719) 589 3592 www.p-tec.net sales@p-tec.net p-tec corp. 2405 commerce circle alamosa co. 81101 07.30.07 rev0 lcd panel vdd vo vss e r/w rs db0 db7 8 controller 40 8 8 40 0.55 0.75 0.08 0.08 3.77 3.07 6.56 80.0 0.5 36.0 0.5 31.0 25.3 75.0 72.0 64.5 [v.a] 59.62[a.a] 2.50 5.35 6.56[a.a] 2.50 p2.54x(16-1)=38.10 8.0 16-?1.0 4-?2.5 5.0 0.5 1.6 0.1 13.8 [v.a.] 10.0 max. 14.0 max. 8.8 0.5 1.6 0.1 116 s6a0069 or equivalent


▲Up To Search▲   

 
Price & Availability of PC1601E-O

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X