Part Number Hot Search : 
STW9NA60 S3P72K8 AN3171 5150M 16N50 LM317 YD5901 NTE6047
Product Description
Full Text Search
 

To Download NSV1SS400T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 october, 2011 ? rev. 7 1 publication order number: 1ss400t1/d 1ss400t1g, NSV1SS400T1G high-speed switching diode features ? high ? speed switching applications ? lead finish: 100% matte sn (tin) ? qualified maximum reflow temperature: 260 c ? extremely small sod ? 523 package ? aec ? q101 qualified and ppap capable ? nsv prefix for automotive and other applications requiring unique site and control change requirements ? these devices are pb ? free, halogen free/bfr free and are rohs compliant maximum ratings (t a = 25 c) rating symbol max unit reverse voltage v r 100 v forward current i f 200 madc peak forward surge current i fm(surge) 500 madc thermal characteristics characteristic symbol max unit total device dissipation fr ? 5 board (note 1) @t a = 25 c derate above 25 c p d 200 1.57 mw mw/ c thermal resistance, junction-to-ambient r ja 635 c/w junction and storage temperature range t j , t stg ? 55 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. fr ? 4 @ minimum pad. electrical characteristics characteristic symbol min max unit off characteristics reverse voltage leakage current (v r = 80 vdc) i r ? 0.1 adc diode capacitance (v r = 0 v, f = 1.0 mhz) c d ? 3.0 pf forward voltage (i f = 100 madc) v f ? 1.2 vdc reverse recovery time (i f = i r = 10 madc) t rr ? 4.0 ns http://onsemi.com 1 cathode 2 anode sod ? 523 case 502 plastic a = device code m = date code*  = pb ? free package marking diagram device package shipping ? ordering information 1 ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. a m   1 1ss400t1g sod ? 523 (pb ? free) 3000 / tape & reel (note: microdot may be in either location) *date code orientation may vary depending upon manufacturing location. NSV1SS400T1G sod ? 523 (pb ? free) 3000 / tape & reel
1ss400t1g, NSV1SS400T1G http://onsemi.com 2 notes: 1. a 2.0 k variable resistor adjusted for a forward current (i f ) of 10 ma. notes: 2. input pulse is adjusted so i r(peak) is equal to 10 ma. notes: 3. t p ? t rr +10 v 2.0 k 820 0.1 f dut v r 100 h 0.1 f 50 output pulse generator 50 input sampling oscilloscope t r t p t 10% 90% i f i r t rr t i r(rec) = 1.0 ma output pulse (i f = i r = 10 ma; measured at i r(rec) = 1.0 ma) i f input signal figure 1. recovery time equivalent test circuit figure 2. forward voltage v f , forward voltage (volts) 1.0 10 100 0.1 figure 3. leakage current v r , reverse voltage (volts) 10 0 i 1.0 0.1 0.001 0.01 10 20 30 40 50 i 1.0 1.2 0.2 0.4 0.6 0.8 figure 4. capacitance v r , reverse voltage (volts) 0 c 0.68 0.64 0.60 0.52 0.56 2.0 4.0 6.0 8.0 , forward current (ma) f t a = 85 c t a = -40 c t a = 25 c , reverse current ( a) r , diode capacitance (pf) d t a = 25 c t a = 55 c t a = 85 c t a = 150 c t a = 125 c
1ss400t1g, NSV1SS400T1G http://onsemi.com 3 package dimensions sod ? 523 case 502 ? 01 issue e notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, pro- trusions, or gate burrs. e d ? x ? ? y ? b 2x m 0.08 x y a h c dim min nom max millimeters d 1.10 1.20 1.30 e 0.70 0.80 0.90 a 0.50 0.60 0.70 b 0.25 0.30 0.35 c 0.07 0.14 0.20 l 0.30 ref h 1.50 1.60 1.70 12 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* e e recommended top view side view 2x bottom view l2 l 2x 2x 0.48 0.40 2x 1.80 dimension: millimeters package outline l2 0.15 0.20 0.25 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 1ss400t1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NSV1SS400T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X