Part Number Hot Search : 
MPC2003 1N4148WS 2SK2679 X9401 5KE350CA AOZ101 HC373 HZ4C2
Product Description
Full Text Search
 

To Download MUR460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente MUR460 voltage 600 v 4 a, glass passivated ultafast rectifiers 07-dec-2010 rev. a page 1 of 2 rohs compliant product a suffix of ?-c? specifies halogen & lead-free features z low forward voltage drop z high current capability z high reliability z high surge current capability z high speed switching packaging information z case: molded plastic z epoxy: ul 94v-0 rate flame retardant z lead: axial leads, solderable per mil-std-202, method 208 guaranteed z polarity: color band denotes cathode end z mounting position: any z weight: 1.1050 grams (approximately) maximum ratings and electrical characteristics rating 25 c ambient temperature unles s otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number symbol MUR460 units maximum recurrent peak reverse voltage v rrm 600 v working peak reverse voltage v rwm 600 v maximum dc blocking voltage v dc 600 v maximum average forward rectified current i f(av) 4 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a maximum instantaneous forward voltage (note3) i f = 4 a, t a = 25 c, i f = 4 a, t a = 125 c, v f 1.28 1 v maximum dc reverse current at rated dc blocking voltage (note3) t a = 25 c t a = 100 c i r 5 250 ? typical junction capacitance (note 1) c j 40 pf typical thermal resistance (note 2) r ja 28 c /w maximum reverse recovery time @ i f =0.5a, i r =1a,i rr =0.25a trr 50 ns operating temperature range t j t j -50 ~ +175 c storage temperature range t stg t stg -65 ~ +175 c notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to ambilient. lead length = 1/2? on p.c. board with 1.5 1.5? copper surface 3. pulse test: pulse width =300us, duty cycl eQ 2% a c b a d millimete r ref. min. max. a 25.4 (typ) b 7.20 9.53 c 5.00 5.60 d 1.20 1.32 do-27
elektronische bauelemente MUR460 voltage 600 v 4 a, glass passivated ultafast rectifiers 07-dec-2010 rev. a page 2 of 2 ratings and characteristic curves t a , a m b i e n t t e m p e r a t u r e ( j ) a v e r a g e f o r w a r d c u r r e n t ( a ) t y p i c a l f o r w a r d c u r r e n t d e r a t i n g 0 4 0 5 0 1 0 0 1 5 0 2 1 3 2 0 0 p c b w i t h 1 . 5 " 1 . 5 " c o p p e r p a d s l = 1 / 2 " 5 maximum non- repetitive forward surge current number of cycles at 60hz peak forwad surge current (a) 0 30 60 90 120 150 1 10 100 8.3ms single half sine wave jedec method tj=25 j junction capacitance (pf) revise voltage (v) t yp ical junction ca p acitance 0 100 1 10 100 50 0 0 . 7 0 . 0 1 0 . 1 1 1 0 i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f o r w a r d v o l t a g e ( v ) t y p i c a l f o r w a r d c h a r a c t e r i s t i c 0 . 8 0 . 9 1 . 0 1 . 1 1 . 2 1 . 3 2 5 j 5 0 j 1 0 0 j 7 5 j 1 2 5 j 0 . 0 1 0 . 1 1 1 0 1 0 0 5 0 0 2 0 0 3 0 0 4 0 0 6 0 0 1 0 0 r e v e r s e v o l t a g e ( v ) t y p i c a l r e v e r s e c h a r a c t e r i s t i c r e v e r s e c u r r e n t ( u a ) 2 5 j 5 0 j 1 0 0 j 7 5 j 1 2 5 j


▲Up To Search▲   

 
Price & Availability of MUR460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X