Part Number Hot Search : 
DG211DY TL594CD TVAN1602 GR40N60 10C10 10C10 HCNR201 7805A
Product Description
Full Text Search
 

To Download MM4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MM4148 page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com mini melf silicon epitaxial planar diode MM4148 features z fast switching z mini melf size mechanical data z case: glass, do-213aa (gl34), dimensions in millimeters z leads: solderable per mil-std-202, method 208 z polarity: cathode indicated by color band z weight: 0.036 grams ratings symbol MM4148 units reverse voltage v r 75 v peak reverse voltage v rm 100 v rectified current average half wave rectification with resist load at t amb 25 and f R 50hz note 1 i o 150 ma surge forward current at t 1 s and t j 25 i fsm 500 ma power dissipation at t amb =25 p tot 500 mw junction temperature t j 200 storage temperature range t s - 55 to + 200 characteristics t j =25 symbol min typ max units forward voltage at i f =10ma v f - - 1 v leakage current at v r =20v at v r =75v at v r =20v t j =150 i r i r i r - - - - - - 25 5 50 na a a reverse breakdown voltage tested with 100 a pulses v r 100 - - v capacitance at v f =v r =0 c tot - - 4 pf voltage rise when switching on tested with 50ma forward pulses tp=0.1 s rise time 30ns f p =5 to 100 khz v fr - - 2.5 v reverse recovery time from i f =10ma to i r =1ma v r =6v r l =100 t rr - - 4 ns thermal resistance junction to ambient air note 1 r tha - - 0.35 k / mw rectification efficiency at f=100 mhz v rf =2v v 0.45 - - - note: 1. leads kept at ambient temp. solderable ends 1 . 4 5 0. 1 5 3.5 0.15
MM4148 page: 2 ratings and characteristic curve MM4148 fig. 3-admissible power dissipation versus ambient temperature valid provided that leads at a distance of 8mm from case are kept at ambient temperature mw 1000 900 800 700 600 500 400 300 200 100 0 ptot 0 100 200 o c tamb tj=100 o c fig. 1-forward characteristic ma 10 3 10 2 10 1 10 -1 10 -2 i f 0 1 2 v f tj=25 o c fig. 4-relative capacitance versus reverse voltage 0 2 4 6 8 10 v r 1.1 1.0 0.9 0.8 0.7 ctot(v r ) ctot(0v) tj=25 o c f=1mhz 10 -2 10 -1 1 10 10 2 ma i f 10 4 5 2 10 3 5 2 10 2 5 2 10 5 2 1 fig. 2-dynamic forward resistance versus forward current tj=25 o c f=1khz r f
MM4148 page: 3 ratings and characteristic curve MM4148 fig. 5-leakage current versus junction temperature 0 100 200 o c tj na 10 4 5 2 10 3 5 2 10 2 5 2 10 5 2 1 i r fig. 6-admissible repetiti ve peak forward current versus pulse duration valid provided that leads at a distance of 8mm from case are kept at ambient temperature a 100 5 4 3 2 10 5 4 3 2 1 5 4 3 2 0.1 10 -5 2 5 10 -4 2 5 10 -3 2 5 10 -2 2 5 10 -1 2 5 1 2 5 10 s tp i frm =0 0.1 0.2 0.5 = tp /t t=1/ fp tp i frm i t t


▲Up To Search▲   

 
Price & Availability of MM4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X