Part Number Hot Search : 
25W02M3 C3875 74000 MXT224 HE361B 3EMC111 C1206 TMPD914L
Product Description
Full Text Search
 

To Download MC14070BCPG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 june, 2011 ? rev. 8 1 publication order number: mc14070b/d mc14070b, mc14077b cmos ssi quad exclusive ?or? and ?nor? gates the mc14070b quad exclusive or gate and the mc14077b quad exclusive nor gate are constructed with mos p ? channel and n ? channel enhancement mode devices in a single monolithic structure. these complementary mos logic gates find primary use where low power dissipation and/or high noise immunity is desired. features ? supply voltage range = 3.0 vdc to 18 vdc ? all outputs buffered ? capable of driving two low ? power ttl loads or one low ? power schottky ttl load over the rated temperature range ? double diode protection on all inputs ? mc14070b ? replacement for cd4030b and cd4070b types ? mc14077b ? replacement for cd4077b type ? these devices are pb ? free and are rohs compliant maximum ratings (voltages referenced to v ss ) symbol parameter value unit v dd dc supply voltage range ? 0.5 to +18.0 v v in , v out input or output voltage range (dc or transient) ? 0.5 to v dd + 0.5 v i in , i out input or output current (dc or transient) per pin 10 ma p d power dissipation, per package (note 1) 500 mw t a ambient temperature range ? 55 to +125 c t stg storage temperature range ? 65 to +150 c t l lead temperature (8 ? second soldering) 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. temperature derating: plastic ?p and d/dw? packages: ? 7.0 mw/  c from 65  c to 125  c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance circuit. for proper operation, v in and v out should be constrained to the range v ss  (v in or v out )  v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open. http://onsemi.com marking diagrams 1 14 pdip ? 14 p suffix case 646 mc140xxbcp awlyywwg soic ? 14 d suffix case 751a 1 14 140xxbg awlyww xx = specific device code a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g = pb ? free package soeiaj ? 14 f suffix case 965 1 14 mc140xxb alywg see detailed ordering and shipping information in the package dimensions section on p age 3 of this data sheet. ordering information
mc14070b, mc14077b http://onsemi.com 2 pin assignment 11 12 13 14 8 9 10 5 4 3 2 1 7 6 out c out d in 1 d in 2 d v dd in 1 c in 2 c out b out a in 2 a in 1 a v ss in 2 b in 1 b figure 1. power dissipation test circuit and waveform v dd v in c l * i dd 20 ns 20 ns v dd v ss 90% 50% 10% v in 1/f 50% duty cycle *inverted output on mc14077b only. figure 2. switching time test circuit and waveforms v dd c l 20 ns v ss v ss 90% output # * 20 ns v oh v ol v dd t thl t tlh 50% 10% 90% 50% 10% t plh t phl input *inverted output on mc14077b only. pulse generator #connect unused input to v dd for mc14070b, to v ss for mc14077b. mc14070b quad exclusive or gate mc14077b quad exclusive nor gate 13 11 12 9 8 6 5 2 1 10 4 3 13 12 9 8 6 5 2 1 11 10 4 3 v dd = pin 14 v ss = pin 7 (both devices)
mc14070b, mc14077b http://onsemi.com 3 ordering information device package shipping ? MC14070BCPG pdip ? 14 (pb ? free) 500 units / rail mc14070bdg soic ? 14 (pb ? free) 55 units / rail mc14070bdr2g soic ? 14 (pb ? free) 2500 / tape & reel mc14070bfelg soeiaj ? 14 (pb ? free) 2000 / tape & reel mc14077bcpg pdip ? 14 (pb ? free) 500 units / rail mc14077bdg soic ? 14 (pb ? free) 55 units / rail mc14077bdr2g soic ? 14 (pb ? free) 2500 / tape & reel mc14077bfelg soeiaj ? 14 (pb ? free) 2000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc14070b, mc14077b http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? (voltages referenced to v ss ) ??????????? ??????????? ??????????? ??????????? characteristic ???? ???? ???? ???? ?? ?? ?? ?? ?????? ?????? ? 55  c ???????? ????????  c ????? ?????  c ??? ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ??? ???? ???? ???? (note 2) ??? ??? ??? max ??? ??? ??? ??? ??? ??? ??????????? ??????????? ??????????? ??????????? ??????????? output voltage ?0? level v in = v dd or 0 ?1? level v in = 0 or v dd ???? ???? ???? ?? ?? ?? ???? ???? ???? ? ? ? ??? ??? ??? 0.05 0.05 0.05 ??? ??? ??? ? ? ? ???? ???? ???? 0 0 0 ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? 0.05 0.05 0.05 ??? ??? ??? ???? ???? ???? ?? ?? ?? ???? ???? ???? ??? ??? ??? ? ? ? ??? ??? ??? 4.95 9.95 14.95 ???? ???? ???? ??? ??? ??? ? ? ? ??? ??? ??? 4.95 9.95 14.95 ??? ??? ??? ? ? ? ??? ??? ??? vdc ??????????? ??????????? ??????????? ??????????? ??????????? ??????????? ??????????? ???? ???? ???? ???? ?? ?? ?? ?? ???? ???? ???? ???? ? ? ? ??? ??? ??? ??? 1.5 3.0 4.0 ??? ??? ??? ??? ? ? ? ???? ???? ???? ???? 2.25 4.50 6.75 ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? 1.5 3.0 4.0 ??? ??? ??? ??? ???? ???? ???? ???? ?? ?? ?? ?? ???? ???? ???? ???? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? 3.5 7.0 11 ???? ???? ???? ???? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? 3.5 7.0 11 ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? vdc ??????????? ??????????? ??????????? ??????????? ??????????? ??????????? ??????????? ???? ???? ???? ???? ???? ?? ?? ?? ?? ?? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ? ? ? ? ??? ??? ??? ??? ??? ? 2.4 ? 0.51 ? 1.3 ? 3.4 ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ? ? ? ? ??? ??? ??? ??? ??? ? 1.7 ? 0.36 ? 0.9 ? 2.4 ??? ??? ??? ??? ??? ? ? ? ? ??? ??? ??? ??? ??? madc ???? ???? ???? ?? ?? ?? ???? ???? ???? ??? ??? ??? ? ? ? ??? ??? ??? 0.51 1.3 3.4 ???? ???? ???? ??? ??? ??? ? ? ? ??? ??? ??? 0.36 0.9 2.4 ??? ??? ??? ? ? ? ??? ??? ??? madc ??????????? ??????????? ???? ???? ?? ?? ???? ???? ? ??? ??? 0.1 ??? ??? ? ???? ???? 0.00001 ??? ??? 0.1 ??? ??? ? ??? ??? 1.0 ??? ???  adc ??????????? ??????????? ??????????? ???? ???? ???? ?? ?? ?? ? ???? ???? ???? ??? ??? ??? ? ??? ??? ??? ? ???? ???? ???? 5.0 ??? ??? ??? ??? ??? ??? ? ??? ??? ??? ??? ??? ??? pf ??????????? ??????????? ??????????? ???? ???? ???? ?? ?? ?? ???? ???? ???? ? ? ? ??? ??? ??? 0.25 0.5 1.0 ??? ??? ??? ? ? ? ???? ???? ???? 0.0005 0.0010 0.0015 ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? 7.5 15 30 ??? ??? ???  adc ??????????? ??????????? ??????????? ??????????? ??????????? ???? ???? ???? ???? ???? ?? ?? ?? ?? ?? ????????????????? ????????????????? ????????????????? ????????????????? ?????????????????  a/khz) f + i dd i t = (0.6  a/khz) f + i dd i t = (0.9  a/khz) f + i dd ??? ??? ??? ??? ???  adc ??????????? ??????????? ??????????? ??????????? ???? ???? ???? ???? ?? ?? ?? ?? ???? ???? ???? ???? ? ? ? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? 100 50 40 ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? ??? ??? ??? ??? ns ??????????? ??????????? ??????????? ??????????? ??????????? ???? ???? ???? ???? ???? ?? ?? ?? ?? ?? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? 175 75 55 ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ns 2. data labelled ?typ? is not to be used for design purposes but is intended as an indication of the ic?s potential performance. 3. the formulas given are for the typical characteristics only at 25  c. 4. to calculate total supply current at loads other than 50 pf: i t (c l ) = i t (50 pf) + (c l ? 50) vfk where: i t is in  h (per package), c l in pf, v = (v dd ? v ss ) in volts, f in khz is input frequency, and k = 0.002.
mc14070b, mc14077b http://onsemi.com 5 package dimensions pdip ? 14 case 646 ? 06 issue p 17 14 8 b a dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l m ??? 10 ??? 10 n 0.015 0.039 0.38 1.01  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. f hg d k c seating plane n ? t ? 14 pl m 0.13 (0.005) l m j 0.290 0.310 7.37 7.87
mc14070b, mc14077b http://onsemi.com 6 package dimensions soic ? 14 nb case 751a ? 03 issue k notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of at maximum material condition. 4. dimensions d and e do not include mold protrusions. 5. maximum mold protrusion 0.15 per side. h 14 8 7 1 m 0.25 b m c h x 45 seating plane a1 a m  s a m 0.25 b s c b 13x b a e d e detail a l a3 detail a dim min max min max inches millimeters d 8.55 8.75 0.337 0.344 e 3.80 4.00 0.150 0.157 a 1.35 1.75 0.054 0.068 b 0.35 0.49 0.014 0.019 l 0.40 1.25 0.016 0.049 e 1.27 bsc 0.050 bsc a3 0.19 0.25 0.008 0.010 a1 0.10 0.25 0.004 0.010 m 0 7 0 7 h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.019  6.50 14x 0.58 14x 1.18 1.27 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc14070b, mc14077b http://onsemi.com 7 package dimensions soeiaj ? 14 case 965 ? 01 issue b h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.10 0.20 0.004 0.008 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 1.42 --- 0.056 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). 0.13 (0.005) m 0.10 (0.004) d z e 1 14 8 7 e a b view p c l detail p m a b c d e e l m z on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mc14070b/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC14070BCPG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X