Part Number Hot Search : 
CS8305 ATMEG 74LCX543 HB13210 SFBDY58A GBJ10005 1N3034C 280384
Product Description
Full Text Search
 

To Download KDS166F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2006. 1. 13 1/2 semiconductor technical data KDS166F silicon epitaxial planar diode revision no : 0 ultra high speed switching application. features small package : tfsv. low forward voltage. fast reverse recovery time. small total capacitance. maximum rating (ta=25 ) electrical characteristics (ta=25 ) characteristic symbol rating unit maximum (peak) reverse voltage v rm 85 v reverse voltage v r 80 v maximum (peak) forward current i fm 300 ma average forward current i o 100 ma surge current (10ms) i fsm 2 a power dissipation p d * 100 mw junction temperature t j 150 storage temperature range t stg -55 150 characteristic symbol test condition min. typ. max. unit forward voltage v f(1) i f =1ma - 0.60 - v v f(2) i f =10ma - 0.72 - v f(3) i f =100ma - 0.90 1.20 reverse current i r v r =80v - - 0.5 a total capacitance c t v r =0v, f=1mhz - 0.9 3.0 pf reverse recovery time t rr i f =10ma - 1.6 4.0 ns * : unit rating. total rating=unit rating 1.5 dim millimeters a b b1 a1 b1 c tfsv 1.0 0.05 0.7 0.05 1.0 0.05 0.8 0.05 0.35 0.15 0.05 0.38+0.02/-0.04 b d h t 0.1 0.05 + _ + _ + _ + _ + _ + _ a h a1 c c d t 1. anode 1 2. n.c 3. anode 2 4. cathode 2 5. cathode 1 marking sc lot no. 12 3 5 4 d1 d2
2006. 1. 13 2/2 KDS166F revision no : 0 1 0.1 reverse voltage v r (r) c t - v r reverse current i r ( a) 10 0 reverse voltage v r (v) total capacitance c t (pf) 0 i r - v r i f - v f forward voltage v f (v) 0 10 forward current i f (ma) 0.2 0.4 0.6 0.8 1.0 1.2 -2 -1 10 2 10 3 10 10 1 ta=100 c ta=25 c ta=-25 c 20 40 60 80 -3 -2 10 -1 10 1 10 ta=100 c ta=75 c ta=50 c ta=25 c 0.4 0.8 1.2 1.6 2.0 3 10 30 100 f=1mhz ta=25 c t rr - i f forward current i f (ma) 0.1 0.5 reverse recovery time t rr (ns) 0.3 1 3 10 30 100 1 3 5 10 30 50 100 ta=25 c fig. 1 0.3 fig. 1. reverse recovery time (t rr ) test circuit 50 ? 2k ? e 50 ? input waveform input 0.01 f dut output sampling oscilloscope (r =50 ? ) in waveform 0.1 i r 0 f i =10ma rr t pulse generator (r =50 ? ) out 50ns -6v 0 i r


▲Up To Search▲   

 
Price & Availability of KDS166F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X