Part Number Hot Search : 
LD2X10 AP04N SXX18 LZA2B SA211 SA211 PC1602 PBSS41
Product Description
Full Text Search
 

To Download IRS2001MPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * qualification standards can be found on irs web site www.irf.com ? 2008 international rectifier august 9, 2011 IRS2001MPBF high and low side driver features ? floating channel designed for bootstrap operation ? fully operational to +200v ? tolerant to negative transient voltage, dv/dt immu ne ? gate drive supply range from 10v to 20v ? undervoltage lockout ? 3.3v, 5v, and 15v logic compatible ? crossconduction prevention logic ? matched propagation delay for both channels ? outputs in phase with inputs ? leadfree, rohs compliant description the irs2001 is a high voltage, high speed power mosfet and igbt driver with dependent high and low side referenced output channels. proprietary hvic a nd latch immune cmos technologies enable ruggedized monolithic construction. the logic input is compati ble with standard cmos or lsttl output, down to 3.3v logic. the output drivers feature a high pulse curr ent buffer stage designed for minimum driver cross conduction. the floating channel can be used to dri ve an nchannel power mosfet or igbt in the high side configuration which operates up to 200v. product summary topology general driver v offset 200v v out 10v C 20v i o+ & i o (typical) 290ma & 600ma t on & t off (typical) 160ns & 150ns delay matching (max.) 50ns package options mlpq4x4 16 leads (without 2 leads) typical connection
IRS2001MPBF www.irf.com ? 2008 international rectifier 2 qualification information ? industrial ?? (per jedec jesd 47) qualification level comments: this ic has passed jedecs industrial qualification. irs consumer qualification level i s granted by extension of the higher industrial level. moisture sensitivity level mlpq4x4 14l msl2 ??? (per ipc/jedec jstd020) machine model class a (+/200v) (per jedec standard jesd22a115a) human body model class 1c (+/2000v) (per jedec standard jesd22a114f) esd charged device model class iii (+/1000v) (per jedec standard jesd22c101d) ic latch-up test class ii, level b (per aecq100004) rohs compliant yes ? qualification standards can be found at internation al rectifiers web site http://www.irf.com/ ?? higher qualification ratings may be available shoul d the user have such requirements. please contact your international rectifier sales represen tative for further information. ??? higher msl ratings may be available for the specifi c package types listed here. please contact your international rectifier sales representative f or further information.
IRS2001MPBF www.irf.com ? 2008 international rectifier 3 absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all voltage parameters are absolute voltages referenced to com. the thermal resistance and power dissipati on ratings are measured under board mounted and still air conditions. recommended operating conditions the input/output logic timing diagram is shown in f ig 1. for proper operation the device should be use d within the recommended conditions. the v s offset rating is tested with all supplies biased a t 15v differential. ? logic operational for v s of 5v to +200v. logic state held for v s of 5v to Cv bs . (please refer to the design tip dt973 for more details). symbol definition min. max. units v b high side floating absolute voltage 0.3 225 v s high side floating supply offset voltage v b 25 v b + 0.3 v ho high side floating output voltage v s 0.3 v b + 0.3 v cc low side and logic fixed supply voltage 0.3 25 v lo low side output voltage 0.3 v cc + 0.3 v in logic input voltage (hin & lin) 0.3 v cc + 0.3 v dv s /dt allowable offset supply voltage transient 50 v/ns p d package power dissipation @ ta 25c 2.08 w rth ja thermal resistance, junction to ambient 36 c/w t j junction temperature 150 t s storage temperature 55 150 t l lead temperature (soldering, 10 seconds) 300 c symbol definition min. max. units v b high side floating supply absolute voltage v s + 10 v s + 20 v s high side floating supply offset voltage ? 200 v ho high side floating output voltage v s v b v cc low side and logic fixed supply voltage 10 20 v lo low side output voltage 0 v cc v in logic input voltage 0 v cc v t a ambient temperature 40 125 c
IRS2001MPBF www.irf.com ? 2008 international rectifier 4 dynamic electrical characteristics v bias (v cc , v bs ) = 15v, c l = 1000pf, t a = 25c unless otherwise specified. static electrical characteristics v bias (v cc , v bs )= 15v and t a = 25c unless otherwise specified. the v in , v th , and i in parameters are referenced to com. the v o and i o parameters are referenced to com and are applicabl e to the respective output leads: ho and lo. symbol definition min typ max units test conditions t on turnon propagation delay 160 220 v s = 0v t off turnoff propagation delay 150 220 v s = 200v t r turnon rise time 70 170 t f turnoff fall time 35 90 mt delay matching, hs & ls turnon/off 50 ns symbol definition min typ max units test conditions v ih logic 1 input voltage 2.5 v il logic 0 input voltage 0.8 v cc = 10v to 20v v oh high level output voltage, v bias v o 0.05 0.2 v ol low level output voltage, v o 0.02 0.1 v i o = 2ma i lk offset supply leakage current 50 v b = v s = 200v i qbs quiescent v bs supply current 30 55 i qcc quiescent v cc supply current 150 270 v in = 0v or 5v i in+ logic 1 input bias current 3 10 v in = 5v i in logic 0 input bias current 5 a v in = 0v v ccuv+ v cc supply undervoltage positive going threshold 8.0 8.9 9.8 v ccuv v cc supply undervoltage negative going threshold 7.4 8.2 9.0 v i o+ output high short circuit pulsed current 130 290 v o = 0v, v in = logic 1 pw 10 s i o output low short circuit pulsed current 270 600 ma v o = 15v, v in = logic 0 pw 10 s
IRS2001MPBF www.irf.com ? 2008 international rectifier 5 functional block diagram
IRS2001MPBF www.irf.com ? 2008 international rectifier 6 lead definitions pin symbol description 1 nc no connection 2 hin logic input for high side gate driver output (h o), in phase 3 lin logic input for low side driver output (lo), in phase 4 com low side return 5 nc no connection 6 nc no connection 7 lo low side gate drive output 8 nc no connection 9 nc no connection 10 nc no connection (pin removed) 11 v s high side floating supply return 12 ho high side gate drive output 13 v b /v bz high side floating supply 14 nc no connection 15 nc no connection (pin removed) 16 v cc /v ccz low side and logic fixed supply lead assignments nc nc lo vb/ vbz vcc/ vccz nc nc nc
IRS2001MPBF www.irf.com ? 2008 international rectifier 7 application information and additional details figure 1: input/output timing diagram figure 2: switching time waveform definitions figure 3: delay matching waveform definitions
IRS2001MPBF www.irf.com ? 2008 international rectifier 8
IRS2001MPBF www.irf.com ? 2008 international rectifier 9
IRS2001MPBF www.irf.com ? 2008 international rectifier 10
IRS2001MPBF www.irf.com ? 2008 international rectifier 11
IRS2001MPBF www.irf.com ? 2008 international rectifier 12
IRS2001MPBF www.irf.com ? 2008 international rectifier 13
IRS2001MPBF www.irf.com ? 2008 international rectifier 14 package details : mlpq 4x4 -14l
IRS2001MPBF www.irf.com ? 2008 international rectifier 15 tape and reel details: mlpq 4x4 - 14l
IRS2001MPBF www.irf.com ? 2008 international rectifier 16 part marking information s2001m ir logo ? yww ? part number date code pin 1 identifier lot code (prod mode C 4 digit spn code) assembly site code xxxxx marking code lead free released nonlead free released ? p ordering information standard pack base part number package type form quantity complete part number tube/bulk 92 IRS2001MPBF irs2001 mlpq 4x414l tape and reel 3,000 irs2001mtrpbf the information provided in this document is believ ed to be accurate and reliable. however, internatio nal rectifier assumes no responsibility for the consequences of the use of this information . international rectifier assumes no responsibilit y for any infringement of patents or of other rights of third parties which may result from the use of this information. no license is grante d by implication or otherwise under any patent or patent rights of international rectifier. the specifications mentioned in this document are subject to change without notice. this document supersedes and replaces all information pr eviously supplied. for technical support, please contact irs technica l assistance center http://www.irf.com/technicalinfo/ world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 2527105
IRS2001MPBF www.irf.com ? 2008 international rectifier 17 revision history date comment 9/15/09 initial draft converted from so8 data sheet 06/18/2010 included qual info page


▲Up To Search▲   

 
Price & Availability of IRS2001MPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X