Part Number Hot Search : 
10206 2SC2271 SP237ACX 2SB1005 08140 ALVCH 2KMD80SJ FD103M
Product Description
Full Text Search
 

To Download H7N1004AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rej03g1579-0100 rev.1.00 sep 03, 2007 page 1 of 7 H7N1004AB silicon n channel mos fet high speed power switching rej03g1579-0100 rev.1.00 sep 03, 2007 features ? low on-resistance r ds (on) =25 m ? typ. ? low drive current ? available for 4.5 v gate drive outline 1. gate 2. drain 3. sourc e 4. drain renesas package code: prss000 4ac-a (package name: to-220ab ) 1 2 3 4 d g s absolute maximum ratings (ta = 25c) item symbol value unit drain to source voltage v dss 100 v gate to source voltage v gss 20 v drain current i d 30 a drain peak current i d(pulse) note1 100 a body-drain diode reverse drain current i dr 30 a avalanche current i ap note2 15 a avalanche energy e ar note2 22.5 mj channel dissipation pch note3 50 w channel temperature tch 150 c storage temperature tstg ?55 to +150 c notes: 1. pw 10 ms, duty cycle 1% 2. value at tch = 25c, rg 50 ? 3. value at tc = 25c
H7N1004AB rej03g1579-0100 rev.1.00 sep 03, 2007 page 2 of 7 electrical characteristics (ta = 25c) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss 100 ? ? v i d = 10 ma, v gs = 0 gate to source breakdown voltage v (br)gss 20 ? ? v i g = 100 a, v ds = 0 gate to source leak current i gss ? ? 10 a v gs = 16 v, v ds = 0 zero gate voltage drain current i dss ? ? 10 a v ds = 100 v, v gs = 0 gate to source cutoff voltage v gs(off) 1.5 ? 2.5 v i d = 1 ma, vds = 10 v note4 ? 25 35 m ? i d = 15 a, vgs = 10 v note4 static drain to source on state resistance r ds(on) ? 30 45 m ? i d = 15 a, vgs = 4.5 v note4 forward transfer admittance |y fs | 22 37 ? s i d = 15 a, vds = 10 v note4 input capacitance ciss ? 2800 ? pf output capacitance coss ? 240 ? pf reverse transfer capacitance crss ? 140 ? pf v ds = 10 v v gs = 0 f = 1 mhz total gate charge qg ? 50 ? nc gate to source charge qgs ? 9 ? nc gate to drain charge qgd ? 11 ? nc v dd = 50 v v gs = 10 v i d = 30 a turn-on delay time t d(on) ? 23 ? ns rise time t r ? 120 ? ns turn-off delay time t d(off) ? 70 ? ns fall time t f ? 9.5 ? ns v gs = 10 v, i d = 15 a r l = 2 ? rg = 4.7 ? body-drain diode forward voltage v df ? 0.9 ? v i f = 30 a, v gs = 0 body-drain diode reverse recovery time t rr ? 47 ? ns i f = 30 a, v gs = 0 di f /dt = 100 a/ s
H7N1004AB rej03g1579-0100 rev.1.00 sep 03, 2007 page 3 of 7 main characteristics drain to source voltage v ds (v) drain current i d (a) maximum safe operation area drain to source voltage v ds (v) drain current i d (a) typical output characteristics gate to source voltage v gs (v) drain current i d (a) typical transfer characteristics 50 40 30 20 10 0 50 40 30 20 10 0 012345 tc = ?25c 25c 75c 50 10 2 0.2 0.1 0.05 0.02 100 20 5 0.5 1 0.1 0.3 1 3 10 30 100 300 1000 v ds = 10 v pulse test 200 operation in this area is limited by r ds (on) 80 0 0 20 40 60 50 100 150 200 channel dissipation pch (w) case temperature tc (c) power vs. temperature derating gate to source voltage v gs (v) drain to source saturation voltage v ds (on) (v) drain to source saturation voltage vs. gate to source voltage drain current i d (a) drain to source on state resistance r ds (on) (m ? ) static drain to source on state resistance vs. drain current 1.0 0.8 0.4 0.6 0.2 0 0 5 10 15 20 20 100 200 10 50 5 pulse test i d = 20 a 5 a 10 a 15 50 21020 100 500 v gs = 4.5 v 10 v pulse test 1 ms 100 s 10 s 02468 10 10 v 6 v 4 v pulse test v gs = 3 v 3.5 v ta = 25c pw = 10 ms (1 shot) dc operation (tc = 25c)
H7N1004AB rej03g1579-0100 rev.1.00 sep 03, 2007 page 4 of 7 case temperature tc (c) static drain to source on state resistance r ds (on) (m ? ) static drain to source on state resistance vs. temperature forward transfer admittance |y fs | (s) drain current i d (a) forward transfer admittance vs. drain current 100 ?25 0 25 75 50 125 100 150 0 20 40 60 80 i d = 20 a i d = 20 a 5, 10 a 5, 10 a v gs = 4.5 v v gs = 10 v pulse test 0.01 1 10 100 0.1 100 1 0.1 10 0.01 tc = ?25c v ds = 10 v pulse test 75c 25c capacitance c (pf) drain to source voltage v ds (v) typical capacitance vs. drain to source voltage 01020304050 10000 2000 5000 1000 500 100 20 200 50 10 ciss coss crss v gs = 0 f = 1 mhz 200 160 120 80 40 0 0 20 16 12 8 4 20 40 60 80 100 0 i d = 30 a v gs v ds v dd = 100 v 50 v 25 v v dd = 25 v 50 v 100 v gate charge qg (nc) drain to source voltage v ds (v) gate to source voltage v gs (v) dynamic input characteristics 0.1 0.2 1 2 10 20 0.5 5 50 100 100 20 50 10 di / dt = 100 a / s v gs = 0, ta = 25c drain current i dr (a) reverse recovery time t rr (ns) static drain to source on state resistance vs. drain current 300 30 10 3 0.1 0.3 10 100 3 drain current i d (a) switching time t (ns) switching characteristics 130 1000 100 1 t r t d(on) t d(off) t f v gs = 10 v, v dd = 30 v pw = 5 s, duty 1 % r g = 4.7 ?
H7N1004AB rej03g1579-0100 rev.1.00 sep 03, 2007 page 5 of 7 avalanche test circuit avalanche waveform 0 i d v ds i ap v (br)dss v dd e ar =  l  i ap 2  2 1 v dss v dss ? v dd d.u.t rg i ap monitor v ds monitor v dd 50 ? vin 15 v l source to drain voltage v sd (v) reverse drain current i dr (a) reverse drain current vs. source to drain voltage channel temperature tch (c) repetitive avalanche energy e ar (mj) maximum avalanche energy vs. channel temperature derating 40 25 50 75 100 125 150 0 8 16 24 32 i ap = 15 a v dd = 50 v duty < 0.1 % rg 50 ? 0 0 10 20 30 40 0.4 0.8 1.2 1.6 2.0 v gs = 0, ?5 v 50 pulse test pulse width pw (s) normalized transient thermal impedance s (t) normalized transient thermal impedance vs. pulse width 3 1 0.3 0.1 0.03 0.01 10 100 1 m 10 m 100 m 1 10 tc = 25c d = 1 0.5 0.2 0.1 0.05 0.01 0 .02 p dm pw t d = pw t ch ? c (t) = s (t)  ch ? c ch ? c = 2.5 c/w, tc = 25 c 10 v 5 v 1 shot pulse
H7N1004AB rej03g1579-0100 rev.1.00 sep 03, 2007 page 6 of 7 t r t d(on) vin 90% 90% 10% 10% vout t d(off) 90% 10% t f switching time test circuit switching time waveform vin monitor d.u.t. vin 10 v r l vout monitor rg v ds = 30 v
H7N1004AB rej03g1579-0100 rev.1.00 sep 03, 2007 page 7 of 7 package dimensions 0.5 0.1 2.54 0.5 0.76 0.1 14.0 0.5 15.0 0.3 2.79 0.2 18.5 0.5 7.8 0.5 10.16 0.2 2.54 0.5 1.26 0.15 4.44 0.2 2.7 max 1.5 max 11.5 max 9.5 8.0 1.27 6.4 +0.2 ?0.1 3.6 +0.1 ?0.08 previous code prss0004ac-a to-220ab / to-220abv mass[typ.] 1.8g sc-46 renesas code jeita package code unit: mm package name to-220ab
notes: 1. this document is provided for reference purposes only so that renesas customers may select the appropriate renesas product s for their use. renesas neither makes warranties or representations with respect to the accuracy or completeness of the information contained in this document nor grants any license to any intellectual property rights or any other rights of renesas or any third party with respect to the information in this document. 2. renesas shall have no liability for damages or infringement of any intellectual property or other rights arising out of t he use of any information in this document, including, but not limited to, product data, diagrams, charts, programs, algorithms, and application circuit examples. 3. you should not use the products or the technology described in this document for the purpose of military applications such as the development of weapons of mass destruction or for the purpose of any other military use. when exporting the products or technology described herein, you should follow the applicable export control laws and regulations, and procedures required by such laws and regulations. 4. all information included in this document such as product data, diagrams, charts, programs, algorithms, and application ci rcuit examples, is current as of the date this document is issued. such information, however, is subject to change without any prior notice. before purchasing or using any renesas products listed in this document, please confirm the latest product information with a renesas sales office. also, please pay regular and careful attentio n to additional and different information to be disclosed by renesas such as that disclosed through our website. (http://www.renesas.com ) 5. renesas has used reasonable care in compiling the information included in this document, but renesas assumes no liability whatsoever for any damages incurred as a result of errors or omissions in the information included in this document. 6. when using or otherwise relying on the information in this document, you should evaluate the information in light of the t otal system before deciding about the applicability of such information to the intended application. renesas makes no representations, warranties or guaranties regarding th e suitability of its products for any particular application and specifically disclaims any liability arising out of the application and use of the information in this do cument or renesas products. 7. with the exception of products specified by renesas as suitable for automobile applications, renesas products are not desi gned, manufactured or tested for applications or otherwise in systems the failure or malfunction of which may cause a direct threat to human life or create a risk of h uman injury or which require especially high quality and reliability such as safety systems, or equipment or systems for transportation and traffic, healthcare, combustion co ntrol, aerospace and aeronautics, nuclear power, or undersea communication transmission. if you are considering the use of our products for such purposes, please contact a r enesas sales office beforehand. renesas shall have no liability for damages arising out of the uses set forth above. 8. notwithstanding the preceding paragraph, you should not use renesas products for the purposes listed below: (1) artificial life support devices or systems (2) surgical implantations (3) healthcare intervention (e.g., excision, administration of medication, etc.) (4) any other purposes that pose a direct threat to human life renesas shall have no liability for damages arising out of the uses set forth in the above and purchasers who elect to us e renesas products in any of the foregoing applications shall indemnify and hold harmless renesas technology corp., its affiliated companies and their officers, dir ectors, and employees against any and all damages arising out of such applications. 9. you should use the products described herein within the range specified by renesas, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas sha ll have no liability for malfunctions or damages arising out of the use of renesas products beyond such specified ranges. 10. although renesas endeavors to improve the quality and reliability of its products, ic products have specific characteristic s such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. please be sure to implement safety measures to guard against the poss ibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas product, such as safety design for hardware and software includin g but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other applicable measures. among others, sinc e the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 11. in case renesas products listed in this document are detached from the products to which the renesas products are attached or affixed, the risk of accident such as swallowing by infants and small children is very high. you should implement safety measures so that renesas products may not be easily detached from your products. renesas shall have no liability for damages arising out of such detachment. 12. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written approval from r enesas. 13. please contact a renesas sales office if you have any questions regarding the information contained in this document, renes as semiconductor products, or if you have any other inquiries. sales strategic planning div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan http://www.renesas.com refer to " http://www.renesas.com/en/network " for the latest and detailed information. renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500, fax: <1> (408) 382-7501 renesas technology europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k. tel: <44> (1628) 585-100, fax: <44> (1628) 585-900 renesas technology (shanghai) co., ltd. unit 204, 205, aziacenter, no.1233 lujiazui ring rd, pudong district, shanghai, china 200120 tel: <86> (21) 5877-1818, fax: <86> (21) 6887-7898 renesas technology hong kong ltd. 7th floor, north tower, world finance centre, harbour city, 1 canton road, tsimshatsui, kowloon, hong kong tel: <852> 2265-6688, fax: <852> 2730-6071 renesas technology taiwan co., ltd. 10th floor, no.99, fushing north road, taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology singapore pte. ltd. 1 harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas technology korea co., ltd. kukje center bldg. 18th fl., 191, 2-ka, hangang-ro, yongsan-ku, seoul 140-702, korea tel: <82> (2) 796-3115, fax: <82> (2) 796-2145 renesas technology malaysia sdn. bhd unit 906, block b, menara amcorp, amcorp trade centre, no.18, jalan persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: <603> 7955-9390, fax: <603> 7955-9510 renesas sales offices ? 200 7. re nesas technology corp ., all rights reser v ed. printed in ja pan. colophon .7.0


▲Up To Search▲   

 
Price & Availability of H7N1004AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X