Part Number Hot Search : 
80N100 AN1384 260DH5LP TC200 ELECTRO BT868 MAX3107E TFDU7100
Product Description
Full Text Search
 

To Download F1200A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  F1200A ... f1200g F1200A ... f1200g superfast silicon rectifier diodes superschnelle silizium-gleichrichterdioden version 2011-03-14 dimensions - ma?e [mm] nominal current nennstrom 12 a repetitive peak reverse voltage periodische spitzensperrspannung 50...400 v plastic case kunststoffgeh?use ? 8 x 7.5 [mm] p600 style weight approx. gewicht ca. 1.3 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped in ammo pack standard lieferform gegurtet in ammo-pack maximum ratings grenzwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] F1200A 50 50 f1200b 100 100 f1200d 200 200 f1200g 400 400 max. average forward rectified current, r-load dauergrenzstrom in einwegschaltung mit r-last t a = 50c i fav 12 a 1 ) repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 80 a 1 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 375/390 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 680 a 2 s junction temperature C sperrschichttemperatur in dc forward mode C bei gleichstrom-durchlassbetrieb t j t j -50...+150c +200c storage temperature C lagerungstemperatur t s -50...+175c 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden ? diotec semiconductor ag http://www.diotec.com/ 1 type ? 0.05 1.2 ? 0.1 8 7 , 5 0 . 1 6 2 . 5 0 . 5
F1200A ... f1200g characteristics kennwerte forward voltage C durchlass-spannung t j = 25c i f = 5 a v f < 0.82 v leakage current C sperrstrom t j = 25c t j = 125c v r = v rrm i r < 10 a typ. 40 a reverse recovery time sperrverzug i f = 0.5 a through/ber i r = 1 a to/auf i r = 0.25 a t rr < 200 ns thermal resistance junction to ambient air w?rmewiderstand sperrschicht C umgebende luft r tha < 10 k/w 1 ) thermal resistance junction to leads w?rme widerstand sperrschicht C anschlussdraht r thl < 2 k/w 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 2 http://www.diotec.com/ ? diotec semiconductor ag forward characteristics (typical values) durchlasskennlinien (typische werte) 10 10 10 1 10 3 2 -1 [a] i f 0.4 v f 0.8 1.0 1.2 1.4 [v] 1.8 t = 25c j t = 125c j 400a-(5a-0,8v) 120 100 80 60 40 20 0 [%] i fav rated forward current versus ambient temperature ) zul. richtstrom in abh. von der umgebungstemp. ) 1 1 [c] t a 150 100 50 0 10 10 10 10 1 4 3 2 [a] i r 0 v rrm 40 60 80 100 [%] typ. instantaneous leakage current vs. reverse voltage typ. sperrstrom (augenblickswert) . sperrspannung t = 25c j t = 125c j t = 150c j


▲Up To Search▲   

 
Price & Availability of F1200A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X