Part Number Hot Search : 
CA3012 6DQ6B HD64F3 KF422BS P6KE75CA HD64F3 JA101Q SHD12
Product Description
Full Text Search
 

To Download EN7767B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sk3747 no.7767-1/7 features ? low on-resistance, low input capacitance, ultrahigh-speed switching ? high reliability (adoption of hvp process) ? attachment workability is good by mica-less package ? avalanche resistance guarantee speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit drain-to-source voltage v dss 1500 v gate-to-source voltage v gss 35 v drain current (dc) i d 2a drain current (pulse) i dp pw 10 s, duty cycle 1% 4 a allowable power dissipation p d 3.0 w tc=25 c50w channel temperature tch 150 c storage temperature tstg --55 to +150 c avalanche energy (single pulse) *1 e as 41 mj avalanche current *2 i av 2a note : * 1 v dd =50v, l=20mh, i av =2a (fig.1) * 2 l 20mh, single pulse package dimensions unit : mm (typ) 7538a-002 52312 tkim tc-00002763/62005qb msim tb-00001301 / 81004qb tsim tb-00000018 sanyo semiconductors data sheet 2sk3747 n-channel silicon mosfet high-voltage, high-speed switching applications http:// semicon.sanyo.com/en/network ordering number : EN7767B product & package information ? package : to-3pf-3l ? jeita, jedec : sc-94 ? minimum packing quantity : 30 pcs./magazine marking electrical connection 1 3 2 k3747 lot no. 1 : gate 2 : drain 3 : source sanyo : to-3pf-3l 15.5 5.5 3.0 0.9 0.75 3.6 2.0 2.0 4.0 123 3.5 5.0 2.0 4.5 3.3 10.0 25.0 24.5 19.3 5.45 5.45 2.0 2sk3747-1e
2sk3747 no.7767-1/7 features ? low on-resistance, low input capacitance, ultrahigh-speed switching ? high reliability (adoption of hvp process) ? attachment workability is good by mica-less package ? avalanche resistance guarantee speci t cations absolute maximum ratings at ta=25c
2sk3747 no.7767-3/7 drain-to-source voltage, v ds -- v drain current, i d -- a gate-to-source voltage, v gs -- v drain current, i d -- a i d -- v ds i d -- v gs it07130 it07131 0 0 4.0 3.5 3.0 2.5 2.0 1.5 50 45 40 10 30 525 15 20 35 1.0 0.5 0 0 3.0 2.5 2.0 1.5 20 18 16 412 210 68 14 1.0 0.5 10v 8v v gs =4v 5v 6v tc= --25 c 25 c 75 c tc=25 c pulse v ds =20v pulse static drain-to-source on-state resistance, r ds (on) -- static drain-to-source on-state resistance, r ds (on) -- case temperature, tc -- c drain current, i d -- a forward transfer admittance, | y fs | -- s diode forward voltage, v sd -- v source current, i s -- a gate-to-source voltage, v gs -- v r ds (on) -- v gs r ds (on) -- tc i s -- v sd | y fs | -- i d it07132 it07133 --50 --25 0 25 50 75 100 125 150 0 30 25 10 20 15 5 it07135 0.2 0.4 0.6 0.8 1.2 1.0 0.01 0.1 1.0 10 7 5 3 2 7 5 3 2 7 5 3 2 it07134 25 c --25 c tc=75 c 0.1 357 2357 23 1.0 1.0 2 3 5 7 2 3 5 0.1 v ds =20v 25 c tc= --25 c 75 c v gs =0v i d =1a v gs =10v 0 0 30 25 20 15 20 18 16 412 210 68 14 10 5 i d =1a tc=75 c 25 c --25 c drain current, i d -- a switching time, sw time -- ns sw time -- i d drain-to-source voltage, v ds -- v ciss, coss, crss -- pf ciss, coss, crss -- v ds it09037 v dd =200v v gs =10v t d (off) t f t r t d (on) it09038 f=1mhz ciss coss crss 100 10 3 2 3 2 5 5 7 0.1 1.0 23 57 23 0 7 100 10 1000 7 5 5 3 2 5 3 2 3 2 50 30 5152025354045 10
2sk3747 no.7767-4/7 total gate charge, qg -- nc gate-to-source voltage, v gs -- v drain-to-source voltage, v ds -- v drain current, i d -- a a s o v gs -- qg it07139 it07138 0 0 1 2 3 4 5 6 7 8 40 10 9 10 20 30 v ds =200v i d =2a 1.0 2 3 5 7 2 3 5 7 2 3 5 7 0.1 0.01 23 57 23 57 23 57 1.0 10 100 1000 3 2 operation in this area is limited by r ds (on). 100 s 1ms 10ms 100ms i d =2a i dp =4a (pw 10 s) dc operation tc=25 c single pulse ambient temperature, ta -- c allowable power dissipation, p d -- w case temperature, tc -- c allowable power dissipation, p d -- w p d -- ta p d -- tc it07140 it07141 0 0 20 40 0.5 1.0 60 2.0 1.5 80 100 120 3.0 2.5 3.5 140 160 0 0 20 40 20 10 60 40 30 80 100 120 50 60 140 160
2sk3747 no.7767-5/7 magazine speci cation 2sk3747-1e
2sk3747 no.7767-6/7 outline drawing 2sk3747-1e mass (g) unit 5.5 * for reference mm
2sk3747 ps no. 7767-7/7 this catalog provides information as of may, 2012. speci cations and information herein are subject to change without notice. note on usage : since the 2sk3747 is a mosfet product, please avoid using this device in the vicinity of highly charged objects. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. regarding monolithic semiconductors, if you should intend to use this ic continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. please contact us for a confirmation. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of EN7767B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X