Part Number Hot Search : 
R30R160 MC9S12 B80N0 FMS9875 AD7450 MY300X SH7216 XHXXX
Product Description
Full Text Search
 

To Download E101I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key features: ? 1w output power ? miniature sip case ? 3,000 vdc isolation ? complies to rfi standards ? >2 mhour mtbf ? 20 standard models ? industry standard pin-out e100i high isolation miniature, 1w sip dc/dc con vert ers series micropower direct 232 tosca drive stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com rohs compliant new models!! new models!! electrical speci cations speci? cations typical @ +25c, nominal input voltage & rated output current, unless otherwise noted. speci? cations subject to change without notice. input parameter conditions min. typ. max. units input voltage range 5 vdc input 4.5 5.0 5.5 vdc 12 vdc input 10.8 12.0 13.2 24 vdc input 21.6 24.0 26.4 48 vdc input 43.2 48.0 52.8 reverse polarity input current 0.3 a input filter internal capacitor output parameter conditions min. typ. max. units output voltage accuracy 3.0 % line regulation for vin change of 1% 1.2 % load regulation (note 1) see model selection guide ripple & noise (20 mhz) (note 2) 60 mv p - p output power protection 110 % temperature coef? cient 0.01 0.02 %/oc output short circuit momentary (0.5 sec.) general parameter conditions min. typ. max. units isolation voltage 60 seconds 3,000 vdc isolation resistance 1,000 vdc 1,000 m isolation capacitance 100 khz, 1v 60 pf switching frequency 50 khz emi/rfi en55022 a, en55024 a, iec 61000-4-2, iec 61000-4-3, fcc 47 cfr part 15 b environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +25 +85 oc operating temperature range case +100 oc storage temperature range -40 +125 oc cooling free air convection humidity rh, non-condensing 95 % physical case size (5v, 12v & 24v input models) 0.46 x 0.24 x 0.40 inches (11.68 x 6.0 x 10.2 mm) case size (48v input models) 0.46 x 0.29 x 0.40 inches (11.68 x 7.5 x 10.2 mm) case material non-conductive black plastic (ul94-v0) weight 0.06 oz (1.8g) reliability speci? cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25oc, gnd benign 2.0 mhours absolute maximum ratings parameter conditions min. typ. max. units input voltage surge (1 sec) 5 vdc input -0.7 7.0 vdc 12 vdc input -0.7 15.0 24 vdc input -0.7 28.0 48 vdc input -0.7 54.0 lead temperature 1.5 mm from case for 10 sec 260 oc internal power dissipation all models 650 mw caution: exceeding absolute maximum ratings may damage the module. these are not continuous operating ratings.
notes: 1. output load regulation is speci? ed for a load change of 20% to 100%. 2. when measuring output ripple, it is recommended that an external 0.33 f ceramic capacitor be placed from the +vout pin to the -vout pin. 3. operation at no-load will not damage these units. how- ever, they may not meet all speci? cations. 4. the 5v, 12v and 24v input units do not require external components to operate, but the use of a low esr capaci- tor (approximately 10 u f, esr <1.0 at 100 khz) mounted close to the converter input pins is recommended. for 48 vdc input units, an input capacitor should always be used. dependent upon the application, a value be- tween 4.7 f and 47 uf should be suf? cient. 5. it is recommended that a fuse be used on the input of a power supply for protection. see the table above for the correct rating. model number input output load regulation (% max) ef ciency (%, typ) fuse rating slow-blow (ma) voltage (vdc) current (ma) voltage (vdc) current (ma, max) current (ma, min) nominal range full-load no-load E101I 5 4.5 - 5.5 267 25 5.0 200.0 4.0 10 75 500 e102i 5 4.5 - 5.5 260 25 9.0 111.0 2.0 10 77 500 e103i 5 4.5 - 5.5 256 25 12.0 83.3 2.0 10 78 500 e104i 5 4.5 - 5.5 257 25 15.0 66.6 2.0 10 78 500 e105i 5 4.5 - 5.5 257 25 24.0 41.6 2.0 10 78 500 e111i 12 10.8 - 13.2 112 16 5.0 200.0 4.0 10 75 200 e112i 12 10.8 - 13.2 109 16 9.0 111.0 2.0 10 77 200 e113i 12 10.8 - 13.2 107 16 12.0 83.3 2.0 10 78 200 e114i 12 10.8 - 13.2 107 16 15.0 66.6 2.0 10 78 200 e115i 12 10.8 - 13.2 107 16 24.0 41.6 2.0 10 78 200 e121i 24 21.6 - 26.4 56 10 5.0 200.0 4.0 10 75 100 e122i 24 21.6 - 26.4 55 10 9.0 111.0 2.0 10 77 100 e123i 24 21.6 - 26.4 54 10 12.0 83.3 2.0 10 78 100 e124i 24 21.6 - 26.4 54 10 15.0 66.6 2.0 10 78 100 e125i 24 21.6 - 26.4 54 10 24.0 41.6 2.0 10 78 100 e131i 48 43.2 - 52.8 28 7 5.0 200.0 4.0 10 75 50 e132i 48 43.2 - 52.8 27 7 9.0 111.0 2.0 10 76 50 e133i 48 43.2 - 52.8 27 7 12.0 83.3 2.0 10 76 50 e134i 48 43.2 - 52.8 27 7 15.0 66.6 2.0 10 76 50 e135i 48 43.2 - 52.8 27 7 24.0 41.6 2.0 10 76 50 models with other outputs are available. contact the factory for details!! model selection guide notes: ? all dimensions are typical in inches (mm) ? tolerance x.xx = 0.01 (0.25) ? pin 1 is marked by a ?dot? or indentation on the side of the unit ? dimensions indicated on the drawing are as follows: mechanical dimensions pin description 1-vin 2+vin 3 -vout 4 +vout pin connections (f max) 220 capacitive load dimension input voltage 5, 12 & 24v 48v ?w? 0.24 (6.0) 0.29 (7.5) ?x? 0.05 (1.25) 0.08 (2.00) micropower direct www.micropowerdirect.com 292 page street ste d stoughton, ma 02072 ? tel: (781) 344-8226 ? fax: (781) 344-8481 ? e-mail: sales@micropowerdirect.com derating curve


▲Up To Search▲   

 
Price & Availability of E101I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X