Part Number Hot Search : 
PMX1GPS TD301 CMZ5377B TSOP2256 TL431A SR163 TB0206A REF02EH
Product Description
Full Text Search
 

To Download DTA123JCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification digital transistor dta(r 1 r 2 series)ca document number: bl/ssdtc145 www.galaxycn.com rev.a 1 features z epitaxial planar die construction. z complementary npn types available(dtc). z built-in biasing resistors , r 1 r 2 z also available in lead free version. applications z the pnp style digital transistor. sot-23 ordering information type no. marking package code dta113zca e11 sot-23 dta114wca 74 sot-23 dta114yca 54 sot-23 DTA123JCA e32 sot-23 dta123yca 52 sot-23 dta143xca 33 sot-23 dta143zca e13 sot-23 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cc supply voltage -50 v v in input voltage dta113zca dta114wca dta114yca DTA123JCA dta123yca dta143xca dta143zca +5 to-10 +10 to-30 +6 to -40 +5 to-12 +5 to-12 +7 to-20 +5 to-30 v i o output current dta113zca dta114wca dta114yca DTA123JCA dta123yca dta143xca dta143zca -100 -100 -70 -100 -100 -100 -100 ma i c (max.) output current all -100 ma p d power dissipation 200 mw pb lead-free
bl galaxy electrical production specification digital transistor dta(r 1 r 2 series)ca document number: bl/ssdtc145 www.galaxycn.com rev.a 2 symbol parameter value units r ja thermal resistance, junction to ambient air 625 /w t j ,t stg operating and storage and temperature range -55 to +150 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit input voltage dta113zca dta114wca dta114yca DTA123JCA dta123yca dta143xca dta143zca v i(off) v cc =-5v,i o =-100 a -0.3 -0.8 -0.3 -0.5 -0.3 -0.3 -0.5 - - input voltage dta113zca dta114wca dta114yca DTA123JCA dta123yca dta143xca dta143zca v i(on) v o =-0.3v,i o =-20ma v o =-0.3v,i o =-2ma v o =-0.3v,i o =-1ma v o =-0.3v,i o =-5ma v o =-0.3v,i o =-20ma v o =-0.3v,i o =-20ma v o =-0.3v,i o =-5ma - - -3.0 -3.0 -1.4 -1.1 -3.0 -2.5 -1.3 v output voltage DTA123JCA dta143zca dta114yca all others v o(on) i o /i i =-5ma/-0.25ma i o /i i =-10ma/-0.5ma - -0.1 -0.3 v input current dta113zca dta114wca dta114yca DTA123JCA dta123yca dta143xca dta143zca i i v i =-5v - - -7.2 -0.88 -0.88 -3.6 -3.8 -1.8 -1.8 ma output current i o(off) v cc =-50v,v i =0v - - -0.5 a dc current gain dta113zca dta114wca dta114yca DTA123JCA dta123yca dta143xca dta143zca g i v o =-5v,i o =-10ma 33 24 68 80 33 30 80 - -
bl galaxy electrical production specification digital transistor dta(r 1 r 2 series)ca document number: bl/ssdtc145 www.galaxycn.com rev.a 3 parameter symbol test conditions min typ max unit input resistor dta113zca dta114wca dta114yca DTA123JCA dta123yca dta143xca dta143zca r 1 (r 2 ) 1(10) 10(4.7) 10(47) 2.2(47) 2.2(10) 4.7(10) 4.7(47) k ? input resistor (r 1 ) tolerance r 1 - -30 +30 % resistance ratio tolerance r 2 /r 1 - -20 +20 % gain-bandwidth product f t v ce =-10v,i e =-5ma, f=100mhz - 250 - mhz typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification digital transistor dta(r 1 r 2 series)ca document number: bl/ssdtc145 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sot-23 sot-23 dim min max a 2.85 2.95 b 1.25 1.35 c 1.0typical d 0.37 0.43 e 0.35 0.48 g 1.85 1.95 h 0.02 0.1 j 0.1typical k 2.35 2.45 all dimensions in mm
bl galaxy electrical production specification digital transistor dta(r 1 r 2 series)ca document number: bl/ssdtc145 www.galaxycn.com rev.a 5 soldering footprint unit : mm package information device package shipping dtaxxxca sot-23 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of DTA123JCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X