Part Number Hot Search : 
5KP78A M12533DJ AM79C 2SA1952Q 1N4448 PT2308 CUSTOM PDTA143
Product Description
Full Text Search
 

To Download DDTC123JUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p/n r1 (nom) r2 (nom) marking ddtc113zua ddtc123yua DDTC123JUA ddtc143xua ddtc143fua ddtc143zua ddtc114yua ddtc114wua ddtc124xua ddtc144vua ddtc144wua 1k  2.2k  2.2k  4.7k  4.7k  4.7k  10k  10k  22k  47k  47k  10k  10k  47k  10k  22k  47k  47k  4.7k  47k  10k  22k  n02 n05 n06 n09 n10 n11 n14 n15 n18 n21 n22 ds30322 rev. 5 - 2 1 of 4 ddtc (r1  r2 series) ua www.diodes.com  diodes incor p orated ddtc (r1  r2 series) ua npn pre-biased small signal sot-323 surface mount transistor characteristic symbol value unit supply voltage, (3) to (1) v cc 50 v input voltage, (2) to (1) ddtc113zua ddtc123yua DDTC123JUA ddtc143xua ddtc143fua ddtc143zua ddtc114yua ddtc114wua ddtc124xua ddtc144vua ddtc144wua v in -5 to +10 -5 to +12 -5 to +12 -7 to +20 -6 to +30 -5 to +30 -6 to +40 -10 to +30 -10 to +40 -15 to +40 -10 to +40 v output current ddtc113zua ddtc123yua DDTC123JUA ddtc143xua ddtc143fua ddtc143zua ddtc114yua ddtc114wua ddtc124xua ddtc144vua ddtc144wua i o 100 100 100 100 100 100 70 100 50 30 30 ma output current all i c (max) 100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified mechanical data t c u d o r p w e n in in r 1 r 2 gnd schematic diagram out gnd out  case: sot-323, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 3, on page 2  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 2)  weight: 0.006 grams (approx.)  ordering information (see page 2) note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm a m j l f d b c h k g in gnd out  epitaxial planar die construction  complementary pnp types available (ddta)  built-in biasing resistors, r1  r2  also available in lead free version
ds30322 rev. 5 - 2 2 of 4 ddtc (r1  r2 series) ua www.diodes.com characteristic symbol min typ max unit test condition input voltage ddtc113zua ddtc123yua DDTC123JUA ddtc143xua ddtc143fua ddtc143zua ddtc114yua ddtc114wua ddtc124xua ddtc144vua ddtc144wua v l(off) 0.3 0.3 0.5 0.3 0.3 0.5 0.3 0.8 0.4 1.0 0.8  v v cc = 5v, i o = 100 a ddtc113zua ddtc123yua DDTC123JUA ddtc143xua ddtc143fua ddtc143zua ddtc114yua ddtc114wua ddtc124xua ddtc144vua ddtc144wua v l(on)  3.0 3.0 1.1 2.5 1.3 1.3 1.4 3.0 2.5 5.0 4.0 v o = 0.3v, i o = 20ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 5ma v o = 0.3v, i o = 20ma v o = 0.3v, i o = 3ma v o = 0.3v, i o = 5ma v o = 0.3v, i o = 1ma v o = 0.3v, i o = 2ma v o = 0.3v, i o = 2ma v o = 0.3v, i o = 2ma v o = 0.3v, i o = 2ma output voltage v o(on)  0.1 0.3 v i o /i l = 5ma/0.25ma ddct123jua i o /i l = 5ma/0.25ma ddct143zua i o /i l = 5ma/0.25ma ddct114yua i o /i l = 10ma/0.5ma all others input current ddtc113zua ddtc123yua DDTC123JUA ddtc143xua ddtc143fua ddtc143zua ddtc114yua ddtc114wua ddtc124xua ddtc144vua ddtc144wua i l  7.2 3.8 3.6 1.8 1.8 1.8 0.88 0.88 0.36 0.16 0.16 ma v i = 5v output current i o(off)  0.5 a v cc = 50v, v i = 0v dc current gain ddtc113zua ddtc123yua DDTC123JUA ddtc143xua ddtc143fua ddtc143zua ddtc114yua ddtc114wua ddtc124xua ddtc144vua ddtc144wua g l 33 33 80 30 68 80 68 24 68 33 56   v o = 5v, i o = 5ma v o = 5v, i o = 10ma v o = 5v, i o = 10ma v o = 5v, i o = 10ma v o = 5v, i o = 10ma v o = 5v, i o = 10ma v o = 5v, i o = 5ma v o = 5v, i o = 10ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma input resistor tolerance
r 1 -30  +30 %  resistance ratio tolerance
r 2 /r 1 -20  +20 %  gain-bandwidth product* f t  250  mhz v ce = 10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w n * transistor - for reference only device packaging shipping ddtc113zua-7 sot-323 3000/tape & reel ddtc123yua-7 sot-323 3000/tape & reel DDTC123JUA-7 sot-323 3000/tape & reel ddtc143xua-7 sot-323 3000/tape & reel ddtc143fua-7 sot-323 3000/tape & reel ddtc143zua-7 sot-323 3000/tape & reel ddtc114yua-7 sot-323 3000/tape & reel ddtc114wua-7 sot-323 3000/tape & reel ddtc124xua-7 sot-323 3000/tape & reel ddtc144vua-7 sot-323 3000/tape & reel ddtc144wua-7 sot-323 3000/tape & reel ordering information notes: 2. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 3. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: ddtc144wua-7-f. (note 2)
ds30322 rev. 5 - 2 3 of 4 ddtc (r1  r2 series) ua www.diodes.com month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd date code key xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw t c u d o r p w e n
ds30322 rev. 5 - 2 4 of 4 ddtc (r1  r2 series) ua www.diodes.com -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d typical curves - DDTC123JUA 0.1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.001 0.01 1 10 100 0 1 234 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 25c 0.1 v = 5v o 75c 0 1 2 3 4 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 10 5 15 25 i=0ma e 10 1000 100 1 10 100 h , dc current gain (normalized) fe i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c t c u d o r p w e n


▲Up To Search▲   

 
Price & Availability of DDTC123JUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X