Part Number Hot Search : 
50050 16N80 5C180 143V20M 100FPY 2N6896 LM317LBZ 100EP1
Product Description
Full Text Search
 

To Download DDTA123JUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30326 rev. 3 - 2 1 of 4 ddta (r1  r2 series) ua www.diodes.com  diodes incor p orated ddta (r1  r2 series) ua pnp pre-biased small signal sot-323 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistors, r1  r2  also available in lead free version characteristic symbol value unit supply voltage, (3) to (1) v cc -50 v input voltage, (2) to (1) ddta113zua ddta123yua DDTA123JUA ddta143xua ddta143fua ddta143zua ddta114yua ddta114wua ddta124xua ddta144vua ddta144wua v in +5 to -10 +5 to -12 +5 to -12 +7 to -20 +6 to -30 +5 to -30 +6 to -40 +10 to -30 +10 to -40 +15 to -40 +10 to -40 v output current ddta113zua ddta123yua DDTA123JUA ddta143xua ddta143fua ddta143zua ddta114yua ddta114wua ddta124xua ddta144vua ddta144wua i o -100 -100 -100 -100 -100 -100 -70 -100 -50 -30 -30 ma output current all i c (max) -100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified mechanical data  case: sot-323, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 3, on page 2  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 3)  weight: 0.006 grams (approx.)  ordering information (see page 2) t c u d o r p w e n p/n r1 (nom) r2 (nom) marking ddta113zua ddta123yua DDTA123JUA ddta143xua ddta143fua ddta143zua ddta114yua ddta114wua ddta124xua ddta144vua ddta144wua 1k  2.2k  2.2k  4.7k  4.7k  4.7k  10k  10k  22k  47k  47k  10k  10k  47k  10k  22k  47k  47k  4.7k  47k  10k  22k  p02 p05 p06 p09 p10 p11 p14 p15 p18 p21 p22 note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm in in r 1 r 2 gnd schematic diagram out gnd out a m j l f d b c h k g in gnd out
ds30326 rev. 3 - 2 2 of 4 ddta (r1  r2 series) ua www.diodes.com characteristic symbol min typ max unit test condition input voltage ddta113zua ddta123yua DDTA123JUA ddta143xua ddta143fua ddta143zua ddta114yua ddta114wua ddta124xua ddta144vua ddta144wua v l(off) -0.3 -0.3 -0.5 -0.3 -0.3 -0.5 -0.3 -0.8 -0.4 -1.0 -0.8  v v cc = 5v, i o = 100 a ddta113zua ddta123yua DDTA123JUA ddta143xua ddta143fua ddta143zua ddta114yua ddta114wua ddta124xua ddta144vua ddta144wua v l(on)  -3.0 -3.0 -1.1 -2.5 -1.3 -1.3 -1.4 -3.0 -2.5 -5.0 -4.0 v o = -0.3v, i o = -20ma v o = -0.3v, i o = -20ma v o = -0.3v, i o = -5ma v o = -0.3v, i o = -20ma v o = -0.3v, i o = -3ma v o = -0.3v, i o = -5ma v o = -0.3v, i o = -1ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma output voltage v o(on)  -0.1 -0.3 v i o /i l = -5ma/-0.25ma DDTA123JUA i o /i l = -5ma/-0.25ma ddta143zua i o /i l = -5ma/-0.25ma ddta114yua i o /i l = -10ma/-0.5ma all others input current ddta113zua ddta123yua DDTA123JUA ddta143xua ddta143fua ddta143zua ddta114yua ddta114wua ddta124xua ddta144vua ddta144wua i l  -7.2 -3.8 -3.6 -1.8 -1.8 -1.8 -0.88 -0.88 -0.36 -0.16 -0.16 ma v i = -5v output current i o(off)  -0.5 a v cc = -50v, v i = 0v dc current gain ddta113zua ddta123yua DDTA123JUA ddta143xua ddta143fua ddta143zua ddta114yua ddta114wua ddta124xua ddta144vua ddta144wua g l -33 -33 -80 -30 -68 -80 -68 -24 -68 -33 -56   v o = -5v, i o = -10ma input resistor tolerance d r 1 -30  +30 %  resistance ratio tolerance d r 2 /r 1 -20  +20 %  gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only ordering information device packaging shipping ddta113zua-7 sot-323 3000/tape & reel ddta123yua-7 sot-323 3000/tape & reel DDTA123JUA-7 sot-323 3000/tape & reel ddta143xua-7 sot-323 3000/tape & reel ddta143fua-7 sot-323 3000/tape & reel ddta143zua-7 sot-323 3000/tape & reel ddta114yua-7 sot-323 3000/tape & reel ddta114wua-7 sot-323 3000/tape & reel ddta124xua-7 sot-323 3000/tape & reel ddta144vua-7 sot-323 3000/tape & reel ddta144wua-7 sot-323 3000/tape & reel (note 2) notes: 2. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 3. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: ddta144wua-7-f.
ds30326 rev. 3 - 2 3 of 4 ddta (r1  r2 series) ua www.diodes.com t c u d o r p w e n xxx ym marking information month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september
ds30326 rev. 3 - 2 4 of 4 ddta (r1  r2 series) ua www.diodes.com t c u d o r p w e n 0.1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.001 0.01 1 10 100 0 1 234 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 25c 0.1 v = 5v o 75c 0 2 4 6 12 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 10 5 15 25 8 10 i=0v e 10 1000 100 1 10 100 hfe, dc current gain (normalized) i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d typical curves - DDTA123JUA


▲Up To Search▲   

 
Price & Availability of DDTA123JUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X