Part Number Hot Search : 
01J100 WRB1215 CM3501 2SK3488 10009 2SK3488 M74HC157 IH4812S
Product Description
Full Text Search
 

To Download BP10-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 10.0ah @ 20 hour rate f.v.(1.75v/cell) t erminals 17m 3.0 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) abs(ul94-hb, ul94-v0 is optional) internal resistance length 151 1.5 width 65 1.5 container height 112 1.5 total height o u te r d im e n s io n s t e r m in a l t y p e 12 v max. charge current container material dimension(mm/inch) 3300g(7.28lbs.) vrla rechargeable battery (BP10-12fr) BP10-12 technology measures innovation values iso 9001 iso14001 ul ce 1162.0 b.b. battery co., ltd. powered by rev. jul. 2 009 a/0 application features maintenance free(no water topping-up required). no free acid(non-spillable battery).low self-discharge rate, lower than 3% capacity loss per month. can be used in any orientation(excluding used inverted). specifications iec61056 jis c 8702gb/t 19639 approx. weight max. discharge current 150 a (5 sec.) (fully charged ) operating tem perature range (5.94 0.06) (2.56 0.06) (4.41 0.06) (4.57 0.08) ups laboratory equipment t2 (faston tab 250) t1 is optional 1 1 6 2 ( 4 . 5 7 0 . 0 8 ) 1 1 2 1 . 5 ( 4 . 4 1 0 . 0 6 ) 15 1 1. 5( 5. 940. 06 ) 651. 5( 2. 56 0 .0 6) ter min al t 1 ter min al t 2 4 . 7 5 ( 0 . 1 9 ) 3.2(0 .13) 3.4(0 .13) 6.35 (0.25 ) 0 . 8 ( 0 . 0 3 ) 7.85 (0.31 ) all d ata sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: w (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f o o const ant po wer di scharg e char acteris tics at 25 c/77 f 361.6 418.5444.6 464.6 480.0 266.2288.4 298.7 305.9 312.0 213.3223.1 230.0 235.3 240.0 126.9131.7 134.7 136.6 138.0 72.7874.96 76.31 77.23 78.00 29.1529.73 30.00 30.21 30.39 20.1020.40 20.51 20.58 20.64 11.2311.40 11.46 11.49 11.49 5.91 6.00 6.04 6.05 6.05 32.5738.39 40.79 42.62 44.04 23.4325.38 26.30 26.93 27.46 18.5519.40 20.00 20.46 20.87 10.7511.16 11.42 11.58 11.69 6.126.30 6.41 6.49 6.55 2.432.48 2.50 2.52 2.53 1.6751.700 1.709 1.715 1.720 0.9360.950 0.955 0.958 0.958 0.493 0.500 0.503 0.504 0.504 1.80v 1.75v 1.70v 1.65v 1.60v 1.80v 1.75v 1.70v 1.65v 1.60v


▲Up To Search▲   

 
Price & Availability of BP10-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X