Part Number Hot Search : 
MC341 TA8304F MAD1103 AD125626 0C493 M6585 M1880 SK310
Product Description
Full Text Search
 

To Download BFS17S07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007-03-30 bfs17s 1 1 6 2 3 5 4 npn silicon rf transistor ? for broadband amplifiers up to 1 ghz at collector currents from 1 ma to 20 ma ? bfs17s: for orientation in reel see package information below ? pb-free (rohs compliant) package 1) ? qualified according aec q101 esd ( e lectro s tatic d ischarge) sensitive device, observe handling precaution! type marking pin configuration package bfs17s mcs 1=b1 2=e1 3=c2 4=b2 5=e2 6=c1 sot363 maximum ratings parameter symbol value unit collector-emitter voltage v ceo 15 v collector-base voltage v cbo 25 emitter-base voltage v ebo 2.5 collector current i c 25 ma peak collector current, f = 10 mhz i cm 50 total power dissipation 2) t s 93 c p tot 280 mw junction temperature t j 150 c ambient temperature t a -65 ... 150 storage temperature t st g -65 ... 150 thermal resistance parameter symbol value unit junction - soldering point 3) r thjs 240 k/w 1 pb-containing package may be available upon special request 2 t s is measured on the collector lead at the soldering point to the pcb 3 for calculation of r thja please refer to application note thermal resistance
2007-03-30 bfs17s 2 electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 1 ma, i b = 0 v (br)ceo 15 - - v collector-base cutoff current v cb = 10 v, i e = 0 v cb = 25 v, i e = 0 i cbo - - - - 0.05 10 a emitter-base cutoff current v eb = 2.5 v, i c = 0 i ebo - - 100 dc current gain- i c = 2 ma, v ce = 1 v, pulse measured i c = 25 ma, v ce = 1 v, pulse measured h fe 40 20 - 70 150 - - collector-emitter saturation voltage i c = 10 ma, i b = 1 ma v cesat - 0.1 0.4 v
2007-03-30 bfs17s 3 electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. ac characteristics (verified by random sampling) transition frequency i c = 2 ma, v ce = 5 v, f = 200 mhz i c = 25 ma, v ce = 5 v, f = 200 mhz f t 1 1.3 1.4 2.5 - - ghz collector-base capacitance v cb = 5 v, f = 1 mhz, v be = 0 , emitter grounded c cb - 0.55 0.8 pf collector emitter capacitance v ce = 5 v, f = 1 mhz, v be = 0 , base grounded c ce - 0.2 - emitter-base capacitance v eb = 0.5 v, f = 1 mhz, v cb = 0 , collector grounded c eb - 0.9 1.45 noise figure i c = 2 ma, v ce = 5 v, z s = 50 ? , f = 800 mhz f - 3 5 db transducer gain i c = 20 ma, v ce = 5 v, z s = z l = 50 ? , f = 500 mhz | s 21e | 2 - 14 - db third order intercept point at output v ce = 5 v, i c = 20 ma, f = 800 mhz, z s = z sopt , z l = z lopt ip 3 - 22.5 - dbm 1db compression point i c = 20 ma, v ce = 5 v, z s = z l = 50 ? , f = 800 mhz p -1db - 11 - -
2007-03-30 bfs17s 4 total power dissipation p tot = ? ( t s ) 0 20 40 60 80 100 120 c 150 t s 0 20 40 60 80 100 120 140 160 180 200 220 240 mw 300 p tot permissible pulse load r thjs = ? ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = ? ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 collector-base capacitance c cb = ? ( v cb ) emitter-base capacitance c eb = ? ( v eb ) f = 1 mhz 0 2 4 6 8 10 12 14 16 v 20 v cb , v eb 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 pf 1.2 c cb , c eb ccb ceb
2007-03-30 bfs17s 5 transition frequency f t = ? ( i c ) v ce = parameter 0 5 10 15 20 ma 30 i c 0 0.5 1 1.5 2 ghz 3 f t 10v 5v 3v 2v 1v 0.7v
2007-03-30 bfs17s 6 p ackage sot363 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel for symmetric types no defined pin 1 orientation in reel. small variations in positioning of date code, type code and manufacture are possible. manufacturer 2005, june date code (year/month) bcr108s type code pin 1 marking laser marking 0.3 0.7 0.9 0.65 0.65 1.6 0.2 4 2.15 1.1 8 2.3 pin 1 marking +0.1 0.2 1 6 23 5 4 0.2 2 +0.1 -0.05 0.15 0.1 1.25 0.1 max. 0.9 0.1 a -0.05 6x 0.1 m 0.65 0.65 2.1 0.1 0.1 0.1 min. m 0.2 a pin 1 marking
2007-03-30 bfs17s 7 edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BFS17S07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X