page . 1 stad-apr.30.2009 bd1040cs~bd10200cs features ? plastic package has underwriters laboratory flammability classification 94v-o for through hole applications low profile package built-in strain relief low power loss, high efficiency high surge capacity for use in low voltage high frequency inverters, free wheeling, and polarity protection applications in compliance with eu rohs 2002/95/ec directives schottky barrier rectifiers voltage 40 to 200 volts current 10.0 amperes mechanical data case: to-252 molded plastic terminals: solder plated, solderable per mil-std-750,method 2026 polarity: as marking weight: 0.0104 ounces, 0.297 grams. notes: both bonding and chip structure are available. maximum ratings ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% retemara pl obmys sc0401d bs c5401d bs c0501d bs c0601d bs c0801d bs c0901d bs c00101d bs c05101d bs c00201db stinu egatlovesreverkaeptnerrucermumixam v mrr 0 45 40 50 60 80 90 0 10 5 10 0 2v egatlovsmrmumixam v smr 8 25 .1 35 32 46 53 60 75 0 10 4 1v egatlovgnikcolbcdmumixam v cd 0 45 40 50 60 80 90 0 10 5 10 0 2v )1erugifees(drawrofegarevamumixam i )va(f 0 1a evaw-enisflahelgnissm3.8:tnerrucegrusdrawrofkaep )dohtemcedej(daoldetarnodesopmirepus i msf 00 1a gelrepa0.5taegatlovdrawrofmumixam v f 07. 05 7. 00 8. 00 9. 0v ttatnerrucesrevercdmumixam j 52= o c tgatlovgnikcolbcddetar j 001= o c i r 50.0 02 am cnatsiserlamrehtlacipy te r cj 0.3 o /c w egnarerutarepmetegarotsdnanoitcnujgnitarepo t j t, gts 051+ot55- 571+ot56- o c
page . 2 stad-apr.30.2009 bd1040cs~bd10200cs fig.4- typical instantaneous forward characteristic peak forward surge current, amperes no. of cycle at 60hz 11 01 0 0 0 20 40 60 80 100 120 fig.3- typical reverse characteristics instantaneous reverse current ,ma percent of instantaneous reverse voltage,(%) 120 140 10 1.0 0.1 .01 .001 020406080100 t =100 c j o t= j 75 c o t= j 25 c o r ating and characteristic curves fig.2- maximum non - repetitive forward surge current 0.1 1.0 10 0.4 0.6 0.8 1.0 1.2 t=25c a o 40-45v 80-100v 150-200v 50-60v forward current, amperes forward voltage, volts fig.1- forward current derating curve case temperature, c o 20.0 16.0 8.0 0 4.0 12.0 0 20 40 60 80 100 120 140 160 180 average forward rectified current amperes =40v = 45-200v resistive or inductive load
page . 3 stad-dec.22.2008 mounting pad layout ? packing information t/r - 3k per 13" plastic reel order information legal statement copyright panjit international, inc 2009 the information presented in this document is believed to be accurate and reliable. the specifications and information herein are subject to change without notice. pan jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. pan jit products are not authorized for use in life support devices or systems. pan jit does not convey any license under its patent rights or rights of others.
|