Part Number Hot Search : 
SP706REN TA0174G P13005D1 BUW32PFI HM628 UFT40150 L2269 IH5151
Product Description
Full Text Search
 

To Download BD10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 stad-apr.30.2009 bd1040ct~bd10200ct preliminary features ? plastic package has underwriters laboratory flammability classification 94v-o  for through hole applications  low profile package  built-in strain relief  low power loss, high efficiency  high surge capacity  for use in low voltage high frequency inverters, free wheeling, and polarity protection applications  in compliance with eu rohs 2002/95/ec directives schottky barrier rectifiers .098(2.5) .032(0.8) .264(6.7) .09 .09 .216(5.5) .024(0.6) .071(1.8) .02(0.5) .225(5.7) .307(7.8) .063(1.6) .082(2.1) .012(0.3) .248(6.3) (2.3) (2.3) .200(5.1) .016(0.4) .051(1.3) .209(5.3) .283(7.2) .047(1.2) to-251ab unit:inch(mm) voltage 40 to 200 volts current 10.0 amperes mechanical data  case: to-251ab molded plastic  terminals: solder plated, solderable per mil-std-750,method 2026  polarity: as marking  weight: 0.0104 ounces, 0.297 grams. notes: both bonding and chip structure are available. maximum ratings ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% r e t e m a r a pl o b m y s t c 0 4 0 1 d bt c 5 4 0 1 d bt c 0 5 0 1 d bt c 0 6 0 1 d bt c 0 8 0 1 d bt c 0 9 0 1 d bt c 0 0 1 0 1 d bt c 0 5 1 0 1 d bt c 0 0 2 0 1 d b s t i n u e g a t l o v e s r e v e r k a e p t n e r r u c e r m u m i x a m v m r r 0 45 40 50 60 80 90 0 10 5 10 0 2v e g a t l o v s m r m u m i x a m v s m r 8 25 . 1 35 32 46 53 60 75 0 10 4 1v e g a t l o v g n i k c o l b c d m u m i x a m v c d 0 45 40 50 60 80 90 0 10 5 10 0 2v ) 1 e r u g i f e e s ( d r a w r o f e g a r e v a m u m i x a m i ) v a ( f 0 1a e v a w - e n i s f l a h e l g n i s s m 3 . 8 : t n e r r u c e g r u s d r a w r o f k a e p ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s i m s f 0 0 1a g e l r e p a 0 . 5 t a e g a t l o v d r a w r o f m u m i x a m v f 0 7 . 05 7 . 00 8 . 00 9 . 0v t t a t n e r r u c e s r e v e r c d m u m i x a m j 5 2 = o c t g a t l o v g n i k c o l b c d d e t a r j 0 0 1 = o c i r 5 0 . 0 0 2 a m c n a t s i s e r l a m r e h t l a c i p y te r c j 0 . 3 o / c w e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p o t j t , g t s 0 5 1 + o t 5 5 - 5 7 1 + o t 5 6 - o c
page . 2 stad-apr.30.2009 bd1040ct~bd10200ct preliminary fig.4- typical instantaneous forward characteristic 0.1 1.0 10 0.4 0.6 0.8 1.0 1.2 t=25c a o 40-45v 80-100v 150-200v 50-60v forward current, amperes forward voltage, volts peak forward surge current , amperes no. of cycle at 60hz 110100 0 20 40 60 80 100 120 fig.1- forward current derating curve fig.3- typical reverse characteristics instantaneous reverse current ,ma percent of instantaneous reverse voltage,(%) 120 140 10 1.0 0.1 .01 .001 020406080100 t =100 c j o t= j 75 c o t= j 25 c o case temperature, c o 20.0 16.0 8.0 0 4.0 12.0 0 20 40 60 80 100 120 140 160 180 average forward rectified current amperes =40v = 45-200v r ating and characteristic curves fig.2- maximum non - repetitive forward surge current resistive or inductive load


▲Up To Search▲   

 
Price & Availability of BD10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X