assmann electronics, inc. this drawing is unpublished ?copyright 2010 by assmann electronic components all international rights reserved 1840 w. drake drive, suite 101 ? tempe, az 85283 toll free: 1-877-277-6266 ? email: info@usa-assmann.com rohs compliant item no. title = assmann logo a-mcsp-80030/r-r cat.5e ftp patch cable - red, 3 meters, 8p8c, twisted pair, foil shielded material: ? conductor: - bare copper - ftp str 26awg*4p ? insulator: - thickness min. at any point: 0.15mm - thickness max. avg.: 0.25mm - diameter: 0.850.06mm ? jacket pvc: - thickness min. at any point: 0.50mm - thickness max. avg.: 0.60mm - diameter: 5.60.02mm insulation (hdpe) al-mylar type conductor jacket 3,000mm.02mm 3m
|