Part Number Hot Search : 
2SK3158 15000 HT895006 10180 CAT24WC IW4053BD MC339 A1275
Product Description
Full Text Search
 

To Download 74HC164D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74hc164; 74hct164 are high-speed si-gate cmos devices and are pin compatible with low power schottky ttl (lsttl). they are speci?ed in compliance with jedec standard no. 7a. the 74hc164; 74hct164 are 8-bit edge-triggered shift registers with serial data entry and an output from each of the eight stages. data is entered serially through one of two inputs (dsa or dsb); either input can be used as an active high enable for data entry through the other input. both inputs must be connected together or an unused input must be tied high. data shifts one place to the right on each low-to-high transition of the clock (cp) input and enters into q0, which is the logical and of the two data inputs (dsa and dsb) that existed one set-up time prior to the rising clock edge. a low level on the master reset ( mr) input overrides all other inputs and clears the register asynchronously, forcing all outputs low. 2. features n gated serial data inputs n asynchronous master reset n complies with jedec standard no. 7a n esd protection: u hbm eia/jesd22-a114-b exceeds 2000 v u mm eia/jesd22-a115-a exceeds 200 v. n multiple package options n speci?ed from - 40 c to +85 c and - 40 c to +125 c. 3. quick reference data 74hc164; 74hct164 8-bit serial-in, parallel-out shift register rev. 03 4 april 2005 product data sheet table 1: quick reference data gnd = 0 v; t amb = 25 c; t r = t f = 6 ns. symbol parameter conditions min typ max unit type 74hc164 t phl , t plh propagation delay cp to qn c l = 15 pf; v cc = 5 v -12-ns mr to qn c l = 15 pf; v cc = 5 v -11-ns
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 2 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register [1] c pd is used to determine the dynamic power dissipation (p d in m w). p d = c pd v cc 2 f i n + ? (c l v cc 2 f o ) where: f i = input frequency in mhz f o = output frequency in mhz n = number of inputs switching ? (c l v cc 2 f o ) = sum of outputs c l = output load capacitance in pf v cc = supply voltage in volts [2] for hc the condition is v i = gnd to v cc . [3] for hct the condition is v i = gnd to v cc - 1.5 v. 4. ordering information f max maximum clock frequency c l = 15 pf; v cc = 5 v - 78 - mhz c i input capacitance - 3.5 - pf c pd power dissipation capacitance per package [1] [2] -40-pf type 74hct164 t phl , t plh propagation delay cp to qn c l = 15 pf; v cc = 5 v -14-ns mr to qn c l = 15 pf; v cc = 5 v -16-ns f max maximum clock frequency c l = 15 pf; v cc = 5 v - 61 - mhz c i input capacitance - 3.5 - pf c pd power dissipation capacitance per package [1] [3] -40-pf table 1: quick reference data continued gnd = 0 v; t amb = 25 c; t r = t f = 6 ns. symbol parameter conditions min typ max unit table 2: ordering information type number package temperature range name description version 74hc164n - 40 c to +125 c dip14 plastic dual in-line package; 14 leads (300 mil) sot27-1 74HC164D - 40 c to +125 c so14 plastic small outline package; 14 leads; body width 3.9 mm; body thickness 1.47 mm sot108-2 74HC164Db - 40 c to +125 c ssop14 plastic shrink small outline package; 14 leads; body width 5.3 mm sot337-1 74hc164pw - 40 c to +125 c tssop14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 74hct164n - 40 c to +125 c dip14 plastic dual in-line package; 14 leads (300 mil) sot27-1 74hct164d - 40 c to +125 c so14 plastic small outline package; 14 leads; body width 3.9 mm; body thickness 1.47 mm sot108-2
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 3 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register 5. functional diagram 74hct164db - 40 c to +125 c ssop14 plastic shrink small outline package; 14 leads; body width 5.3 mm sot337-1 74hct164pw - 40 c to +125 c tssop14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 74hct164bq - 40 c to +125 c dhvqfn14 plastic dual in-line compatible thermal enhanced very thin quad ?at package; no leads; 14 terminals; body 2.5 3 0.85 mm sot762-1 table 2: ordering information continued type number package temperature range name description version fig 1. logic symbol fig 2. iec logic symbol fig 3. logic diagram 001aac423 3 1 2 4 5 6 10 11 12 13 8 9 q0 q1 q2 q3 q4 q5 q6 q7 cp dsb dsa mr 001aac424 9 8 & 3 1 2 4 5 6 10 11 13 12 r c1/ 1d srg8 001aac425 1 2 31013 6 412 511 8 9 q0 q1 q2 8-bit serial - in/parallel - out shift register q3 q4 q5 q6 q7 dsb cp mr dsa
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 4 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register 6. pinning information 6.1 pinning 6.2 pin description fig 4. functional diagram 001aac616 q0 d ff1 q cp r d cp dsb dsa mr q1 d ff2 q cp r d q2 d ff3 q cp r d q3 d ff4 q cp r d q4 d ff5 q cp r d q5 d ff6 q cp r d q6 d ff7 q cp r d q7 d ff8 q cp r d (1) the die substrate is attached to the exposed die pad using conductive die attach material. it can not be used as a supply pin of input. fig 5. pin con?guration dip14, so14, ssop14 and tssop14 fig 6. pin con?guration dhvqfn14 164 dsa v cc dsb q7 q0 q6 q1 q5 q2 q4 q3 mr gnd cp 001aac422 1 2 3 4 5 6 7 8 10 9 12 11 14 13 001aac828 164 gnd (1) transparent top view q3 mr q2 q4 q1 q5 q0 q6 dsb q7 gnd cp dsa v cc 6 9 5 10 4 11 3 12 2 13 7 8 1 14 terminal 1 index area table 3: pin description symbol pin description dsa 1 data input dsb 2 data input q0 3 output q1 4 output q2 5 output q3 6 output
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 5 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register 7. functional description 7.1 function selection [1] h = high voltage level h = high voltage level one set-up time prior to the low-to-high clock transition l = low voltage level i = low voltage level one set-up time prior to the low-to-high clock transition q = lower case letters indicate the state of the referenced input one set-up time prior to the low-to-high clock transition - = low-to-high clock transition 8. limiting values gnd 7 ground (0 v) cp 8 clock input (low-to-high, edge-triggered) mr 9 master reset input (active low) q4 10 output q5 11 output q6 12 output q7 13 output v cc 14 positive supply voltage table 3: pin description continued symbol pin description table 4: function table [1] operating modes input output mr cp dsa dsb q0 q1 to q7 reset (clear) l x x x l l to l shift h - l l l q0 to q6 h - l h l q0 to q6 h - h l l q0 to q6 h - h h h q0 to q6 table 5: limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +7 v i ik input diode current v i < - 0.5 v or v i >v cc + 0.5 v - 20 ma i ok output diode current v o < - 0.5 v or v o >v cc + 0.5 v - 20 ma i o output source or sink current v o = - 0.5 v to v cc + 0.5 v - 25 ma i cc , i gnd v cc or gnd current - 50 ma t stg storage temperature - 65 +150 c
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 6 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register [1] for dip14 packages: p tot derates linearly with 12 mw/k above 70 c. [2] for so14 packages: p tot derates linearly with 8 mw/k above 70 c. for ssop14 and tssop14 packages: p tot derates linearly with 5.5 mw/k above 60 c. for dhvqfn14 packages: p tot derates linearly with 4.5 mw/k above 60 c. 9. recommended operating conditions 10. static characteristics p tot total power dissipation dip14 package [1] - 750 mw so14; ssop14; tssop14; dhvqfn14 package [2] - 500 mw table 5: limiting values continued in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit table 6: recommended operating conditions symbol parameter conditions min typ max unit type 74hc164 v cc supply voltage 2.0 5.0 6.0 v v i input voltage 0 - v cc v v o output voltage 0 - v cc v t r , t f input rise and fall time v cc = 2.0 v - - 1000 ns v cc = 4.5 v - 6.0 500 ns v cc = 6.0 v - - 400 ns t amb ambient temperature - 40 - +125 c type 74hct164 v cc supply voltage 4.5 5.0 6.0 v v i input voltage 0 - v cc v v o output voltage 0 - v cc v t r , t f input rise and fall time v cc = 4.5 v - 6.0 500 ns t amb ambient temperature - 40 - +125 c table 7: static characteristics for 74hc164 at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb =25 c v ih high-level input voltage v cc = 2.0 v 1.5 1.2 - v v cc = 4.5 v 3.15 2.4 - v v cc = 6.0 v 4.2 3.2 - v
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 7 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register v il low-level input voltage v cc = 2.0 v - 0.8 0.5 v v cc = 4.5 v - 2.1 1.35 v v cc = 6.0 v - 2.8 1.8 v v oh high-level output voltage v i =v ih or v il i o = - 20 m a; v cc = 2.0 v 1.9 2.0 - v i o = - 20 m a; v cc = 4.5 v 4.4 4.5 - v i o = - 20 m a; v cc = 6.0 v 5.9 6.0 - v i o = - 4 ma; v cc = 4.5 v 3.98 4.32 - v i o = - 5.2 ma; v cc = 6.0 v 5.48 5.81 - v v ol low-level output voltage v i =v ih or v il i o =20 m a; v cc = 2.0 v - 0 0.1 v i o =20 m a; v cc = 4.5 v - 0 0.1 v i o =20 m a; v cc = 6.0 v - 0 0.1 v i o = 4 ma; v cc = 4.5 v - 0.15 0.26 v i o = 5.2 ma; v cc = 6.0 v - 0.16 0.26 v i li input leakage current v i =v cc or gnd; v cc = 6.0 v - - 0.1 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 6.0 v - - 8.0 m a c i input capacitance - 3.5 - pf t amb = - 40 c to +85 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 4.5 v 3.15 - - v v cc = 6.0 v 4.2 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 4.5 v - - 1.35 v v cc = 6.0 v - - 1.8 v v oh high-level output voltage v i =v ih or v il i o = - 20 m a; v cc = 2.0 v 1.9 - - v i o = - 20 m a; v cc = 4.5 v 4.4 - - v i o = - 20 m a; v cc = 6.0 v 5.9 - - v i o = - 4 ma; v cc = 4.5 v 3.84 - - v i o = - 5.2 ma; v cc = 6.0 v 5.34 - - v v ol low-level output voltage v i =v ih or v il i o =20 m a; v cc = 2.0 v - - 0.1 v i o =20 m a; v cc = 4.5 v - - 0.1 v i o =20 m a; v cc = 6.0 v - - 0.1 v i o = 4 ma; v cc = 4.5 v - - 0.33 v i o = 5.2 ma; v cc = 6.0 v - - 0.33 v i li input leakage current v i =v cc or gnd; v cc = 6.0 v - - 1.0 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 6.0 v --80 m a table 7: static characteristics for 74hc164 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 8 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register t amb = - 40 c to +125 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 4.5 v 3.15 - - v v cc = 6.0 v 4.2 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 4.5 v - - 1.35 v v cc = 6.0 v - - 1.8 v v oh high-level output voltage v i =v ih or v il - i o = - 20 m a; v cc = 2.0 v 1.9 - - v i o = - 20 m a; v cc = 4.5 v 4.4 - - v i o = - 20 m a; v cc = 6.0 v 5.9 - - v i o = - 4 ma; v cc = 4.5 v 3.7 - - v i o = - 5.2 ma; v cc = 6.0 v 5.2 - - v v ol low-level output voltage v i =v ih or v il - i o =20 m a; v cc = 2.0 v - - 0.1 v i o =20 m a; v cc = 4.5 v - - 0.1 v i o =20 m a; v cc = 6.0 v - - 0.1 v i o = 4 ma; v cc = 4.5 v - - 0.4 v i o = 5.2 ma; v cc = 6.0 v - - 0.4 v i li input leakage current v i =v cc or gnd; v cc = 6.0 v - - 1.0 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 6.0 v - - 160 m a table 7: static characteristics for 74hc164 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit table 8: static characteristics for 74hct164 at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb =25 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 1.6 - v v il low-level input voltage v cc = 4.5 v to 5.5 v - 1.2 0.8 v v oh high-level output voltage v i =v ih or v il i o = - 20 m a; v cc = 4.5 v 4.4 4.5 - v i o = - 4 ma; v cc = 4.5 v 3.98 4.32 - v v ol low-level output voltage v i =v ih or v il i o =20 m a; v cc = 4.5 v - 0 0.1 v i o = 4 ma; v cc = 4.5 v - 0.15 0.26 v i li input leakage current v i =v cc or gnd; v cc = 5.5 v - - 0.1 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 5.5 v - - 8.0 m a d i cc additional quiescent supply current per input pin v i =v cc - 2.1 v; other inputs v i =v cc or gnd; v cc = 4.5 v to 5.5 v; i o =0a - 100 360 m a c i input capacitance - 3.5 - pf
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 9 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register t amb = - 40 c to +85 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v v oh high-level output voltage v i =v ih or v il i o = - 20 m a; v cc = 4.5 v 4.4 - - v i o = - 4 ma; v cc = 4.5 v 3.84 - - v v ol low-level output voltage v i =v ih or v il i o =20 m a; v cc = 4.5 v - - 0.1 v i o = 4 ma; v cc = 4.5 v - - 0.33 v i li input leakage current v i =v cc or gnd; v cc = 5.5 v - - 1.0 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 5.5 v - - 80.0 m a d i cc additional quiescent supply current per input pin v i =v cc - 2.1 v; other inputs v i =v cc or gnd; v cc = 4.5 v to 5.5 v; i o =0a - - 450 m a t amb = - 40 c to +125 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v v oh high-level output voltage v i =v ih or v il i o = - 20 m a; v cc = 4.5 v 4.4 - - v i o = - 4 ma; v cc = 4.5 v 3.7 - - v v ol low-level output voltage v i =v ih or v il i o =20 m a; v cc = 4.5 v - - 0.1 v i o = 4 ma; v cc = 4.5 v - - 0.4 v i li input leakage current v i =v cc or gnd; v cc = 5.5 v - - 1.0 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 5.5 v - - 160.0 m a d i cc additional quiescent supply current per input pin v i =v cc - 2.1 v; other inputs v i =v cc or gnd; v cc = 4.5 v to 5.5 v; i o =0a - - 490 m a table 8: static characteristics for 74hct164 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 10 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register 11. dynamic characteristics table 9: dynamic characteristics for 74hc164 gnd = 0 v; t r = t f = 6 ns; c l = 50 pf; test circuit see figure 10 ; unless otherwise speci?ed symbol parameter conditions min typ max unit t amb = 25 c t phl , t plh propagation delay cp to qn see figure 7 v cc = 2.0 v - 41 170 ns v cc = 4.5 v - 15 34 ns v cc = 6.0 v - 12 29 ns t phl propagation delay mr to qn see figure 8 v cc = 2.0 v - 39 140 ns v cc = 4.5 v - 14 28 ns v cc = 6.0 v - 11 24 ns t thl , t tlh output transition time see figure 7 v cc = 2.0 v - 19 75 ns v cc = 4.5 v - 7 15 ns v cc = 6.0 v - 6 13 ns t w clock pulse width; high or low see figure 7 v cc = 2.0 v 80 14 - ns v cc = 4.5 v 16 5 - ns v cc = 6.0 v 14 4 - ns master reset pulse width; low see figure 8 v cc = 2.0 v 60 17 - ns v cc = 4.5 v 12 6 - ns v cc = 6.0 v 10 5 - ns t rem removal time mr to cp see figure 8 v cc = 2.0 v 60 17 - ns v cc = 4.5 v 12 6 - ns v cc = 6.0 v 10 5 - ns t su set-up time dsa, and dsb to cp see figure 9 v cc = 2.0 v 60 8 - ns v cc = 4.5 v 12 3 - ns v cc = 6.0 v 10 2 - ns t h hold time dsa and dsb to cp see figure 9 v cc = 2.0 v +4 - 6- ns v cc = 4.5 v +4 - 2- ns v cc = 6.0 v +4 - 2- ns f max maximum clock pulse frequency see figure 7 v cc = 2.0 v 6 23 - mhz v cc = 4.5 v 30 71 - mhz v cc = 6.0 v 35 85 - mhz
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 11 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register t amb = - 40 c to +85 c t phl , t plh propagation delay cp to qn see figure 7 v cc = 2.0 v - - 215 ns v cc = 4.5 v - - 43 ns v cc = 6.0 v - - 37 ns t phl propagation delay mr to qn see figure 8 v cc = 2.0 v - - 175 ns v cc = 4.5 v - - 35 ns v cc = 6.0 v - - 30 ns t thl , t tlh output transition time see figure 7 v cc = 2.0 v - - 95 ns v cc = 4.5 v - - 19 ns v cc = 6.0 v - - 16 ns t w clock pulse width; high or low see figure 7 v cc = 2.0 v 100 - - ns v cc = 4.5 v 20 - - ns v cc = 6.0 v 17 - - ns master reset pulse width; low see figure 8 v cc = 2.0 v 75 - - ns v cc = 4.5 v 15 - - ns v cc = 6.0 v 13 - - ns t rem removal time mr to cp see figure 8 v cc = 2.0 v 75 - - ns v cc = 4.5 v 15 - - ns v cc = 6.0 v 13 - - ns t su set-up time dsa and dsb to cp see figure 9 v cc = 2.0 v 75 - - ns v cc = 4.5 v 15 - - ns v cc = 6.0 v 13 - - ns t h hold time dsa and dsb to cp see figure 9 - v cc = 2.0 v 4 - - ns v cc = 4.5 v 4 - - ns v cc = 6.0 v 4 - - ns f max maximum clock pulse frequency see figure 7 v cc = 2.0 v 5 - - mhz v cc = 4.5 v 24 - - mhz v cc = 6.0 v 28 - - mhz table 9: dynamic characteristics for 74hc164 continued gnd = 0 v; t r = t f = 6 ns; c l = 50 pf; test circuit see figure 10 ; unless otherwise speci?ed symbol parameter conditions min typ max unit
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 12 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register t amb = - 40 c to +125 c t phl , t plh propagation delay cp to qn see figure 7 v cc = 2.0 v - - 255 ns v cc = 4.5 v - - 51 ns v cc = 6.0 v - - 43 ns t phl propagation delay mr to qn see figure 7 v cc = 2.0 v - - 210 ns v cc = 4.5 v - - 42 ns v cc = 6.0 v - - 36 ns t thl , t tlh output transition time see figure 7 v cc = 2.0 v - - 110 ns v cc = 4.5 v - - 22 ns v cc = 6.0 v - - 19 ns t w clock pulse width; high or low see figure 7 v cc = 2.0 v 120 - - ns v cc = 4.5 v 24 - - ns v cc = 6.0 v 20 - - ns master reset pulse width; low see figure 7 v cc = 2.0 v 90 - - ns v cc = 4.5 v 18 - - ns v cc = 6.0 v 15 - - ns t rem removal time mr to cp see figure 8 v cc = 2.0 v 90 - - ns v cc = 4.5 v 18 - - ns v cc = 6.0 v 15 - - ns t su set-up time dsa and dsb to cp see figure 9 v cc = 2.0 v 90 - - ns v cc = 4.5 v 18 - - ns v cc = 6.0 v 15 - - ns t h hold time dsa and dsb to cp see figure 9 v cc = 2.0 v 4 - - ns v cc = 4.5 v 4 - - ns v cc = 6.0 v 4 - - ns f max maximum clock pulse frequency see figure 7 v cc = 2.0 v 4 - - mhz v cc = 4.5 v 20 - - mhz v cc = 6.0 v 24 - - mhz table 9: dynamic characteristics for 74hc164 continued gnd = 0 v; t r = t f = 6 ns; c l = 50 pf; test circuit see figure 10 ; unless otherwise speci?ed symbol parameter conditions min typ max unit
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 13 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register table 10: dynamic characteristics for 74hct164 gnd = 0 v; t r = t f = 6 ns; c l = 50 pf; test circuit see figure 10 ; unless otherwise speci?ed symbol parameter conditions min typ max unit t amb = 25 c t phl , t plh propagation delay cp to qn v cc = 4.5 v; see figure 7 - 1736ns t phl propagation delay mr to qn v cc = 4.5 v; see figure 8 - 1938ns t thl , t tlh output transition time v cc = 4.5 v; see figure 7 - 7 15 ns t w clock pulse width; high or low v cc = 4.5 v; see figure 7 18 7 - ns master reset pulse width; low v cc = 4.5 v; see figure 8 18 10 - ns t rem removal time mr to cp v cc = 4.5 v; see figure 8 16 7 - ns t su set-up time dsa, and dsb to cp v cc = 4.5 v; see figure 9 12 6 - ns t h hold time dsa, and dsb to cp v cc = 4.5 v; see figure 9 +4 - 2- ns f max maximum clock pulse frequency v cc = 4.5 v; see figure 7 27 55 - mhz t amb = - 40 c to +85 c t phl , t plh propagation delay cp to qn v cc = 4.5 v; see figure 7 --45ns t phl propagation delay mr to qn v cc = 4.5 v; see figure 8 --48ns t thl , t tlh output transition time v cc = 4.5 v; see figure 7 --19ns t w clock pulse width; high or low v cc = 4.5 v; see figure 7 23--ns master reset pulse width; low v cc = 4.5 v; see figure 8 23--ns t rem removal time mr to cp v cc = 4.5 v; see figure 8 20--ns t su set-up time dsa, and dsb to cp v cc = 4.5 v; see figure 9 15--ns t h hold time dsa, and dsb to cp v cc = 4.5 v; see figure 9 4--ns f max maximum clock pulse frequency v cc = 4.5 v; see figure 7 22 - - mhz t amb = - 40 c to +125 c t phl , t plh propagation delay cp to qn v cc = 4.5 v; see figure 7 --54ns t phl propagation delay mr to qn v cc = 4.5 v; see figure 8 --57ns t thl , t tlh output transition time v cc = 4.5 v; see figure 7 --22ns
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 14 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register t w clock pulse width; high or low v cc = 4.5 v; see figure 7 27--ns master reset pulse width; low v cc = 4.5 v; see figure 8 27--ns t rem removal time mr to cp v cc = 4.5 v; see figure 8 24--ns t su set-up time dsa and dsb to cp v cc = 4.5 v; see figure 9 18--ns t h hold time dsa and dsb to cp v cc = 4.5 v; see figure 9 4--ns f max maximum clock pulse frequency v cc = 4.5 v; see figure 7 18 - - mhz (1) 74hc164: v m = 50 %; v i = gnd to v cc . 74hct164: v m = 1.3 v; v i = gnd to 3 v. fig 7. waveforms showing the clock (cp) to output (qn) propagation delays, the clock pulse width, the output transition times and the maximum clock frequency table 10: dynamic characteristics for 74hct164 continued gnd = 0 v; t r = t f = 6 ns; c l = 50 pf; test circuit see figure 10 ; unless otherwise speci?ed symbol parameter conditions min typ max unit 001aac426 cp input qn output t phl t plh t w v oh v i gnd v ol v m v m 1/f max
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 15 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register (1) 74hc164: v m = 50 %; v i = gnd to v cc . 74hct164: v m = 1.3 v; v i = gnd to 3 v. fig 8. waveforms showing the master reset ( mr) pulse width, the master reset to output (qn) propagation delays and the master reset to clock (cp) removal time (1) 74hc164: v m = 50 %; v i = gnd to v cc . 74hct164: v m = 1.3 v; v i = gnd to 3 v. the shaded areas indicate when the input is permitted to change for predictable output performance. fig 9. waveforms showing the data set-up and hold times for dn inputs 001aac427 mr input cp input qn output t phl t w t rem v m v i gnd v i v oh v ol gnd v m v m 001aac428 gnd gnd t h t su t h t su v m v m v m v i v oh v ol v i qn output cp input dn input
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 16 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register de?nitions test circuit. r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. fig 10. load circuitry for switching times mna101 v cc v i v o r t c l pulse generator d.u.t.
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 17 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register 12. package outline fig 11. package outline sot27-1 (dip14) unit a max. 1 2 (1) (1) b 1 cd (1) z ee m h l references outline version european projection issue date iec jedec jeita mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot27-1 99-12-27 03-02-13 a min. a max. b max. w m e e 1 1.73 1.13 0.53 0.38 0.36 0.23 19.50 18.55 6.48 6.20 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 2.2 4.2 0.51 3.2 0.068 0.044 0.021 0.015 0.77 0.73 0.014 0.009 0.26 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.087 0.17 0.02 0.13 050g04 mo-001 sc-501-14 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 14 1 8 7 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. dip14: plastic dual in-line package; 14 leads (300 mil) sot27-1
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 18 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register fig 12. package outline sot108-2 (so14) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p z y w v q references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.55 1.40 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot108-2 x w m q a a 1 a 2 b p d h e l p detail x e z e c l v m a (a ) 3 a 7 8 1 14 y ms-012 pin 1 index 0.069 0.010 0.004 0.061 0.055 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 01-05-29 03-02-19 0 2.5 5 mm scale so14: plastic small outline package; 14 leads; body width 3.9 mm; body thickness 1.47 mm sot108-2
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 19 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register fig 13. package outline sot337-1 (ssop14) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.25 0.38 0.25 0.20 0.09 6.4 6.0 5.4 5.2 0.65 1.25 0.2 7.9 7.6 1.03 0.63 0.9 0.7 1.4 0.9 8 0 o o 0.13 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot337-1 99-12-27 03-02-19 (1) w m b p d h e e z e c v m a x a y 1 7 14 8 q a a 1 a 2 l p q detail x l (a ) 3 mo-150 pin 1 index 0 2.5 5 mm scale ssop14: plastic shrink small outline package; 14 leads; body width 5.3 mm sot337-1 a max. 2
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 20 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register fig 14. package outline sot402-1 (tssop14) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.72 0.38 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot402-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 17 14 8 q a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 a max. 1.1 pin 1 index
philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register 9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 21 of 24 fig 15. package outline sot762-1 (dhvqfn14) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.1 2.9 d h 1.65 1.35 y 1 2.6 2.4 1.15 0.85 e 1 2 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot762-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot762-1 dhvqfn14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 x 3 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 26 13 9 8 7 1 14 x d e c b a 02-10-17 03-01-27 terminal 1 index area a c c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1)
9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 22 of 24 philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register 13. revision history table 11: revision history document id release date data sheet status change notice doc. number supersedes 74hc_hct164_3 20050404 product data sheet - 9397 750 14693 74hc_hct164_ cnv_2 modi?cations: ? the format of this data sheet is redesigned to comply with the current presentation and information standard of philips semiconductors ? added sot762-1 and ordering information 74hc_hct164_cnv_2 19901201 product speci?cation - - -
philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register 9397 750 14693 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 4 april 2005 23 of 24 14. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 15. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 16. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 17. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com level data sheet status [1] product status [2] [3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2005 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 4 april 2005 document number: 9397 750 14693 published in the netherlands philips semiconductors 74hc164; 74hct164 8-bit serial-in, parallel-out shift register 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 quick reference data . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 functional description . . . . . . . . . . . . . . . . . . . 5 7.1 function selection. . . . . . . . . . . . . . . . . . . . . . . 5 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 9 recommended operating conditions. . . . . . . . 6 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 11 dynamic characteristics . . . . . . . . . . . . . . . . . 10 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 17 13 revision history . . . . . . . . . . . . . . . . . . . . . . . . 22 14 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 23 15 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 16 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 17 contact information . . . . . . . . . . . . . . . . . . . . 23


▲Up To Search▲   

 
Price & Availability of 74HC164D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X